Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPR20-2405S Datasheet(PDF) 1 Page - Recom International Power

Part # RPR20-2405S
Description  Railway-Converter with 3 year Warranty
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPR20-2405S Datasheet(HTML) 1 Page - Recom International Power

  RPR20-2405S Datasheet HTML 1Page - Recom International Power RPR20-2405S Datasheet HTML 2Page - Recom International Power RPR20-2405S Datasheet HTML 3Page - Recom International Power RPR20-2405S Datasheet HTML 4Page - Recom International Power RPR20-2405S Datasheet HTML 5Page - Recom International Power RPR20-2405S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
POWERLINE+
Railway-Converter
with 3 year Warranty
RPR20
www.recom-international.com
RPR-1
REV:2/2012
20 Watt
Single &
Dual Output
G
Tx Temperature Range without Derating
G
120°C Maximum Case Temperature
G
-45°C Minimum Operating Temperature
G
EN 50155 Compliant
G
EN 50121-3-2 Compliant
G
CE Marked
G
24, 48 and 110VDC Input Ranges
G
Six Sided Shielded Enclosure
G
Flat, Ribbed or Baseplate Case Styles
G
Efficiency to >89%
G
Isolated and Fully Protected Outputs
G
Low Quiescent Current
Features
ICE
Technology*
Selection Guide 24V, 48V and 110V Input Types
Part Number
Nominal
Nom. Input
Lockout
Output
Output
Input
Range
Voltage
Voltage
Current
VDC
VDC
VDC
VDC
mA
RPR20-243.3S**
24
12-36V
8.5V
3.3
6000
RPR20-2405S**
24
12-36V
8.5V
5
4000
RPR20-2412S**
24
12-36V
8.5V
12
1666
RPR20-2415S**
24
12-36V
8.5V
15
1333
RPR20-2424S**
24
12-36V
8.5V
24
830
RPR20-483.3S**
48
25-75
17.5
3.3
6000
RPR20-4805S**
48
25-75
17.5
5
4000
RPR20-4812S**
48
25-75
17.5
12
1666
RPR20-4815S**
48
25-75
17.5
15
1333
RPR20-4824S**
48
25-75
17.5
24
830
RPR20-1103.3S**
110
40-160
36
3.3
6000
RPR20-11005S**
110
40-160
36
5
4000
RPR20-11012S**
110
40-160
36
12
1666
RPR20-11015S**
110
40-160
36
15
1333
RPR20-11024S**
110
40-160
36
24
830
RPR20-2412D**
24
12-36V
8.5V
±12
±833
RPR20-2415D**
24
12-36V
8.5V
±15
±666
RPR20-2424D**
24
12-36V
8.5V
±24
±416
RPR20-4812D**
48
25-75
17.5
±12
±833
RPR20-4815D**
48
25-75
17.5
±15
±666
RPR20-4824D**
48
25-75
17.5
±24
±416
RPR20-11012D**
110
40-160
36
±12
±833
RPR20-11015D**
110
40-160
36
±15
±666
RPR20-11024D**
110
40-160
36
±24
±416
** add suffix “-F“ for low profile Flat case or “-B“ for Baseplate case and no suffix is the Ribbed case.
add “1“ before suffix for neg. CTRL logic e.g. -1, -1B, -1F, etc.
Description
RoHS
2002/95/EC
6/6
EN-50155 Certified
EN-60950-1 Certified
The RPR20 series DC/DC converters are designed for railway rolling stock applications.
Besides covering all the input voltages from 24VDC up to 110VDC, the converters have a
very wide operating temperature range of -45°C to +85°C without derating. Although the
case size is very compact, the converter contains a built-in EMI filter, so no active external
filter components are required. The RPR20 is available in three case styles: a low profile flat
top case, a ribbed case with a built-in heatsink and the baseplate case for high vibration or
bulkhead mounting applications. They are EN 50155 and EN 50121-3-2 compliant.
* ICE Technology
ICE (Innovation in Converter
Excellence) uses state-of-
the-art techniques to
minimise internal power
dissipation and to increase
the internal temperature
limits to extend the am-
bient operating temperature
range to the maximum.
Refer to Application Notes


Similar Part No. - RPR20-2405S

ManufacturerPart #DatasheetDescription
logo
ITT Industries
RPR24A-01KT ITT-RPR24A-01KT Datasheet
3Mb / 8P
   RPR Series EN4165-Style Interconnect Solutions for Commercial Aerospace
RPR24B-01KT ITT-RPR24B-01KT Datasheet
3Mb / 8P
   RPR Series EN4165-Style Interconnect Solutions for Commercial Aerospace
RPR24C-01KT ITT-RPR24C-01KT Datasheet
3Mb / 8P
   RPR Series EN4165-Style Interconnect Solutions for Commercial Aerospace
RPR24D-01KT ITT-RPR24D-01KT Datasheet
3Mb / 8P
   RPR Series EN4165-Style Interconnect Solutions for Commercial Aerospace
RPR24N-01KT ITT-RPR24N-01KT Datasheet
3Mb / 8P
   RPR Series EN4165-Style Interconnect Solutions for Commercial Aerospace
More results

Similar Description - RPR20-2405S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC04 RECOM-RAC04 Datasheet
571Kb / 3P
   AC/DC-Converter with 3 year Warranty
RACD30 RECOM-RACD30 Datasheet
101Kb / 2P
   AC/DC-Converter with 5 year Warranty
RACD25-500P RECOM-RACD25-500P Datasheet
93Kb / 2P
   AC/DC-Converter with 5 year Warranty
RACD12-350_1103 RECOM-RACD12-350_1103 Datasheet
93Kb / 2P
   AC/DC-Converter with 5 year Warranty
RACD20-D RECOM-RACD20-D Datasheet
90Kb / 2P
   AC/DC-Converter with 5 year Warranty
logo
Artesyn Technologies
AYA ARTESYN-AYA Datasheet
454Kb / 3P
   Three year product warranty
logo
ETA-USA
ZMP-SX-F-W-D ETA-USA-ZMP-SX-F-W-D Datasheet
2Mb / 5P
   500W 2 year warranty
logo
Fujitsu Component Limit...
ASU9RLF FUJITSU-ASU9RLF Datasheet
64Kb / 1P
   Seven year compressor warranty
logo
Recom International Pow...
RACM40 RECOM-RACM40 Datasheet
585Kb / 6P
   Long 5 Year Warranty
RACM100 RECOM-RACM100 Datasheet
575Kb / 5P
   Long 5 Year Warranty
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com