Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV125ATDBRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LV125ATDBRG4
Description  QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV125ATDBRG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LV125ATDBRG4 Datasheet HTML 1Page - Texas Instruments SN74LV125ATDBRG4 Datasheet HTML 2Page - Texas Instruments SN74LV125ATDBRG4 Datasheet HTML 3Page - Texas Instruments SN74LV125ATDBRG4 Datasheet HTML 4Page - Texas Instruments SN74LV125ATDBRG4 Datasheet HTML 5Page - Texas Instruments SN74LV125ATDBRG4 Datasheet HTML 6Page - Texas Instruments SN74LV125ATDBRG4 Datasheet HTML 7Page - Texas Instruments SN74LV125ATDBRG4 Datasheet HTML 8Page - Texas Instruments SN74LV125ATDBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ti.com
Recommended Operating Conditions
(1)
Electrical Characteristics
Switching Characteristics
SN74LV125AT
QUADRUPLE BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SCES629A – MAY 2005 – REVISED AUGUST 2005
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
V
VIH
High-level input voltage
VCC = 4.5 V to 5.5 V
2
V
VIL
Low-level input voltage
VCC = 4.5 V to 5.5 V
0.8
V
VI
Input voltage
0
5.5
V
High or low state
0
VCC
VO
Output voltage
V
3-state
0
5.5
IOH
High-level output current
VCC = 4.5 V to 5.5 V
–16
mA
IOL
Low-level output current
VCC = 4.5 V to 5.5 V
16
mA
∆t/∆v
Input transition rise or fall rate
VCC = 4.5 V to 5.5 V
20
ns/V
TA
Operating free-air temperature
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
over recommended operating free-air temperature range (unless otherwise noted)
TA = –40°C
TA = –40°C
TA = 25°C
to 85
°C
to 125
°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
IOH = –50 µA
4.5 V
4.4
4.5
4.4
4.4
VOH
V
IOH = –16 mA
4.5 V
3.8
3.8
3.8
IOL = 50 µA
4.5 V
0
0.1
0.1
0.1
VOL
V
IOL = 16 mA
4.5 V
0.55
0.55
0.55
II
VI = 5.5 V or GND
0 to 5.5 V
±0.1
±1
±1
µA
IOZ
VO = VCC or GND
5.5 V
±0.25
±2.5
±2.5
µA
ICC
VI = VCC or GND, IO = 0
5.5 V
2
20
20
µA
One input at 3.4 V,
∆I
CC
(1)
5.5 V
1.35
1.5
1.5
mA
Other inputs at VCC or GND
Ioff
VI or VO = 0 to 5.5 V
0
0.5
5
5
µA
Ci
VI = VCC or GND
2
pF
(1)
This is the increase in supply current for each input at one of the specified TTL voltage levels, rather than 0 V or VCC.
over recommended operating free-air temperature range, V
CC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
TA = –40°C
TA = –40°C
TA = 25°C
FROM
TO
LOAD
to 85
°C
to 125
°C
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
CL = 15 pF
1.9
3.8
5.5
1
6.5
1
8.5
ns
ten
OE
Y
CL = 15 pF
2
3.6
5.1
1
6
1
7.5
ns
tdis
OE
Y
CL = 15 pF
1.5
3.2
6.8
1
8
1
10
ns
tpd
A
Y
CL = 50 pF
2.9
5.3
7.5
1
8.5
1
10.5
ns
ten
OE
Y
CL = 50 pF
2.8
5.1
7.1
1
8
1
9.5
ns
tdis
OE
Y
CL = 50 pF
2.8
6.1
8.8
1
10
1
10
ns
tsk(o)
CL = 50 pF
1
1
1
ns
3


Similar Part No. - SN74LV125ATDBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV125A TI-SN74LV125A Datasheet
129Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV125A TI-SN74LV125A Datasheet
806Kb / 19P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES
SN74LV125A TI-SN74LV125A Datasheet
779Kb / 21P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125AD TI-SN74LV125AD Datasheet
129Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LV125ATDBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G126A POTATO-PO74G126A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC125 TI-SN74AUC125 Datasheet
170Kb / 9P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A-EP TI1-SN74LVC125A-EP Datasheet
530Kb / 12P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A TI-SN74LVC125A_07 Datasheet
1Mb / 46P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74ABT125Q-Q1 TI1-SN74ABT125Q-Q1 Datasheet
152Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC126A-Q1 TI1-SN74LVC126A-Q1 Datasheet
227Kb / 10P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74F126 TI-SN74F126 Datasheet
66Kb / 5P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com