Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3VM-81GR Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G3VM-81GR
Description  MOS FET Relay Selection Guide
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-81GR Datasheet(HTML) 3 Page - Omron Electronics LLC

  G3VM-81GR Datasheet HTML 1Page - Omron Electronics LLC G3VM-81GR Datasheet HTML 2Page - Omron Electronics LLC G3VM-81GR Datasheet HTML 3Page - Omron Electronics LLC G3VM-81GR Datasheet HTML 4Page - Omron Electronics LLC G3VM-81GR Datasheet HTML 5Page - Omron Electronics LLC G3VM-81GR Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MOS FET Relay
Selection Guide
7
■ Normally Closed Relays
■ SPST-NO/SPST-NC Relays
Model Number Structure
■ G3VM Model Number Legend
Note: 1. The letter "I" is not used because it may be confused with the number "1."
2. For 4-pin SOP models, where the available marking space is insufficient to clearly
differentiate model numbers with 6 or more suffix digits, the package type code (3) is omitted.
Load voltage
350 V
Load voltage
350 V
Number of terminals
4
6
Number of terminals
8
SPST-NC
Through
hole
G3VM-353A
G3VM-353A1
G3VM-353B
G3VM-353B1
DPST-NC
Through
hole
G3VM-354C
G3VM-354C1
SMT
G3VM-353D
G3VM-353D1
G3VM-353E
G3VM-353E1
SMT
G3VM-354F
G3VM-354F1
SOP
G3VM-353G
G3VM-353G1
G3VM-353H
G3VM-353H1
SOP
G3VM-354J
G3VM-354J1
Load voltage
350 V
Number of terminals
8
SPST-NO/
SPST-NC
Through
hole
G3VM-355C
G3VM-355CR
SMT
G3VM-355F
G3VM-355FR
SOP
G3VM-355J
G3VM-355JR
1
23
4
5
G3VM-
@@ @ @ @ @
1. Load Voltage
2:
20 V
4:
40 V
6:
60 V
8:
80 V
10:
100 V
20:
200 V
25:
250 V
35:
350 V
40:
400 V
60:
600 V
2. Contact Form
1:
SPST-NO
2:
DPST-NO
3:
SPST-NC
4:
DPST-NC
5:
SPST-NO/SPST-NC
6:
Other form
3. Package Type
A:
4-pin DIP
B:
6-pin DIP
C:
8-pin DIP
D:
4-pin SMD
E:
6-pin SMD
F:
8-pin SMD
G:
4-pin SOP
H:
6-pin SOP
J:
8-pin SOP
K:
18-pin SOP
L:
4-pin SSOP
4. Additional Functions
L:
Current limit
M:
Basic multifunction
N:
Multifunction without
diode
O:
Single input LED
P:
Special pin arrangement
Q:
Multfunction with
current limiter
R:
Low ON-resistance
S:
Slow ON/OFF
T:
Multifunction with current
limiter and without diode
Y:
Dielectric strength
between I/O above 2.5 kV
5. Other Information
When specifications
overlap, serial code
is added in the
recorded order.
Note: Some products may have a different model number structure.


Similar Part No. - G3VM-81GR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-81GR OMRON-G3VM-81GR Datasheet
363Kb / 6P
   MOS FET Relays
G3VM-81GR1 OMRON-G3VM-81GR1 Datasheet
378Kb / 6P
   MOS FET Relays
G3VM-81GR1TR OMRON-G3VM-81GR1TR Datasheet
378Kb / 6P
   MOS FET Relays
G3VM-81GRTR OMRON-G3VM-81GRTR Datasheet
363Kb / 6P
   MOS FET Relays
More results

Similar Description - G3VM-81GR

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
Omron Electronics LLC
G3VM-S1 OMRON-G3VM-S1 Datasheet
77Kb / 8P
   MOS FET Relay
G3VM-SY OMRON-G3VM-SY Datasheet
42Kb / 3P
   MOS FET Relay
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com