Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPR50-2405S Datasheet(PDF) 4 Page - Recom International Power

Part # RPR50-2405S
Description  50 Watt Single & Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPR50-2405S Datasheet(HTML) 4 Page - Recom International Power

  RPR50-2405S Datasheet HTML 1Page - Recom International Power RPR50-2405S Datasheet HTML 2Page - Recom International Power RPR50-2405S Datasheet HTML 3Page - Recom International Power RPR50-2405S Datasheet HTML 4Page - Recom International Power RPR50-2405S Datasheet HTML 5Page - Recom International Power RPR50-2405S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RPR-34
www.recom-electronic.com
REV: 2/2012
POWERLINE+
DC/DC-Converter
RPR50-S_D
Series
Typical Application Circuit
Vin+
UR1
Vin-
C1
C2
D1
L1
DUT
Load
C9
C8
EN50155 / NF F 01-510 Input Filter
Notes :
1. The ON/OFF pin voltage is referenced to negative input. The pin is pulled high internally.
ON/OFF control is standard with positive logic: e.g. RPR20-2405S, RPR20-4805D-B.
Add “1” before the suffix for negative logic: e.g. RPR20-2405S-1, RPR20-11005D-1B.
Positive logic: 0= OFF, 1 = ON. The converter will be ON if the CTRL is left open.
Negative logic: 1 = OFF, 0 = ON. The converter will be OFF if the CTRL is left open..
2. To ensure a good all-round electrical contact, the baseplate is pressed firmly into place within the aluminium housing.The hydraulic
press can leave tooling marks and deformations to both the housing and baseplate. The case is anodised aluminium, so there will be
natural variations in the case colour and the aluminium is not scratch resistant. Any resultant marks, scratches and colour varations are
cosmetic only and do not affect the operation or performance of the converters.
3. The converter is supplied with a protective adhesive tape to keep the top surface clean. The tape is heat resistant and the converter can
be soldered into place without removing the tape. The tape should be removed just before final installation.
Table
Module
Standard
UR1
D1
C1
L1
C2
C8,C9
24V
EN55011 Class A
MOV
14D361K
100V/3A
685pF/50V
550µH±20%
680uF/250V 472pF/3kV
48V
EN55011 Class A
MOV
14D361K
100V/3A
225pF/100V
550µH±20%
680uF/250V 472pF/3kV
110V
EN55011 Class A
MOV
14D361K
100V/3A
474pF/250V 1200µH±20% 680uF/250V 472pF/3kV


Similar Part No. - RPR50-2405S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPR50-11005S-B RECOM-RPR50-11005S-B Datasheet
615Kb / 6P
   50 Watt 4:1 Baseplate Style Single Output
RPR50-11012S-B RECOM-RPR50-11012S-B Datasheet
615Kb / 6P
   50 Watt 4:1 Baseplate Style Single Output
RPR50-11024S-B RECOM-RPR50-11024S-B Datasheet
615Kb / 6P
   50 Watt 4:1 Baseplate Style Single Output
More results

Similar Description - RPR50-2405S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP50-241.8S RECOM-RP50-241.8S_06 Datasheet
80Kb / 4P
   50 Watt Single Output
RP50-241.8S RECOM-RP50-241.8S Datasheet
95Kb / 4P
   50 Watt Single Output
RP50-481.8SB RECOM-RP50-481.8SB Datasheet
97Kb / 4P
   50 Watt Single Output
RPP40 RECOM-RPP40 Datasheet
152Kb / 4P
   40/50 Watt Single Output
logo
ETA-USA
WRB24FWX-O ETA-USA-WRB24FWX-O Datasheet
1Mb / 4P
   50 Watt AC/DC Dual Output
logo
Recom International Pow...
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RAC06-C RECOM-RAC06-C Datasheet
82Kb / 2P
   6 Watt Single/Dual Output
RP10-AW RECOM-RP10-AW Datasheet
521Kb / 7P
   10 Watt Single & Dual Output
RP15-F RECOM-RP15-F Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
RAC05-3.3SA RECOM-RAC05-3.3SA Datasheet
87Kb / 2P
   5 Watt Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com