Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPR30-11024S Datasheet(PDF) 2 Page - Recom International Power

Part # RPR30-11024S
Description  30 Watt Single & Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPR30-11024S Datasheet(HTML) 2 Page - Recom International Power

  RPR30-11024S Datasheet HTML 1Page - Recom International Power RPR30-11024S Datasheet HTML 2Page - Recom International Power RPR30-11024S Datasheet HTML 3Page - Recom International Power RPR30-11024S Datasheet HTML 4Page - Recom International Power RPR30-11024S Datasheet HTML 5Page - Recom International Power RPR30-11024S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RPR-12
www.recom-electronic.com
REV: 2/2012
Specifications (typical at nominal input and 25°C unless otherwise noted)
Input Voltage Range (continuous)
complies with EN50155 and NFF 01-510 (Un=24V)
12-36VDC
complies with EN50155 and NFF 01-510 (Un=48V)
25-75VDC
complies with EN50155 and NFF 01-510 (Un=72V, 96V &110V)
40-160VDC
Low Transient operating voltage (100ms)
complies with EN50155 and NFF 01-510
Un x 0.5
High Transient operating voltage (1 second)
complies with EN50155 and NFF 01-510
Un x 1.6
Allowed Input Ripple
complies with EN50155
15%
Input Reflected Ripple
nominal Vin and full load
20mAp-p
Supply Interruption (Perf. Criteria B)
according to EN50155, 5.1.1.2
Class S2
according to EN50155, 5.1.3
Class C2
Start Up Time
nominal Vin and constant resistive load
2ms typ., 5ms max.
Remote ON/OFF (1)
Logic High
Open or 3.0V < Vr < 5.5V
Logic Low
Short or 0V < Vr < 1.2V
Remote OFF input current
Nominal input
2mA typ.
Output Voltage Accuracy
50% Load and nominal Vin
±1.5%
Voltage Adjustability
Single Output only
±10%
Minimum Load
0%
Line Regulation
low line, high line at full load
±0.3%
Load Regulation
10% to 100% full load
±0.5%
Cross Regulation (10% <> 100% Load)
Dual Outputs only
3% typ. / 5% max.
Ripple and Noise (20MHz bandwith limited)
(measured with 1µF capacitor across outputs)
1% Vout typ. / 3% max.
Temperature Coefficient
±0.04%/°C max.
Transient Response
25% load step change
800µs
Over Load Protection
% of full load at nominal Vin
120% typ.
Short Circuit Protection
Current limit, automatic recovery
Output Over Voltage Protection
Single Output
Converter shutdown if Vout > Vout nominal + 20%
Dual Output
Converter shutdown if Vout > Vout nominal + 10%
Isolation Voltage
According to EN50155 12.2.9.2
Tested at 1500VAC/1 minute
Isolation Resistance
According to EN50155 12.2.9.1
10M
W
min.
Isolation Capacitance
1500pF max.
Operating Frequency
260kHz ± 40kHz
Operating Temperature Range (Tx)
complies with EN50155: 4.1.2 and EN50125-1
-45°C to +85°C
(Ambient Air, Free Convection)
with derating
-45°C to +100°C
Maximum Case Temperature
+120°C
Over Temperature Protection
internal thermistor
Storage Temperature Range
-55°C to +125°C
Relative Humidity
5% to 95% RH
Case Material (2)
Aluminium
continued on next page
POWERLINE+
DC/DC-Converter
RPR30-S_D
Series
Railway Input Voltage Requirements
Nominal
Input
Voltage
EN50155
NF F 01-510
RPR30
Input Range Min. Input
(0.1s)
Max Input
(1s)
Input Range Min. Input
(0.1s)
Max Input
(1s)
Input Range Min. Input
(0.1s)
Max Input
(1s)
24V
16.8~30V
14.4V
33.6V
18~34V
12V
40V
12~36V
9V
40V
48V
33.6~60V
28.8V
67.2V
25~75V
18V
80V
72V
50.4~90V
43.2V
100.8V
50~90V
36V
115V
40~160V
36V
176V
96V
67.2~120V
57.6V
134.4V
40~160V
36V
176V
110V
77~137.5V
66V
154V
77~137V
55V
176V
40~160V
36V
176V


Similar Part No. - RPR30-11024S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPR30-11024S-B RECOM-RPR30-11024S-B Datasheet
615Kb / 6P
   30 Watt 4:1 Baseplate Style Single Output
More results

Similar Description - RPR30-11024S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
RP30-F RECOM-RP30-F Datasheet
562Kb / 8P
   30 Watt Single & Dual Output
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com