Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV138ATPWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV138ATPWR
Description  3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV138ATPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LV138ATPWR Datasheet HTML 2Page - Texas Instruments SN74LV138ATPWR Datasheet HTML 3Page - Texas Instruments SN74LV138ATPWR Datasheet HTML 4Page - Texas Instruments SN74LV138ATPWR Datasheet HTML 5Page - Texas Instruments SN74LV138ATPWR Datasheet HTML 6Page - Texas Instruments SN74LV138ATPWR Datasheet HTML 7Page - Texas Instruments SN74LV138ATPWR Datasheet HTML 8Page - Texas Instruments SN74LV138ATPWR Datasheet HTML 9Page - Texas Instruments SN74LV138ATPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
50% VCC
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
3 V
0 V
50% VCC
50% VCC
Input
Out-of-Phase
Output
In-Phase
Output
Timing Input
50% VCC
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
Output
Control
Output
Waveform 1
S1 at VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
50% VCC
VOL + 0.3 V
50% VCC
≈0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open Drain
Open
VCC
GND
VCC
TEST
S1
3 V
0 V
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT FOR
3-STATE AND OPEN-DRAIN OUTPUTS
S1
VCC
RL = 1 kΩ
GND
From Output
Under Test
CL
(see Note A)
Test
Point
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
Open
VOH − 0.3 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
D. The outputs are measured one at a time, with one input transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPHL and tPLH are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
SN74LV138AT
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SCLS691 – AUGUST 2005
Figure 1. Load Circuits and Voltage Waveforms
6


Similar Part No. - SN74LV138ATPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV138ATPWR TI1-SN74LV138ATPWR Datasheet
984Kb / 19P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
More results

Similar Description - SN74LV138ATPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
   3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
74AC11138 TI-74AC11138 Datasheet
127Kb / 8P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
REVISED APRIL 1996
SN74AHCT138Q-Q1 TI1-SN74AHCT138Q-Q1 Datasheet
275Kb / 12P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74AHCT138-EP TI1-SN74AHCT138-EP Datasheet
463Kb / 11P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
74AC11138 TI1-74AC11138_15 Datasheet
985Kb / 18P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com