Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65163RGZR Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS65163RGZR
Description  LCD Bias Supply With Integrated Level Shifters
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65163RGZR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65163RGZR Datasheet HTML 6Page - Texas Instruments TPS65163RGZR Datasheet HTML 7Page - Texas Instruments TPS65163RGZR Datasheet HTML 8Page - Texas Instruments TPS65163RGZR Datasheet HTML 9Page - Texas Instruments TPS65163RGZR Datasheet HTML 10Page - Texas Instruments TPS65163RGZR Datasheet HTML 11Page - Texas Instruments TPS65163RGZR Datasheet HTML 12Page - Texas Instruments TPS65163RGZR Datasheet HTML 13Page - Texas Instruments TPS65163RGZR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
0
10
20
30
40
50
60
70
80
90
100
0
0.25
0.5
0.75
1
1.25
1.5
I -OutputCurrent- A
O
BUCKCONVERTERLOADTRANSIENTRESPONSE
I
=250mA TO500mA
LOGIC
V
LOGIC
I
LOGIC
V
=12V,
V=-7V,
I=50mA
LOGIC
GL
GL
BUCKCONVERTERLINETRANSIENTRESPONSE
V
=11.5VTO12.5V
IN
V
=3.3V
I
=500mA
V=-7V
I=50mA
LOGIC
LOGIC
GL
GL
V
LOGIC
V
IN
V
LOGIC
BUCKCONVERTEROUTPUTVOLTAGERIPPLE
I
=500mA
LOGIC
V
=3.3V
V=-7V
I=50mA
LOGIC
GL
GL
V
SWB
BUCKCONVERTERSWITCHNODEWAVEFORM
DISCONTINUOUSCONDUCTIONMODE
V
=3.3V
I
=50mA
LOGIC
LOGIC
I
INDUCTOR
V
=3.3V
I
=250mA
LOGIC
LOGIC
V
SWB
BUCKCONVERTERSWITCHNODEWAVEFORM
CONTINUOUSCONDUCTIONMODE
I
INDUCTOR
TPS65163
SLVSA28 – OCTOBER 2009
www.ti.com
BUCK CONVERTER EFFICIENCY
Figure 7.
Figure 8.
Figure 9.
Figure 10.
Figure 11.
Figure 12.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS65163


Similar Part No. - TPS65163RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65160 TI-TPS65160 Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160A TI-TPS65160A Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160APWP TI-TPS65160APWP Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160APWPG4 TI-TPS65160APWPG4 Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160APWPR TI-TPS65160APWPR Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
More results

Similar Description - TPS65163RGZR

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2521 GMT-G2521 Datasheet
198Kb / 2P
   Integrated LCD Bias Power Supply with Level Shifter
logo
Texas Instruments
TPS65155 TI1-TPS65155 Datasheet
675Kb / 36P
[Old version datasheet]   LCD Bias Solution with Level Shifters for GOA Panels
logo
Global Mixed-mode Techn...
G2523 GMT-G2523 Datasheet
197Kb / 2P
   Integrated LCD Bias Power Supply
logo
Texas Instruments
TPS65170 TI-TPS65170 Datasheet
4Mb / 33P
[Old version datasheet]   LCD Bias Supply
TS3V712EL TI1-TS3V712EL Datasheet
681Kb / 20P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
logo
Exar Corporation
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
logo
Texas Instruments
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36272 TI1-LM36272 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36273 TI1-LM36273 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
logo
Exar Corporation
XRA1404 EXAR-XRA1404 Datasheet
408Kb / 14P
   8-BIT SPI GPIO EXPANDER WITH INTEGRATED LEVEL SHIFTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com