Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV4051A-EP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV4051A-EP
Description   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV4051A-EP Datasheet(HTML) 4 Page - Texas Instruments

  SN74LV4051A-EP Datasheet HTML 1Page - Texas Instruments SN74LV4051A-EP Datasheet HTML 2Page - Texas Instruments SN74LV4051A-EP Datasheet HTML 3Page - Texas Instruments SN74LV4051A-EP Datasheet HTML 4Page - Texas Instruments SN74LV4051A-EP Datasheet HTML 5Page - Texas Instruments SN74LV4051A-EP Datasheet HTML 6Page - Texas Instruments SN74LV4051A-EP Datasheet HTML 7Page - Texas Instruments SN74LV4051A-EP Datasheet HTML 8Page - Texas Instruments SN74LV4051A-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SN74LV4051AEP
8CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
SCLS501D − MAY 2003 − REVISED MAY 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
IT = 2 mA, VI = VCC or GND,
2.3 V
38
180
225
ron
On-state switch resistance
IT = 2 mA, VI = VCC or GND,
VINH = VIL, (see Figure 1)
3 V
30
150
190
ron
On-state switch resistance
VINH = VIL, (see Figure 1)
4.5 V
22
75
100
IT = 2 mA, VI = VCC to GND,
2.3 V
113
500
600
ron(p)
Peak on-state resistance
IT = 2 mA, VI = VCC to GND,
VINH = VIL
3 V
54
180
225
ron(p)
Peak on-state resistance
VINH = VIL
4.5 V
31
100
125
Difference in on-state
IT = 2 mA, VI = VCC to GND,
2.3 V
2.1
30
40
∆ron
Difference in on-state
resistance between
switches
IT = 2 mA, VI = VCC to GND,
VINH = VIL
3 V
1.4
20
30
∆ron
resistance between
switches
VINH = VIL
4.5 V
1.3
15
20
II
Control input current
VI = 5.5 V or GND
0 to
5.5 V
±0.1
±1
µA
IS(off)
Off-state switch leakage
current
VI = VCC and VO = GND, or
VI = GND and VO = VCC,
VINH = VIH, (see Figure 2)
5.5 V
±0.1
±1
µA
IS(on)
On-state switch leakage
current
VI = VCC or GND, VINH = VIL
(see Figure 3)
5.5 V
±0.1
±1
µA
ICC
Supply current
VI = VCC or GND
5.5 V
20
µA
CIC
Control input capacitance
f = 10 MHz
3.3 V
2
pF
CIS
Common terminal
capacitance
3.3 V
23.4
pF
COS
Switch terminal
capacitance
3.3 V
5.7
pF
CF
Feedthrough capacitance
3.3 V
0.5
pF
switching characteristics over recommended operating free-air temperature range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted)
PARAMETER
FROM
TO
TEST
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
tPHL
Propagation
delay time
COM or Yn
Yn or COM
CL = 15 pF,
(see Figure 4)
1.9
10
16
ns
tPZH
tPZL
Enable
delay time
INH
COM or Yn
CL = 15 pF,
(see Figure 5)
6.6
18
23
ns
tPHZ
tPLZ
Disable
delay time
INH
COM or Yn
CL = 15 pF,
(see Figure 5)
7.4
18
23
ns
tPLH
tPHL
Propagation
delay time
COM or Yn
Yn or COM
CL = 50 pF,
(see Figure 5)
3.8
12
18
ns
tPZH
tPZL
Enable
delay time
INH
COM or Yn
CL = 50 pF,
(see Figure 5)
7.8
28
35
ns
tPHZ
tPLZ
Disable
delay time
INH
COM or Yn
CL = 50 pF,
(see Figure 5)
11.5
28
35
ns


Similar Part No. - SN74LV4051A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
1Mb / 18P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74LV4051A-Q1 TI-SN74LV4051A-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   SN74LV4051A-Q1 8-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com