Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65163RGZT Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS65163RGZT
Description  LCD Bias Supply With Integrated Level Shifters
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65163RGZT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65163RGZT Datasheet HTML 3Page - Texas Instruments TPS65163RGZT Datasheet HTML 4Page - Texas Instruments TPS65163RGZT Datasheet HTML 5Page - Texas Instruments TPS65163RGZT Datasheet HTML 6Page - Texas Instruments TPS65163RGZT Datasheet HTML 7Page - Texas Instruments TPS65163RGZT Datasheet HTML 8Page - Texas Instruments TPS65163RGZT Datasheet HTML 9Page - Texas Instruments TPS65163RGZT Datasheet HTML 10Page - Texas Instruments TPS65163RGZT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
TPS65163
www.ti.com
SLVSA28 – OCTOBER 2009
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
OUT7–OUT1
21, 22, 23, 24,
O
Outputs for level-shifter channels 1 through 7 (connected to VGH1)
25, 26, 27
OUT9–OUT8
19, 20
O
Outputs for level-shifter channels 8 and 9 (connected to VGH2)
PGND
44, 45
P
Power ground
RE
28
O
Gate shaping slope resistor connection
RST
5
O
Reset generator open-drain output
SS
36
I
Soft-start timing-capacitor connection.
SW
42, 43
O
Boost converter switching node
SWB
1
O
Buck converter switch node
VGH1
30
P
Positive supply voltage for level-shifter channels 1 through 7
VGH2
29
P
Positive supply voltage for level-shifter channels 8 and 9
VGL
6
P
Negative supply voltage for level-shifter channels 1 through 9
VIN
46, 47
P
Supply-voltage connection
VSENSE
31
I
Discharge sense voltage
Exposed
P
Connect to the system GND
thermal die
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :TPS65163


Similar Part No. - TPS65163RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65160 TI-TPS65160 Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160A TI-TPS65160A Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160APWP TI-TPS65160APWP Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160APWPG4 TI-TPS65160APWPG4 Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160APWPR TI-TPS65160APWPR Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
More results

Similar Description - TPS65163RGZT

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2521 GMT-G2521 Datasheet
198Kb / 2P
   Integrated LCD Bias Power Supply with Level Shifter
logo
Texas Instruments
TPS65155 TI1-TPS65155 Datasheet
675Kb / 36P
[Old version datasheet]   LCD Bias Solution with Level Shifters for GOA Panels
logo
Global Mixed-mode Techn...
G2523 GMT-G2523 Datasheet
197Kb / 2P
   Integrated LCD Bias Power Supply
logo
Texas Instruments
TPS65170 TI-TPS65170 Datasheet
4Mb / 33P
[Old version datasheet]   LCD Bias Supply
TS3V712EL TI1-TS3V712EL Datasheet
681Kb / 20P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
logo
Exar Corporation
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
logo
Texas Instruments
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36272 TI1-LM36272 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36273 TI1-LM36273 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
logo
Exar Corporation
XRA1404 EXAR-XRA1404 Datasheet
408Kb / 14P
   8-BIT SPI GPIO EXPANDER WITH INTEGRATED LEVEL SHIFTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com