Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPR30-4824D Datasheet(PDF) 3 Page - Recom International Power

Part # RPR30-4824D
Description  30 Watt Single & Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPR30-4824D Datasheet(HTML) 3 Page - Recom International Power

  RPR30-4824D Datasheet HTML 1Page - Recom International Power RPR30-4824D Datasheet HTML 2Page - Recom International Power RPR30-4824D Datasheet HTML 3Page - Recom International Power RPR30-4824D Datasheet HTML 4Page - Recom International Power RPR30-4824D Datasheet HTML 5Page - Recom International Power RPR30-4824D Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.recom-international.com
RPR-13
REV: 2/2012
Specifications (typical at nominal input and 25°C unless otherwise noted)
POWERLINE+
DC/DC-Converter
RPR30-S_D
Series
Potting Material
Silicone (UL94-V0)
Weight
Flat Case
34g
Ribbed Case
39g
Baseplate Case
43g
Packing Quantity
Flat, Ribbed Case
4 pcs per Tube
Baseplate Case
Single packed
Safety Standards
CE Marked
certified to EN-60950-1, 1st Edition
Thermal Performance
Cold
-40°C /16 Hours
Dry Heat, Operating
-40°C/+85°C/ 5 Cycles
complies to EN50155: 12.2.3/4/5
Damp Heat,Cyclic
+25°C/+55°C, 95%RH / 2 x 24 Hours
Vibration, Shock & Bump (complies with EN61373, Category 1 Class B)
Vibration
5-150Hz, X:0.7m/s², Y:0.45m/s², Z:1m/s², 30 mins
Shock
5g/30ms/18 shocks
Input Filter
Built-in Pi Filter
Conducted Emissions
EN50121-3-2
Class A
Radiated Emissions
EN50121-3-2
Class A
ESD
EN50121-3-2
Perf. Criteria B
Radiated Immunity
EN50121-3-2
Perf. Criteria A
Fast Transient
EN50121-3-2
Perf. Criteria A
Surge
EN50121-3-2
Perf. Criteria B
Conducted Immunity
EN50121-3-2
Perf. Criteria A
MTBF calculated according to BELLCORE TR-NWT-000332 Case l: 50% Stress, Temperature at 50°C (Ground Benign)
2195 x 103 hours
Recommended PCB Layout
Single Output
Dual Output
Baseplate Case- suggested PCB layout
Ripped and Flat Case
Dual Output
Single Output
Input Fuse is recommended,
but optional. Recommended
fuse rating = double maximum
input current, time delay type.
To ensure optimum thermal
performance, use large areas
of copper on the PCB to assist
with heat dissipation and
mount the converter vertically.


Similar Part No. - RPR30-4824D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPR30-11005S-B RECOM-RPR30-11005S-B Datasheet
587Kb / 6P
   30 Watt 4:1 Baseplate Style Single Output
RPR30-11012S-B RECOM-RPR30-11012S-B Datasheet
615Kb / 6P
   30 Watt 4:1 Baseplate Style Single Output
RPR30-11024S-B RECOM-RPR30-11024S-B Datasheet
615Kb / 6P
   30 Watt 4:1 Baseplate Style Single Output
More results

Similar Description - RPR30-4824D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
RP30-F RECOM-RP30-F Datasheet
562Kb / 8P
   30 Watt Single & Dual Output
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com