Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV138ATPWTG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LV138ATPWTG4
Description  3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV138ATPWTG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LV138ATPWTG4 Datasheet HTML 1Page - Texas Instruments SN74LV138ATPWTG4 Datasheet HTML 2Page - Texas Instruments SN74LV138ATPWTG4 Datasheet HTML 3Page - Texas Instruments SN74LV138ATPWTG4 Datasheet HTML 4Page - Texas Instruments SN74LV138ATPWTG4 Datasheet HTML 5Page - Texas Instruments SN74LV138ATPWTG4 Datasheet HTML 6Page - Texas Instruments SN74LV138ATPWTG4 Datasheet HTML 7Page - Texas Instruments SN74LV138ATPWTG4 Datasheet HTML 8Page - Texas Instruments SN74LV138ATPWTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
Operating Characteristics
SN74LV138AT
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SCLS691 – AUGUST 2005
over operating free-air temperature range (unless otherwise noted)
TA = –40°C
TA = –40°C
TA = 25°C
to 85
°C
to 125
°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
IOH = –50 µA
4.5 V
4.4
4.5
4.4
4.4
VOH
V
IOH = –12 mA
4.5 V
3.8
3.8
3.8
IOL = 50 µA
4.5 V
0
0.1
0.1
0.1
VOL
V
IOL = 12 mA
4.5 V
0.55
0.55
0.55
II
VI = 5.5 V or GND
0 to 5.5 V
±0.1
±1
±1
µA
ICC
VI = VCC or GND, IO = 0
5.5 V
2
20
20
µA
One input at 3.4 V,
∆I
CC
(1)
5.5 V
1.35
1.5
1.5
mA
Other inputs at VCC or GND
Ioff
VI or VO = 0 to 5.5 V
0
0.5
5
5
µA
Ci
VI = VCC or GND
4
10
10
10
pF
(1)
This is the increase in supply current for each input at one of the specified TTL voltage levels rather than 0 V ot VCC.
over recommended operating free-air temperature range, V
CC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
TA = –40°C
TA = –40°C
TA = 25°C
FROM
TO
LOAD
to 85
°C
to 125
°C
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
A, B, or C
2.7
7.6
10.4
1
12
1
13
tpd
G1
Y
CL = 15 pF
2.5
6.6
9.1
1
10.5
1
12
ns
G2A or G2B
2.8
7
9.6
1
11
1
12
A, B, or C
3.9
8.1
11.4
1
13
1
14
tpd
G1
Y
CL = 50 pF
3.7
7.1
10.1
1
11.5
1
12
ns
G2A or G2B
4
7.5
10.6
1
12
1
13
V
CC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
79
pF
5


Similar Part No. - SN74LV138ATPWTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV138ATPWT TI1-SN74LV138ATPWT Datasheet
984Kb / 19P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
More results

Similar Description - SN74LV138ATPWTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
   3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
74AC11138 TI-74AC11138 Datasheet
127Kb / 8P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
REVISED APRIL 1996
SN74AHCT138Q-Q1 TI1-SN74AHCT138Q-Q1 Datasheet
275Kb / 12P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74AHCT138-EP TI1-SN74AHCT138-EP Datasheet
463Kb / 11P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
74AC11138 TI1-74AC11138_15 Datasheet
985Kb / 18P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com