Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPR50-2424D Datasheet(PDF) 5 Page - Recom International Power

Part # RPR50-2424D
Description  50 Watt Single & Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPR50-2424D Datasheet(HTML) 5 Page - Recom International Power

  RPR50-2424D Datasheet HTML 1Page - Recom International Power RPR50-2424D Datasheet HTML 2Page - Recom International Power RPR50-2424D Datasheet HTML 3Page - Recom International Power RPR50-2424D Datasheet HTML 4Page - Recom International Power RPR50-2424D Datasheet HTML 5Page - Recom International Power RPR50-2424D Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.recom-international.com
RPR-35
REV: 2/2012
RPR50-S_D
Series
Package Style and Pinning (mm)
POWERLINE+
DC/DC-Converter
RPR50-S_D
Series
Pin Pitch Tolerance ±0.35 mm
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
-Vout
Com
5
Trim
-Vout
6
CTRL
CTRL
Flat Case (-F suffix)
Standard Case (No suffix)
Pin Pitch Tolerance ±0.35 mm
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
-Vout
Com
5
Trim
-Vout
6
CTRL
CTRL


Similar Part No. - RPR50-2424D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPR50-11005S-B RECOM-RPR50-11005S-B Datasheet
615Kb / 6P
   50 Watt 4:1 Baseplate Style Single Output
RPR50-11012S-B RECOM-RPR50-11012S-B Datasheet
615Kb / 6P
   50 Watt 4:1 Baseplate Style Single Output
RPR50-11024S-B RECOM-RPR50-11024S-B Datasheet
615Kb / 6P
   50 Watt 4:1 Baseplate Style Single Output
More results

Similar Description - RPR50-2424D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP50-241.8S RECOM-RP50-241.8S_06 Datasheet
80Kb / 4P
   50 Watt Single Output
RP50-241.8S RECOM-RP50-241.8S Datasheet
95Kb / 4P
   50 Watt Single Output
RP50-481.8SB RECOM-RP50-481.8SB Datasheet
97Kb / 4P
   50 Watt Single Output
RPP40 RECOM-RPP40 Datasheet
152Kb / 4P
   40/50 Watt Single Output
logo
ETA-USA
WRB24FWX-O ETA-USA-WRB24FWX-O Datasheet
1Mb / 4P
   50 Watt AC/DC Dual Output
logo
Recom International Pow...
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RAC06-C RECOM-RAC06-C Datasheet
82Kb / 2P
   6 Watt Single/Dual Output
RP10-AW RECOM-RP10-AW Datasheet
521Kb / 7P
   10 Watt Single & Dual Output
RP15-F RECOM-RP15-F Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
RAC05-3.3SA RECOM-RAC05-3.3SA Datasheet
87Kb / 2P
   5 Watt Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com