Electronic Components Datasheet Search |
|
SN74LV367APWRG4 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
SN74LV367APWRG4 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 18 page SN54LV367A, SN74LV367A HEX BUFFERS AND LINE DRIVERS WITH 3STATE OUTPUTS SCLS398G − APRIL 1998 − REVISED APRIL 2005 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION 50% VCC VCC VCC 0 V 0 V th tsu VOLTAGE WAVEFORMS SETUP AND HOLD TIMES Data Input tPLH tPHL tPHL tPLH VOH VOH VOL VOL VCC 0 V 50% VCC 50% VCC Input Out-of-Phase Output In-Phase Output Timing Input 50% VCC VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES INVERTING AND NONINVERTING OUTPUTS Output Control Output Waveform 1 S1 at VCC (see Note B) Output Waveform 2 S1 at GND (see Note B) VOL VOH tPZL tPZH tPLZ tPHZ ≈VCC 0 V 50% VCC VOL + 0.3 V 50% VCC ≈0 V VCC VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES LOW- AND HIGH-LEVEL ENABLING tPLH/tPHL tPLZ/tPZL tPHZ/tPZH Open Drain Open VCC GND VCC TEST S1 VCC 0 V 50% VCC tw VOLTAGE WAVEFORMS PULSE DURATION Input NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns. D. The outputs are measured one at a time, with one input transition per measurement. E. tPLZ and tPHZ are the same as tdis. F. tPZL and tPZH are the same as ten. G. tPHL and tPLH are the same as tpd. H. All parameters and waveforms are not applicable to all devices. From Output Under Test CL (see Note A) LOAD CIRCUIT FOR 3-STATE AND OPEN-DRAIN OUTPUTS S1 VCC RL = 1 kΩ GND From Output Under Test CL (see Note A) Test Point LOAD CIRCUIT FOR TOTEM-POLE OUTPUTS Open 50% VCC 50% VCC 50% VCC 50% VCC 50% VCC 50% VCC 50% VCC 50% VCC VOH − 0.3 V Figure 1. Load Circuit and Voltage Waveforms |
Similar Part No. - SN74LV367APWRG4 |
|
Similar Description - SN74LV367APWRG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |