Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65186RGZR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65186RGZR
Description  PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65186RGZR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65186RGZR Datasheet HTML 3Page - Texas Instruments TPS65186RGZR Datasheet HTML 4Page - Texas Instruments TPS65186RGZR Datasheet HTML 5Page - Texas Instruments TPS65186RGZR Datasheet HTML 6Page - Texas Instruments TPS65186RGZR Datasheet HTML 7Page - Texas Instruments TPS65186RGZR Datasheet HTML 8Page - Texas Instruments TPS65186RGZR Datasheet HTML 9Page - Texas Instruments TPS65186RGZR Datasheet HTML 10Page - Texas Instruments TPS65186RGZR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
TPS65186
www.ti.com
SLVSB04
– JULY 2011
ELECTRICAL CHARACTERISTICS (continued)
VIN = 3.7 V, TA = –10°C to 85ºC, Typical values are at TA = 25ºC (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DCDC2 (INVERTING BUCK-BOOST REGULATOR)
VIN
Input voltage range
3
3.7
6
V
Power good threshold
Fraction of nominal output voltage
90
%
PG
Power good time-out
Not tested in production
50
ms
Output voltage range
-16
V
VOUT
DC set tolerance
-4.5
4.5
%
IOUT
Output current
250
mA
RDS(ON)
MOSFET on resistance
VIN = 3.7 V
350
m
Switch current limit
1.5(2)
A
ILIMIT
Switch current accuracy
-30
30
%
LDCDC1
Inductor
4.7
µH
CDCDC1
Nominal output capacitor
Capacitor tolerance
±10%
1
3x4.7
µF
ESR
Capacitor ESR
20
m
LDO1 (VPOS)
VPOS_IN
Input voltage range
15.2
16
16.8
V
Power good threshold
Fraction of nominal output voltage
90
%
PG
Power good time-out
Not tested in production
50
ms
VIN = 16 V,
VSET
Output voltage set value
14.25
15
15
V
VSET[2:0] = 0x3h to 0x6h
VINTERVAL
Output voltage set resolution
VIN = 16 V
250
mV
VOUTTOL
Output tolerance
VSET = 15 V, ILOAD = 20 mA
-1
1
%
VDROPOUT
Dropout voltage
ILOAD = 120 mA
250
mV
VLOADREG
Load regulation
– DC
ILOAD = 10% to 90%
1
%
ILOAD
Load current range
120
mA
ILIMIT
Output current limit
120
mA
CLDO1
Nominal output capacitor
Capacitor tolerance
±10%
1
4.7
µF
LDO2 (VNEG)
VNEG_IN
Input voltage range
16.8
16
-15.2
V
Power good threshold
Fraction of nominal output voltage
90
%
PG
Power good time-out
Not tested in production
50
ms
VIN = –16 V
VSET
Output voltage set value
-15
-15
-14.25
V
VSET[2:0] = 0x3h to 0x6h
VINTERVAL
Output voltage set resolution
VIN = –16 V
250
mV
VOUTTOL
Output tolerance
VSET = –15 V, ILOAD = –20 mA
-1
1
%
VDROPOUT
Dropout voltage
ILOAD = 120 mA
250
mV
VLOADREG
Load regulation
– DC
ILOAD = 10% to 90% of ILOAD,MAX
1
%
ILOAD
Load current range
120
mA
ILIMIT
Output current limit
120
mA
CLDO2
Nominal output capacitor
Capacitor tolerance
±10%
1
4.7
µF
(2)
Contact factory for 1-A, 2-A, or 2.5-A option.
Copyright
© 2011, Texas Instruments Incorporated
7


Similar Part No. - TPS65186RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65180 TI-TPS65180 Datasheet
1,006Kb / 42P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65180 TI1-TPS65180 Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65180 TI1-TPS65180 Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65180B TI1-TPS65180B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65180B TI1-TPS65180B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
More results

Similar Description - TPS65186RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65180 TI-TPS65180 Datasheet
1,006Kb / 42P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65185 TI1-TPS65185_13 Datasheet
2Mb / 52P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65181B TI1-TPS65181B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65185 TI1-TPS65185_16 Datasheet
3Mb / 62P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65182 TI1-TPS65182 Datasheet
846Kb / 24P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
OCTOBER2010
TPS65180B TI1-TPS65180B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65185 TI1-TPS65185_17 Datasheet
3Mb / 61P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65185 TI1-TPS65185 Datasheet
2Mb / 48P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER
MAY2011
TPS65180 TI1-TPS65180_16 Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
TPS65182 TI1-TPS65182_16 Datasheet
1Mb / 32P
[Old version datasheet]   Enabled Electronic Paper Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com