Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65251 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65251
Description  4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65251 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65251 Datasheet HTML 2Page - Texas Instruments TPS65251 Datasheet HTML 3Page - Texas Instruments TPS65251 Datasheet HTML 4Page - Texas Instruments TPS65251 Datasheet HTML 5Page - Texas Instruments TPS65251 Datasheet HTML 6Page - Texas Instruments TPS65251 Datasheet HTML 7Page - Texas Instruments TPS65251 Datasheet HTML 8Page - Texas Instruments TPS65251 Datasheet HTML 9Page - Texas Instruments TPS65251 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TPS65251
SLVSAA4B – JUNE 2010 – REVISED JANUARY 2011
www.ti.com
PACKAGE DISSIPATION RATINGS
(1)
TA = 25°C
TA = 55°C
TA = 85°C
PACKAGE
qJA (°C/W)
POWER RATING (W)
POWER RATING (W)
POWER RATING (W)
RHA
30
3.33
2.3
1.3
(1)
Based on JEDEC 51.5 HIGH K environment measured on a 76.2 x 114 x .6-mm board with the following layer arrangement:
(a) Top layer: 2 Oz Cu, 6.7% coverage
(b) Layer 2: 1 Oz Cu, 90% coverage
(c) Layer 3: 1 Oz Cu, 90% coverage
(d) Bottom layer: 2 Oz Cu, 20% coverage
ELECTRICAL CHARACTERISTICS
TJ = -40°C to 125°C, VIN = 12 V, fSW = 1 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY UVLO AND INTERNAL SUPPLY VOLTAGE
VIN
Input Voltage range
4.5
18
V
IDDSDN
Shutdown
EN pin = low for all converters
1.3
mA
Converters enabled, no load
IDDQ
Quiescent, low power disabled (Lo)
Buck 1 = 3.3 V, Buck 2 = 2.5 V,
20
mA
Buck 3 = 7.5 V
Converters enabled, no load
IDDQ_LOW_P
Quiescent, low power enabled (Hi)
Buck 1 = 3.3 V, Buck 2 = 2.5 V,
1.5
mA
Buck 3 = 7.5 V
Rising VIN
4.22
UVLOVIN
VIN under voltage lockout
V
Falling VIN
4.1
UVLODEGLITCH
Both edges
110
µs
V3V
Internal biasing supply
3.3
V
V7V
Internal biasing supply
6.25
V
Rising V7V
3.8
V7VUVLO
UVLO for internal V7V rail
V
Falling V7V
3.6
V7VUVLO_DEGLITCH
Falling edge
110
µs
BUCK CONVERTERS (ENABLE CIRCUIT, CURRENT LIMIT, SOFT START, SWITCHING FREQUENCY AND SYNC CIRCUIT, LOW
POWER MODE)
VIH
Enable threshold high
V3p3 = 3.2 V - 3.4 V
1.55
V
VIL
Enable treshold Low
V3p3 = 3.2 V - 3.4 V
1.24
V
ICHEN
Pull up current enable pin
1.1
µA
tD
Discharge time enable pins
Power-up
10
ms
ISS
Soft start pin current source
5
µA
FSW_BK
Converter switching frequency range
Set externally with resistor
0.3
2.2
MHz
RFSW
Frequency setting resistor
Depending on set frequency
50
600
k
fSW_TOL
Internal oscillator accuracy
fSW = 800 kHz
-10
10
%
VSYNCH
External clock threshold high
V3p3 = 3.3 V
1.55
V
VSYNCL
External clock treshold Low
V3p3 = 3.3 V
1.24
V
SYNCRANGE
Synchronization range
0.2
2.2
MHz
SYNCCLK_MIN
Sync signal minimum duty cycle
40
%
SYNCCLK_MAX
Sync signal maximum duty cycle
60
%
VIHLOW_P
Low power mode threshold high
V3p3 = 3.3 V
1.55
V
VILLOW_P
Low power mode treshold Low
V3p3 = 3.3 V
1.24
V
FEEDBACK, REGULATION, OUTPUT STAGE
VIN = 12V TJ = 25°C
-1%
0.8
1%
VFB
Feedback voltage
V
VIN = 4.5 to 18V
-2%
0.8
2%
Minimum on time
tON_MIN
80
120
ns
(current sense blanking)
6
Submit Documentation Feedback
Copyright © 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS65251


Similar Part No. - TPS65251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65251 TI-TPS65251 Datasheet
2Mb / 35P
[Old version datasheet]   TPS65251 4.5-V to 18-V Input, High-Current, Synchronous Step-Down Three Buck Switcher With Integrated FET
TPS65251-1 TI-TPS65251-1 Datasheet
3Mb / 39P
[Old version datasheet]   TPS65251-x 4.5-V to 18-V Input, High Current, Synchronous Step Down Three Buck Switchers With Integrated FET
TPS65251-1RHAR TI-TPS65251-1RHAR Datasheet
3Mb / 39P
[Old version datasheet]   TPS65251-x 4.5-V to 18-V Input, High Current, Synchronous Step Down Three Buck Switchers With Integrated FET
TPS65251-1RHAT TI-TPS65251-1RHAT Datasheet
3Mb / 39P
[Old version datasheet]   TPS65251-x 4.5-V to 18-V Input, High Current, Synchronous Step Down Three Buck Switchers With Integrated FET
TPS65251-1 TI-TPS65251-1_15 Datasheet
3Mb / 39P
[Old version datasheet]   TPS65251-x 4.5-V to 18-V Input, High Current, Synchronous Step Down Three Buck Switchers With Integrated FET
More results

Similar Description - TPS65251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65251 TI-TPS65251_15 Datasheet
2Mb / 35P
[Old version datasheet]   TPS65251 4.5-V to 18-V Input, High-Current, Synchronous Step-Down Three Buck Switcher With Integrated FET
TPS65251-1 TI-TPS65251-1_15 Datasheet
3Mb / 39P
[Old version datasheet]   TPS65251-x 4.5-V to 18-V Input, High Current, Synchronous Step Down Three Buck Switchers With Integrated FET
TPS65288 TI1-TPS65288 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter with Integrated FET
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325 TI-TPS54325_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS54325 4.5-V to 18-V, 3-A Output Synchronous Step Down Switcher with Integrated FET
TPS54325-Q1 TI1-TPS54325-Q1 Datasheet
669Kb / 18P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS652510 TI-TPS652510_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS652510 TI1-TPS652510 Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com