Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65251 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65251
Description  4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65251 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65251 Datasheet HTML 3Page - Texas Instruments TPS65251 Datasheet HTML 4Page - Texas Instruments TPS65251 Datasheet HTML 5Page - Texas Instruments TPS65251 Datasheet HTML 6Page - Texas Instruments TPS65251 Datasheet HTML 7Page - Texas Instruments TPS65251 Datasheet HTML 8Page - Texas Instruments TPS65251 Datasheet HTML 9Page - Texas Instruments TPS65251 Datasheet HTML 10Page - Texas Instruments TPS65251 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TPS65251
www.ti.com
SLVSAA4B – JUNE 2010 – REVISED JANUARY 2011
ELECTRICAL CHARACTERISTICS (continued)
TJ = -40°C to 125°C, VIN = 12 V, fSW = 1 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Line regulation - DC
VINB = 4.5 V to 18 V,
VLINEREG
0.5
% VOUT
∆VOUT/∆VINB
IOUT = 1000 mA
Load regulation - DC
IOUT = 10 % - 90%
VLOADREG
0.5
% VOUT/A
∆VOUT/∆IOUT
IOUT,MAX
ILIMIT1
Peak inductor current limit range
1
4
A
ILIMIT2
Peak inductor current limit range
1
3
A
ILIMIT3
Peak inductor current limit range
1
3
A
MOSFET (BUCK 1)
Turn-On resistance high side FET on
H.S. Switch
VIN = 12 V, TJ = 25°C
95
m
CH1
Turn-On resistance low side FET on
L.S. Switch
VIN = 12 V, TJ = 25°C
50
m
CH1
MOSFET (BUCK 2)
Turn-On resistance high side FET on
H.S. Switch
VIN = 12 V, TJ = 25°C
120
m
CH2
Turn-On resistance low side FET on
L.S. Switch
VIN = 12 V, TJ = 25°C
80
m
CH2
MOSFET (BUCK 3)
Turn-On resistance high side FET on
H.S. Switch
VIN = 12 V, TJ = 25°C
120
m
CH3
Turn-On resistance low side FET on
L.S. Switch
VIN = 12 V, TJ = 25°C
80
m
CH3
ERROR AMPLIFIER
gM
Error amplifier transconductance
–2 µA < ICOMP < 2 µA
130
µmhos
gmPS
COMP to ILX gM
ILX = 0.5 A
10
A/V
POWER GOOD RESET GENERATOR
Output falling (device will be
85
disabled after tON_HICCUP )
Threshold voltage for buck under
VUVBUCKX
%
voltage
Output rising (PG will be
90
asserted)
tUV_deglitch
Deglitch time (both edges)
Each buck
11
ms
tON_HICCUP
Hiccup mode ON time
VUVBUCKX asserted
12
ms
All converters disabled. Once
Hiccup mode OFF time before
tOFF_HICCUP elapses, all
tOFF_HICCUP
15
ms
re-start is attempted
converters will go through
sequencing again.
Output rising (high side fet will
109
be forced off)
Threshold voltage for buck over
VOVBUCKX
%
voltage
Output falling (high side fet will
107
be allowed to switch )
Measured after minimum reset
tRP
minimum reset period
period of all bucks power-up
1
s
successfully
THERMAL SHUTDOWN
TTRIP
Thermal shut down trip point
Rising temperature
160
°C
THYST
Thermal shut down hysteresis
Device re-starts
20
°C
TTRIP_DEGLITCH
Thermal shut down deglitch
110
µs
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS65251


Similar Part No. - TPS65251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65251 TI-TPS65251 Datasheet
2Mb / 35P
[Old version datasheet]   TPS65251 4.5-V to 18-V Input, High-Current, Synchronous Step-Down Three Buck Switcher With Integrated FET
TPS65251-1 TI-TPS65251-1 Datasheet
3Mb / 39P
[Old version datasheet]   TPS65251-x 4.5-V to 18-V Input, High Current, Synchronous Step Down Three Buck Switchers With Integrated FET
TPS65251-1RHAR TI-TPS65251-1RHAR Datasheet
3Mb / 39P
[Old version datasheet]   TPS65251-x 4.5-V to 18-V Input, High Current, Synchronous Step Down Three Buck Switchers With Integrated FET
TPS65251-1RHAT TI-TPS65251-1RHAT Datasheet
3Mb / 39P
[Old version datasheet]   TPS65251-x 4.5-V to 18-V Input, High Current, Synchronous Step Down Three Buck Switchers With Integrated FET
TPS65251-1 TI-TPS65251-1_15 Datasheet
3Mb / 39P
[Old version datasheet]   TPS65251-x 4.5-V to 18-V Input, High Current, Synchronous Step Down Three Buck Switchers With Integrated FET
More results

Similar Description - TPS65251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65251 TI-TPS65251_15 Datasheet
2Mb / 35P
[Old version datasheet]   TPS65251 4.5-V to 18-V Input, High-Current, Synchronous Step-Down Three Buck Switcher With Integrated FET
TPS65251-1 TI-TPS65251-1_15 Datasheet
3Mb / 39P
[Old version datasheet]   TPS65251-x 4.5-V to 18-V Input, High Current, Synchronous Step Down Three Buck Switchers With Integrated FET
TPS65288 TI1-TPS65288 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter with Integrated FET
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325 TI-TPS54325_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS54325 4.5-V to 18-V, 3-A Output Synchronous Step Down Switcher with Integrated FET
TPS54325-Q1 TI1-TPS54325-Q1 Datasheet
669Kb / 18P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS652510 TI-TPS652510_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS652510 TI1-TPS652510 Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com