Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65257RHAT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65257RHAT
Description  4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTER WITH INTEGRATED FET, USB SWITCH AND PUSH BUTTON CONTROL
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65257RHAT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65257RHAT Datasheet HTML 2Page - Texas Instruments TPS65257RHAT Datasheet HTML 3Page - Texas Instruments TPS65257RHAT Datasheet HTML 4Page - Texas Instruments TPS65257RHAT Datasheet HTML 5Page - Texas Instruments TPS65257RHAT Datasheet HTML 6Page - Texas Instruments TPS65257RHAT Datasheet HTML 7Page - Texas Instruments TPS65257RHAT Datasheet HTML 8Page - Texas Instruments TPS65257RHAT Datasheet HTML 9Page - Texas Instruments TPS65257RHAT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
TPS65257
SLVSB32
– SEPTEMBER 2011
www.ti.com
TERMINAL FUNCTIONS
NAME
NO.
I/O
DESCRIPTION
Current limit setting for Buck3. Fit a resistor from this pin to ground to set
RLIM3
1
I
the peak current limit on the output inductor.
Soft start pin for Buck3. Fit a small ceramic capacitor to this pin to set the
SS3
2
I
converter soft start time.
Compensation for Buck3. Fit a series RC circuit to this pin to complete
COMP3
3
O
the compensation circuit of this converter.
Feedback pin for Buck3. Connect a divider set to 0.8 V from the output of
FB3
4
I
the converter to ground.
PB_IN
5
I
Push button input (active low)
Oscillator set. This resistor sets the frequency of internal autonomous
ROSC
6
I
clock.
Feedback pin for Buck1. Connect a divider set to 0.8 V from the output of
FB1
7
I
the converter to ground.
Compensation pin for Buck1. Fit a series RC circuit to this pin to complete
COMP1
8
O
the compensation circuit of this converter.
Soft-start pin for Buck1. Fit a small ceramic capacitor to this pin to set the
SS1
9
I
converter soft-start time.
Current limit setting pin for Buck1. Fit a resistor from this pin to ground to
RLIM1
10
I
set the peak current limit on the output inductor.
Enable pin for Buck1. A high signal on this pin enables the regulator
EN1
11
I
Buck. For a delayed start-up add a small ceramic capacitor from this pin
to ground.
Bootstrap capacitor for Buck1. Fit a 47-nF ceramic capacitor from this pin
BST1
12
to the switching node.
VIN1
13
I
Input supply for Buck1. Fit a 10-
µF ceramic capacitor close to this pin.
LX1
14, 15
O
Switching node for Buck1
LX2
16, 17
O
Switching node for Buck2
VIN2
18
I
Input supply for Buck2. Fit a 10-
µF ceramic capacitor close to this pin.
Bootstrap capacitor for Buck2. Fit a 47-nF ceramic capacitor from this pin
BST2
19
to the switching node.
Enable pin for Buck2. A high signal on this pin enables the regulator. For
EN2
20
I
a delayed start-up add a small ceramic capacitor from this pin to ground.
Current limit setting pin for Buck2. Fit a resistor from this pin to ground to
RLIM2
21
I
set the peak current limit on the output inductor.
Soft-start pin for Buck2. Fit a small ceramic capacitor to this pin to set the
SS2
22
I
converter soft-start time.
Compensation pin for Buck2. Fit a series RC circuit to this pin to complete
COMP2
23
O
the compensation circuit of this converter.
Feedback input for Buck2. Connect a divider set to 0.8 V from the output
FB2
24
I
of the converter to ground.
Forces PWM operation in all converters when set high. If low converters
F_PWM
25
will operate in automatic PFM/PWM mode.
INT
26
O
Open drain interrupt output
Power good. Open drain output asserted low after all converters and
PGOOD
27
O
sequenced and within regulation. Polarity is factory selectable (active high
default).
Internal supply. Connect a 10-
µF ceramic capacitor from this pin to
V7V
28
O
ground.
Internal supply. Connect a 10-
µF ceramic capacitor from this pin to
V3V
29
O
ground.
GND
30
Ground
IC
31
I
This pin should be connected to V7V pin
USB_VIN
32
I
USB switch Input supply
USB_Vo
33
USB switch output
USB_EN
34
I
Enable input, high turns on the switch
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS65257


Similar Part No. - TPS65257RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65257 TI-TPS65257_15 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTER WITH INTEGRATED FET, USB SWITCH AND PUSH BUTTON CONTROL
More results

Similar Description - TPS65257RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65257 TI-TPS65257_15 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTER WITH INTEGRATED FET, USB SWITCH AND PUSH BUTTON CONTROL
TPS65288 TI1-TPS65288 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter with Integrated FET
TPS652510 TI-TPS652510_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS652510 TI1-TPS652510 Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS65258 TI1-TPS65258 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET AND 2 USB SWITCHES
TPS65287 TI1-TPS65287 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter
TPS65251 TI1-TPS65251 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
TPS65252 TI-TPS65252_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK SWITCHER WITH INTEGRATED FET AND ONE USB SWITCH AND SVS
TPS65252 TI1-TPS65252 Datasheet
924Kb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK SWITCHER WITH INTEGRATED FET AND ONE USB SWITCH AND SVS
TPS65253 TI-TPS65253_15 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK CONVERTER WITH INTEGRATED FETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com