Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65258 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65258
Description  4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET AND 2 USB SWITCHES
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65258 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65258 Datasheet HTML 5Page - Texas Instruments TPS65258 Datasheet HTML 6Page - Texas Instruments TPS65258 Datasheet HTML 7Page - Texas Instruments TPS65258 Datasheet HTML 8Page - Texas Instruments TPS65258 Datasheet HTML 9Page - Texas Instruments TPS65258 Datasheet HTML 10Page - Texas Instruments TPS65258 Datasheet HTML 11Page - Texas Instruments TPS65258 Datasheet HTML 12Page - Texas Instruments TPS65258 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
TPS65258
www.ti.com
SLVSAB31
– SEPTEMBER 2011
ELECTRICAL CHARACTERISTICS (continued)
TJ = –40°C to 125°C, VIN = 12 V, fSW = 500 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MOSFET (BUCK 3)
On resistance of high side FET on
H.S. Switch
25
°C, BOOT = 6.5 V
120
m
Ω
CH3
On resistance of low side FET on
L.S. Switch
25
°C, VIN = 12 V
80
m
Ω
CH3
ERROR AMPLIFIER
gM
Error amplifier transconductance
-2
µA < ICOMP < 2 µA
130
µ℧
gmPS
COMP to ILX gm
ILX = 0.5 A
10
A/V
POWER GOOD RESET GENERATOR
Output falling
85
Threshold voltage for buck under
VUVBUCKX
%
Output rising (PG will be
voltage
90
asserted)
tUV_deglitch
Deglitch time (both edges)
11
ms
tON_HICCUP
Hiccup mode ON time
VUVBUCKX asserted
12
ms
All converters disabled. Once
tOFF_HICCUP elapses, all
tOFF_HICCUP
Hiccup mode OFF time
20
ms
converters will go through
sequencing again.
Output rising (high side FET will
109
be forced off)
Threshold voltage for buck over
VOVBUCKX
%
voltage
Output falling (high side FET will
107
be allowed to switch )
Measured after the later of
tRP
minimum reset period
Buck1 or Buck3 power-up
100
ms
successfully
THERMAL SHUTDOWN
TTRIP
Thermal shut down trip point
Rising temperature
160
°C
THYST
Thermal shut down hysteresis
Device re-starts
20
°C
TTRIP_DEGLITCH
Thermal shut down deglitch
110
µs
USB SWITCHES
VINUSB
USB input voltage range
3
6
V
0.66 x
VIH_USB_EN
USB_EN high level input voltage
V3p3 = 3.2-3.4 V, VUSB_EN rising
V
V3p3
0.33 x
VIL_USB_EN
USB_EN low level input voltage
V3p3 = 3.2-3.4 V, VUSB_EN falling
V
V3p3
Static drain-source on-state
USB_VIN = 5 V and Io_USB =
RDS_USB
120
m
resistance
0.5 A, TJ = 25°C
Increasing USB_Vo current
ICS_USB
USB current limit
1.2
A
di/dt
<1 A/s
Increasing USB_Vo current di/dt
<
Overcurrent detection factor
KOVERCURRENT
1A/s
1.5
Ratio of ILIM_START/ICS_USB
VINUSB = 5 V
VUSBx_nFAULT
USBx_nFAULT output voltage low
IUSB_ILIM = 3 mA
0.4
V
Fault assertion due to Over
TCS_USB
USB over current fault deglitch
5
ms
current protection
TUSB_TRIP
USB thermal trip point
Rising temperature
130
°C
TUSB_HYST
USB thermal trip hysteresis
Falling temperature
20
°C
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS65258


Similar Part No. - TPS65258

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65250 TI-TPS65250 Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK CONVERTER WITH INTEGRATED FET AND DYING GASP STORAGE AND RELEASE CIRCUIT
TPS65250 TI-TPS65250 Datasheet
1Mb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK CONVERTER WITH INTEGRATED FET AND DYING GASP STORAGE AND RELEASE CIRCUIT
TPS65250RHAR TI-TPS65250RHAR Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK CONVERTER WITH INTEGRATED FET AND DYING GASP STORAGE AND RELEASE CIRCUIT
TPS65250RHAR TI-TPS65250RHAR Datasheet
1Mb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK CONVERTER WITH INTEGRATED FET AND DYING GASP STORAGE AND RELEASE CIRCUIT
TPS65250RHAT TI-TPS65250RHAT Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK CONVERTER WITH INTEGRATED FET AND DYING GASP STORAGE AND RELEASE CIRCUIT
More results

Similar Description - TPS65258

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS652510 TI-TPS652510_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS652510 TI1-TPS652510 Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS65288 TI1-TPS65288 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter with Integrated FET
TPS65257 TI1-TPS65257 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTER WITH INTEGRATED FET, USB SWITCH AND PUSH BUTTON CONTROL
TPS65257 TI-TPS65257_15 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTER WITH INTEGRATED FET, USB SWITCH AND PUSH BUTTON CONTROL
TPS65287 TI1-TPS65287 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter
TPS65251 TI1-TPS65251 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
TPS65251 TI-TPS65251_15 Datasheet
2Mb / 35P
[Old version datasheet]   TPS65251 4.5-V to 18-V Input, High-Current, Synchronous Step-Down Three Buck Switcher With Integrated FET
TPS65252 TI-TPS65252_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK SWITCHER WITH INTEGRATED FET AND ONE USB SWITCH AND SVS
TPS65252 TI1-TPS65252 Datasheet
924Kb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK SWITCHER WITH INTEGRATED FET AND ONE USB SWITCH AND SVS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com