Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65217BRSLT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65217BRSLT
Description  SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65217BRSLT Datasheet(HTML) 5 Page - Texas Instruments

  TPS65217BRSLT Datasheet HTML 1Page - Texas Instruments TPS65217BRSLT Datasheet HTML 2Page - Texas Instruments TPS65217BRSLT Datasheet HTML 3Page - Texas Instruments TPS65217BRSLT Datasheet HTML 4Page - Texas Instruments TPS65217BRSLT Datasheet HTML 5Page - Texas Instruments TPS65217BRSLT Datasheet HTML 6Page - Texas Instruments TPS65217BRSLT Datasheet HTML 7Page - Texas Instruments TPS65217BRSLT Datasheet HTML 8Page - Texas Instruments TPS65217BRSLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 86 page
background image
LS2_OUT – 43
LS1_IN – 39
nRESET – 44
nINT – 45
LDO_PGOOD – 46
BYPASS – 47
INT_LDO – 48
19 – VDCDC1
18 – VIO
17 – NC
16 – MUX_OUT
15 – NC
14 – MUX_IN
13 – nWAKEUP
48-PIN 6mm x6mm x 1mm QFN
RSL PACKAGE
(TOP VIEW)
24 – VDCDC2
23 – L2
22 – VIN_DCDC2
21 – VIN_DCDC1
20 – L1
L4 – 37
FB_WLED – 38
LS1_OUT – 40
AGND – 41
LS2_IN – 42
x
= CHIP DESIGNATOR (A, B, or C)
TI
= TI LETTERS
YM
= YEAR / MONTH DATE CODE
LLLL = LOT TRACE CODE
S
= ASSEMBLY SITE CODE
O
= Pin 1 (MARKED)
TPS65217A, TPS65217B, TPS65217C
www.ti.com
SLVSB64E – NOVEMBER 2011 – REVISED JULY 2012
DEVICE INFORMATION
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
VLDO2
1
O
Output voltage of LDO2
VINLDO
2
I
Input voltage for LDO1 and LDO2
VLDO1
3
O
Output voltage of LDO1
BAT
4, 5
I/O
Battery charger output. Connect to battery.
BAT_SENSE
6
I
Battery voltage sense input, connect to BAT directly at the battery terminal.
System voltage pin and output of the power path. All voltage regulators are typically
SYS
7, 8
O
powered from this output.
Enable input for DCDC1, 2, 3 converters and LDO1, 2, 3, 4. Pull this pin high to start the
PWR_EN
9
I
power-up sequence.
AC
10
I
AC adapter input to power path. Connect to an external DC supply.
Temperature sense input. Connect to NTC thermistor to sense battery temperature.
TS
11
I
Works with 10k and 100k thermistors. See charger section for details.
USB
12
I
USB voltage input to power path. Connect to external voltage from a USB port.
nWAKEUP
13
O
Signal to host to indicate a power on event (active low, open-drain output)
MUX_IN
14
O
Input to analog multiplexer
NC
15
Not used
MUX_OUT
16
O
Output pin of analog multiplexer
NC
17
Not used
VIO
18
I
Output-high supply for output buffers
VDCDC1
19
I
DCDC1 output/ feedback voltage sense input
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS65217A TPS65217B TPS65217C


Similar Part No. - TPS65217BRSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65217BRSLT TI1-TPS65217BRSLT Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217BRSLT TI-TPS65217BRSLT Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217BRSLT TI1-TPS65217BRSLT Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
More results

Similar Description - TPS65217BRSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
   System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com