Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65280RGER Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65280RGER
Description  DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65280RGER Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65280RGER Datasheet HTML 3Page - Texas Instruments TPS65280RGER Datasheet HTML 4Page - Texas Instruments TPS65280RGER Datasheet HTML 5Page - Texas Instruments TPS65280RGER Datasheet HTML 6Page - Texas Instruments TPS65280RGER Datasheet HTML 7Page - Texas Instruments TPS65280RGER Datasheet HTML 8Page - Texas Instruments TPS65280RGER Datasheet HTML 9Page - Texas Instruments TPS65280RGER Datasheet HTML 10Page - Texas Instruments TPS65280RGER Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TPS65280
www.ti.com
SLVSBE4 – JUNE 2012
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VIN, LX
–0.3 to 18
V
LX (Maximum withstand voltage transient < 20ns)
–1.0 to 18
V
BST referenced to LX pin
–0.3 to 7
V
SW_IN, SW_OUT1, SW_OUT2
–0.3 to 7
V
EN, EN_SW1, EN_SW2, nFAULT1, nFAULT2, V7V, ROSC, MODE/SYNC
–0.3 to 7
V
SS, COMP
–0.3 to 3.6
V
V7, R AGND, PGND
–0.3 to 0.3
V
TJ
Operating virtual junction temperature range
–40 to 125
°C
TSTG
Storage temperature range
–55 to 150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input operating voltage
5.5
18
V
TA
Ambient temperature
–40
85
°C
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
(1)
MIN
MAX
UNIT
Human body model (HBM)
2000
V
Charge device model (CDM)
500
V
(1)
SW_OUT1/2 pins’ human body model (HBM) ESD protection rating 4 kV, and machine model (MM) rating 200V.
THERMAL INFORMATION
TPS65280
THERMAL METRIC(1)
RGE
UNITS
24 PINS
θJA
Junction-to-ambient thermal resistance(2)
38.1
θJCtop
Junction-to-case (top) thermal resistance(3)
45.3
θJB
Junction-to-board thermal resistance(4)
16.9
°C/W
ψJT
Junction-to-top characterization parameter(5)
0.9
ψJB
Junction-to-board characterization parameter(6)
16.9
θJCbot
Junction-to-case (bottom) thermal resistance(7)
6.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS65280


Similar Part No. - TPS65280RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65280 TI-TPS65280_15 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
More results

Similar Description - TPS65280RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65280 TI-TPS65280_15 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65282 TI-TPS65282 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCHES WITH 4.5-V to 18-V INPUT VOLTAGE, 4-A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
logo
Vishay Siliconix
SIP12108 VISHAY-SIP12108 Datasheet
1Mb / 18P
   2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
Rev. B, 11-Nov-13
SIP12108 VISHAY-SIP12108_V01 Datasheet
1Mb / 17P
   2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
01-Jan-2022
logo
Texas Instruments
TPS65286 TI-TPS65286_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS65286 Dual Power Distribution Switches With 4.5-V to 28-V Input Voltage, 6-A Output Current Synchronous Buck Regulator
logo
Infineon Technologies A...
TLE4484 INFINEON-TLE4484 Datasheet
136Kb / 11P
   Dual Voltage Regulator with 5 V and 15 V Outputs
Rev. 1.0 2000-08-04
IFX21004TNV51 INFINEON-IFX21004TNV51 Datasheet
1Mb / 14P
   Dual Voltage Regulator with 5 V and 15 V Outputs
Rev. 1.00, 2010-11-04
logo
Texas Instruments
TPS65283 TI1-TPS65283_16 Datasheet
2Mb / 42P
[Old version datasheet]   4.5- to 18-V Input Voltage, Maximum 3.5-A/2.5-A Current, Synchronous Dual Buck Converter With Power Distribution Switch
logo
Renesas Technology Corp
DA9211 RENESAS-DA9211 Datasheet
2Mb / 75P
   2.8 V to 5.5 V Input voltage
22-Feb-2022
logo
Texas Instruments
TPS5405 TI-TPS5405_15 Datasheet
887Kb / 19P
[Old version datasheet]   6.5-V TO 28-V INPUT VOLTAGE, 5-V FIXED OUTPUT, 2-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com