Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5929A Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1N5929A
Description  POWER DISSIPATION: 1.5W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1N5929A Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1N5929A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5929A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5929A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FIG.1 -- POWER DERATING CURVE
FIG.2 -- TRANSIENT SURGE CAPABILITY
LEADTEMPERATURE,
SQUARE-WAVE- PULSE WIDTH
FIGURE 3 - CAPACITANCE vs. VZ CURVE
ZENER VOLTAGE VZ
250
500
750
1000
1250
0
25
50
75
100
125 150
TAon FR4
PC Board
1500
200
175
T
L
(NON-REPETITIVE)IN MILLISECONDS
1
000
1
0
1
00
1.0
0.
01
0.1
1.0
10
100
1
000
TA=25
1N5913A-1N5956A
Zener Diodes
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 1N5929A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5929A EIC-1N5929A Datasheet
15Kb / 2P
   SILICON ZENER DIODES
logo
First Components Intern...
1N5929A FCI-1N5929A Datasheet
113Kb / 2P
   1.5 Watt ZENER DIODES(3.3V to 200V)
logo
SynSemi, Inc.
1N5929A SYNSEMI-1N5929A Datasheet
36Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
1N5929A EIC-1N5929A Datasheet
95Kb / 2P
   SILICON ZENER DIODES
logo
Digitron Semiconductors
1N5929A DIGITRON-1N5929A Datasheet
122Kb / 2P
   SILICON ZENER DIODES
More results

Similar Description - 1N5929A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
L1N5923 GOOD-ARK-L1N5923_15 Datasheet
202Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1.5W
F1N5913 GOOD-ARK-F1N5913_15 Datasheet
212Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1.5W
logo
Filtronic Compound Semi...
FPD2250 FILTRONIC-FPD2250 Datasheet
183Kb / 2P
   1.5W POWER PHEMT
logo
RF Micro Devices
FPD2250 RFMD-FPD2250 Datasheet
242Kb / 4P
   1.5W POWER pHEMT
logo
Filtronic Compound Semi...
FPD2250 FILTRONIC-FPD2250_1 Datasheet
160Kb / 3P
   1.5W POWER PHEMT
logo
Shenzhen Luguang Electr...
1N5333B LUGUANG-1N5333B Datasheet
3Mb / 5P
   POWER DISSIPATION
logo
SHIKUES Electronics
PZT2222A SKTECHNOLGY-PZT2222A Datasheet
1Mb / 4P
   Power dissipation
S9013 SKTECHNOLGY-S9013 Datasheet
525Kb / 2P
   Power dissipation
MMBD2838 SKTECHNOLGY-MMBD2838 Datasheet
383Kb / 2P
   Power dissipation
MMBTA13 SKTECHNOLGY-MMBTA13 Datasheet
1Mb / 4P
   Power dissipation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com