Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3VM-355J Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G3VM-355J
Description  MOS FET Relay Selection Guide
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-355J Datasheet(HTML) 1 Page - Omron Electronics LLC

  G3VM-355J Datasheet HTML 1Page - Omron Electronics LLC G3VM-355J Datasheet HTML 2Page - Omron Electronics LLC G3VM-355J Datasheet HTML 3Page - Omron Electronics LLC G3VM-355J Datasheet HTML 4Page - Omron Electronics LLC G3VM-355J Datasheet HTML 5Page - Omron Electronics LLC G3VM-355J Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MOS FET Relay
Selection Guide
5
MOS FET Relay
Selection Guide
General Attributes
G3VM PCB
G3VM SMT
G3VM SOP
G3VM SSOP
Dimensions mm (in) Please refer to data sheets for all
dimension information
Please refer to data sheets for all
dimension information
Please refer to data sheets for all
dimension information
4 pin:
3.8 L x 2.04 W x 1.8 H
(0.15 x 0.08 x 0.07)
Features • Solid-state relay with MOS FET
output and photo-LED input
• Ideal for communication
equipment, medical devices,
computer peripheral, office
automation, security, and
control applications
• Solid-state relay with MOS FET
output and photo-LED input
• Ideal for communication
equipment, medical devices,
computer peripheral, office
automation, security, and
control applications
• Solid-state relay with MOS FET
output and photo-LED input
• Ideal for communication
equipment, medical devices,
computer peripheral, office
automation, security, and
control applications
• Low ON resistance and low
output capacitance versions
ideal for ATE and Instrumentation
• Solid-state relay with MOS FET
output and photo-LED input
• Ideal for communication
equipment, medical devices,
computer peripheral, office
automation, security, and
control applications
• Low ON resistance and low
output capacitance versions
ideal for ATE and Instrumentation
Load voltage 60 – 600 V
60 – 600 V
20 – 600 V
20 – 100 V
Contact form 1FormA, 2FormA, 1FormB,
2FormB, 1FormA+1 Form B
1FormA, 2Form A, 1FormB,
2FormB, 1FormA+1 Form B
1FormA, 2FormA, 1Form B,
2FormB, 1FormA+1 Form B
1Form A
Load current 100 – 2,500 mA
100 – 2,500 mA
80 – 1,250 mA
80 – 900 mA
Dielectric strength
(50/60 Hz for 1 minute)
2,500 VAC,
5,000 VAC
1,500 VAC,
2,500 VAC,
5,000 VAC
1,500 VAC
1,500 VAC
ON resistance 0.065 – 40
Ω (typical)
0.065 – 40
Ω (typical)
0.02 – 40
Ω (typical)
0.18 – 25
Ω (typical)
Output capacitance 30 – 400 pF (typical)
30 – 400 pF (typical)
0.6 – 1,000 pF (typical)
0.45 – 40 pF (typical)
Packaging Tube
Tube or tape-and-reel
Tube or tape-and-reel
Tape-and-reel or cut tape
Additional features Low ON resistance,
Current limiting,
High I/O isolation,
High Current
Low ON resistance,
Current limiting,
High I/O isolation,
High Current
Low ON resistance,
Low output capacitance,
Current limiting,
High Current,
Low LED Trigger
Low ON resistance,
Low output capacitance,
Low Leakage


Similar Part No. - G3VM-355J

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-355J OMRON-G3VM-355J Datasheet
726Kb / 8P
   MOS FET Relays
G3VM-355JR OMRON-G3VM-355JR Datasheet
726Kb / 8P
   MOS FET Relays
G3VM-355JR OMRON-G3VM-355JR Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
G3VM-355JRTR OMRON-G3VM-355JRTR Datasheet
726Kb / 8P
   MOS FET Relays
G3VM-355JTR OMRON-G3VM-355JTR Datasheet
726Kb / 8P
   MOS FET Relays
More results

Similar Description - G3VM-355J

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
Omron Electronics LLC
G3VM-S1 OMRON-G3VM-S1 Datasheet
77Kb / 8P
   MOS FET Relay
G3VM-SY OMRON-G3VM-SY Datasheet
42Kb / 3P
   MOS FET Relay
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com