Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM35X Datasheet(PDF) 9 Page - Silicon Laboratories

Part # EM35X
Description  EM35x Development Kit
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM35X Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button EM35X Datasheet HTML 5Page - Silicon Laboratories EM35X Datasheet HTML 6Page - Silicon Laboratories EM35X Datasheet HTML 7Page - Silicon Laboratories EM35X Datasheet HTML 8Page - Silicon Laboratories EM35X Datasheet HTML 9Page - Silicon Laboratories EM35X Datasheet HTML 10Page - Silicon Laboratories EM35X Datasheet HTML 11Page - Silicon Laboratories EM35X Datasheet HTML 12Page - Silicon Laboratories EM35X Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
2-3
EM35x Development Kit User Guide
120-4030-000E
2.5
Hardware
Breakout Boards serve as test beds for network hardware and applications. Each Breakout Board has
an associated EM35x Module, which can be deployed as a node within a network application. Each
Breakout Board connects with an InSight Adapter (ISA3) through two communication links: the InSight
Port (ISP) and the DEI Port. This allows the Breakout Board’s EM35x Module to interface with InSight
Desktop (ISD) through the ISA’s InSight Port and its wired Ethernet connection. These interconnections
are described later in this chapter. The Breakout Boards also have a prototype breadboard area for
application-specific hardware development.
EM35x modules contain the Ember EM35x System-on-Chip (SoC) solution providing a complete radio
and microcontroller solution. All modules are pin-compatible, and they can be directly attached to a
Breakout Board.
InSight Adapters (ISA3s) each connect a Breakout Board to the Ethernet. Each adapter transmits
network data collected via its InSight Port and conveys it over its Ethernet connection to InSight
Desktop. It also picks up any messages or new software that is addressed to this Breakout Board.
The InSight Port is a cabled communication link between the ISA3 and the EM35x Module mounted on the
Breakout Board.
InSight Port Cables connect each ISA3 to a Breakout Board.
AAA Battery Packs that attach to a Breakout Board enable deployment of battery-operated nodes.
USB Power Supply with Adapters power Breakout Boards and / or ISA3s from wall sockets.
Ethernet Cables connect ISA3s to an Ethernet subnet.
Data Emulation Interface (DEI) cables provide a peripheral interface connection between the ISA3 and
Breakout Board. The DEI cable supports UART functionality.
2.6
Software
The Ember Development Kit contains two CDs for:
InSight Desktop
IAR Embedded Workbench
2.6.1
InSight Desktop
Installation components and associated documentation:
EmberZNet PRO network stack library and APIs: debug and release builds (see Table 3-2)
HAL library
InSight Desktop
Sample programs (see Table 3-3)
2.6.2
IAR Embedded Workbench
Licenses and support are provided separately and can be obtained from IAR Systems at http://www.iar.com.
2.7
Documentation
Document 120-4031-000, EM35x Quick Start Guide, is shipped with the EM35x Development Kit. All other
documents listed below are available from Silicon Labs’ Ember support page (www.silabs.com/zigbee-support)
as Adobe PDF files or as on-line HTML help:
EM35x Development Kit User’s Guide (this document)
Application Development Fundamentals (120-3029-000)


Similar Part No. - EM35X

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
EM35 HIROSE-EM35 Datasheet
100Kb / 1P
   Waterproof Bayonet Lock Connector for Power Supply
logo
Eaton All Rights Reserv...
EM3503 EATON-EM3503 Datasheet
2Mb / 11P
   EuroMag Series PCB Mount Terminal Blocks
EM350302 EATON-EM350302 Datasheet
2Mb / 11P
   EuroMag Series PCB Mount Terminal Blocks
EM350303 EATON-EM350303 Datasheet
2Mb / 11P
   EuroMag Series PCB Mount Terminal Blocks
EM350304 EATON-EM350304 Datasheet
2Mb / 11P
   EuroMag Series PCB Mount Terminal Blocks
More results

Similar Description - EM35X

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
ZICM357SP2-1C CEL-ZICM357SP2-1C Datasheet
805Kb / 18P
   Integrated Transceiver Modules for ZigBee / IEEE 802.15.4 Development Kit available: ZICM-EM35X-DEV-KIT-2
logo
Zilog, Inc.
Z8F081A ZILOG-Z8F081A Datasheet
155Kb / 2P
   Development Kit
logo
Murata Manufacturing Co...
DR8000-DK MURATA-DR8000-DK Datasheet
43Kb / 1P
   916.5MHz Development kit
logo
Silicon Laboratories
CP2501-DK SILABS-CP2501-DK Datasheet
252Kb / 14P
   CP250X DEVELOPMENT KIT
logo
STMicroelectronics
STEVAL-STLKT01V1 STMICROELECTRONICS-STEVAL-STLKT01V1 Datasheet
350Kb / 7P
   SensorTile development kit
Rev 8 - March 2019
logo
Advantech Co., Ltd.
SOM-DK3520 ADVANTECH-SOM-DK3520 Datasheet
358Kb / 2P
   Qseven Development Kit
6-Jun-2018
logo
List of Unclassifed Man...
C8051F36X ETC2-C8051F36X Datasheet
438Kb / 13P
   C8051F36x DEVELOPMENT KIT
logo
STMicroelectronics
UM1657 STMICROELECTRONICS-UM1657 Datasheet
1Mb / 48P
   SPIRIT1 development kit
logo
Texas Instruments
LAUNCHXL-CC2650 TI1-LAUNCHXL-CC2650 Datasheet
1Mb / 7P
[Old version datasheet]   LaunchPad Development Kit
logo
CUI Devices
DEVKIT-ECM-001 CUID-DEVKIT-ECM-001 Datasheet
1Mb / 7P
   MICROPHONE DEVELOPMENT KIT
04/13/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com