Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEE1HS010SR Datasheet(PDF) 7 Page - Silicon Laboratories

Part # EEE1HS010SR
Description  Evaluation Board Rev 5.0 for the Si2493/57/34/15/04
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EEE1HS010SR Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button EEE1HS010SR Datasheet HTML 3Page - Silicon Laboratories EEE1HS010SR Datasheet HTML 4Page - Silicon Laboratories EEE1HS010SR Datasheet HTML 5Page - Silicon Laboratories EEE1HS010SR Datasheet HTML 6Page - Silicon Laboratories EEE1HS010SR Datasheet HTML 7Page - Silicon Laboratories EEE1HS010SR Datasheet HTML 8Page - Silicon Laboratories EEE1HS010SR Datasheet HTML 9Page - Silicon Laboratories EEE1HS010SR Datasheet HTML 10Page - Silicon Laboratories EEE1HS010SR Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Si2493/57/34/15/04
Global ISOmodem-EVB
Rev. 0.7
7
Figure 6. R106 Setup for Clock and Mode Configuration on DC with 24-Pin FT Package
1.3.2.1. 32 kHz Setup
For 32 kHz, populate Y1 with the 32 kHZ crystal shown
in the BOM and use 18 pF capacitors for the C40/C41
values. Also remove Y3 and Y1b if present and strap
R101 to R106 as shown in Figure 5.
The modem should then work as expected; no changes
are needed on the motherboard
1.3.2.2. 4.9152 MHz
For 4.9152 MHz, populate Y1b with the 4.9152 MHz
crystal shown in the BOM and use 33 pF capacitors for
the C40 and C41 values. Also remove Y3 and Y1 if
present and strap R101 to R106 as shown in Figures 5
or 6 above.The modem should then work as expected;
no changes are needed on the motherboard
1.3.2.3. 27 MHz
For 27 MHz, populate Y3 with the small surface mount
oscillator shown in the BOM and remove Y3 and Y1b if
present. Also remove any capacitors at the C40 and
C41 positions.
Strap R101 to R106 as shown in Figures 5 or 6 above.
The modem should then work as expected; no changes
are needed on the motherboard
1.3.2.4. SPI Mode Setup
To change to SPI mode setup it is necessary to
configure the R101 straps as shown in Figure 5 or
Figure 6, according to the package and clock used.
Then setup the daughter card with neither UART nor
USB operation selected, i.e. with no jumper on JP23.
The SPI signals can then be obtained on J103, the
system connector and connected to the host. Signal
usage is described in Table 2.
1.3.3. Parallel Bus Mode Setup
To change to parallel bus mode setup it is necessary to
configure the R101 straps as shown in Figure 5 or
Figure 6, according to the package and clock used.
Then setup the daughter card with neither UART nor
USB operation selected, i.e. with no jumper on JP23.
The SPI signals can then be obtained on J103, the
system connector and connected to the host. See the
data sheet and schematic for signal and pin usage.
1.4. Power Requirements
The Si2493/57/34/15/04-EVB has an on-board diode
bridge, filter capacitor, and voltage regulator (U10 and
U18). Power can be supplied from any source capable
of providing 7.5 V–13 V dc or 7.5 V–13 V peak ac and
at least 100 mA. (Additional current may be required if a
speaker is connected for monitoring call progress
tones.) Power may be applied to the Si2493/57/34/15/
04-EVB through the screw terminals (J8), the 2 mm
power jack (J9), or the USB cable (even if the modem is
configured for RS-232 operation). The onboard full-
wave rectifier and filter ensure the correct polarity is
applied to the Si2493/57/34/15/04-EVB. Daughter card
current can be measured by connecting a DVM across
R59, a 1
 resistor using the supplied test points on
Table 2. Signal Usage
SPI Function
JP23 Pin Number
Legacy Pin
Function
SPI_CSb
5
RTSb
SPI_MISO
7
RXD
SPI_MOSI
9
TXD
SPI_SCLK
11
CTSb


Similar Part No. - EEE1HS010SR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE1HS010SR PANASONIC-EEE1HS010SR Datasheet
277Kb / 5P
   Surface Mount Type
EEE1HS010SR PANASONIC-EEE1HS010SR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE1HS010SR PANASONIC-EEE1HS010SR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE1HS010SR PANASONIC-EEE1HS010SR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE1HS010SR PANASONIC-EEE1HS010SR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
More results

Similar Description - EEE1HS010SR

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4368 AKM-AKD4368 Datasheet
628Kb / 39P
   Evaluation board Rev.1 for AK4368
AKD4555 AKM-AKD4555 Datasheet
824Kb / 27P
   Evaluation board Rev.0 for AK4555
AKD4145-A AKM-AKD4145-A Datasheet
1Mb / 32P
   Evaluation board Rev.3 for AK4145
AKD4160-A AKM-AKD4160-A Datasheet
715Kb / 37P
   Evaluation board Rev.0 for AK4160
AK4141EQ AKM-AK4141EQ Datasheet
1Mb / 32P
   Evaluation board Rev.2 for AK4141
AKD4186-A AKM-AKD4186-A Datasheet
872Kb / 19P
   Evaluation board Rev.1 for AK4186
AKD4629-A AKM-AKD4629-A Datasheet
1Mb / 68P
   Evaluation board Rev.1 for AK4629
AKD4687-A AKM-AKD4687-A Datasheet
1Mb / 52P
   Evaluation board Rev.2 for AK4687
AKD5374-A AKM-AKD5374-A Datasheet
1Mb / 28P
   Evaluation board Rev.1 for AK5374
AKD4691-A AKM-AKD4691-A Datasheet
1Mb / 68P
   Evaluation board Rev.0 for AK4691
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com