Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4455-PCE10D915B Datasheet(PDF) 6 Page - Silicon Laboratories

Part # 4455-PCE10D915B
Description  EZRADIO짰 TWO-WAY LINK DEVELOPMENT KIT USER?셎
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4455-PCE10D915B Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button 4455-PCE10D915B Datasheet HTML 2Page - Silicon Laboratories 4455-PCE10D915B Datasheet HTML 3Page - Silicon Laboratories 4455-PCE10D915B Datasheet HTML 4Page - Silicon Laboratories 4455-PCE10D915B Datasheet HTML 5Page - Silicon Laboratories 4455-PCE10D915B Datasheet HTML 6Page - Silicon Laboratories 4455-PCE10D915B Datasheet HTML 7Page - Silicon Laboratories 4455-PCE10D915B Datasheet HTML 8Page - Silicon Laboratories 4455-PCE10D915B Datasheet HTML 9Page - Silicon Laboratories 4455-PCE10D915B Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
EZRadio-2WayLink-DK
6
Rev. 0.1
2.2.1. Frequency and Frequency Bands
The RFpico board has an on-board antenna and RF matching to provide solutions for supported frequency bands.
A stand-alone antenna can also be used with the SMA connector.
Different RF matchings are required for each frequency band. The range test demo automatically reads frequency
band information out of the on-board EEPROM and selects the appropriate frequency range.
Si4x55 devices support the following three frequency bands:
Low band: 285–350 MHz
Middle band: 425–525 MHz
High band: 850–960 MHz
The EZRadio Two Way Link Development Kits are provided for the middle and the high bands; however, the range
test demo supports all the three bands. The demo can be used with low band RFpico boards as well.
The range test demo provides four different selectable frequencies in all the supported bands. Table 2. lists the
available frequencies.
2.2.2. Modulation
User can select from three types of modulation:
GFSK with high precision TX crystal (TX: 30 ppm, RX: 30 ppm)
GFSK (TX: 150 ppm, RX: 30 ppm)
OOK
2.2.3. Data Rate
The user can select from three different data rates. Table 3 lists the available data rates.
Table 2. Frequency Options for the EZRadio Two-Way Development Kit
Low
Middle
High
289.28 MHz
433.92 MHz
867.84 MHz
289.43 MHz
434.15 MHz
868.30 MHz
305.67 MHz
458.50 MHz
917.00 MHz
316.67 MHz
475.00 MHz
950.00 MHz
Table 3. Available Data Rates
Modulation
GFSK
(both types)
OOK
9.6 kbps
2.4 kbps
38.4 kbps
9.6 kbps
128.0 kbps
20.0 kbps


Similar Part No. - 4455-PCE10D915B

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
4455-BH11DP909-10 MOLEX3-4455-BH11DP909-10 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Bottom Entry, End-to-End Stackable, 0.254關m (10關") Tin (Sn), 11 Circuits
logo
Silicon Laboratories
4455-LED-434-PER SILABS-4455-LED-434-PER Datasheet
208Kb / 14P
   Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
4455-LED-868-PER SILABS-4455-LED-868-PER Datasheet
208Kb / 14P
   Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
4455-LED-915-PER SILABS-4455-LED-915-PER Datasheet
208Kb / 14P
   Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
More results

Similar Description - 4455-PCE10D915B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EZR-LEDK2W-434 SILABS-EZR-LEDK2W-434 Datasheet
208Kb / 14P
   Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
SI4010-RC-DEMO SILABS-SI4010-RC-DEMO Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
EZR-LEDK1W-434 SILABS-EZR-LEDK1W-434 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
SI4010-DK SILABS-SI4010-DK Datasheet
212Kb / 20P
   Si4010 DEVELOPMENT KIT USER?셎 GUIDE
C8051T620-DK SILABS-C8051T620-DK Datasheet
597Kb / 30P
   C8051T620/2 DEVELOPMENT KIT USER?셎 GUIDE
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120 Datasheet
2Mb / 64P
   DEVELOPER?셎 KIT USER?셎 GUIDE
2001
logo
Silicon Laboratories
MSC-F930-PDK SILABS-MSC-F930-PDK Datasheet
1Mb / 17P
   EZRADIOPRO짰 DEVELOPMENT KITS USER?셎 GUIDE
logo
Microchip Technology
PIC24E MICROCHIP-PIC24E Datasheet
2Mb / 30P
   STARTER KIT USER?셎 GUIDE
2010-2011
logo
Sciosense B.V.
AS6031-QF_DK SCIOSENSE-AS6031-QF_DK Datasheet
1Mb / 15P
   Development Kit User Guide
Rev. 5 2021-10-22
AS6040-QF_DK SCIOSENSE-AS6040-QF_DK Datasheet
1Mb / 16P
   Development Kit User Guide
Revision: 4 Date: 2021-10-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com