Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC25710 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC25710
Description  LLC Half-Bridge Controller For Multi-String LED Lighting
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC25710 Datasheet(HTML) 5 Page - Texas Instruments

  UCC25710 Datasheet HTML 1Page - Texas Instruments UCC25710 Datasheet HTML 2Page - Texas Instruments UCC25710 Datasheet HTML 3Page - Texas Instruments UCC25710 Datasheet HTML 4Page - Texas Instruments UCC25710 Datasheet HTML 5Page - Texas Instruments UCC25710 Datasheet HTML 6Page - Texas Instruments UCC25710 Datasheet HTML 7Page - Texas Instruments UCC25710 Datasheet HTML 8Page - Texas Instruments UCC25710 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
UCC25710
www.ti.com
SLUSAD7A
– APRIL 2011 – REVISED MAY 2011
ELECTRICAL CHARACTERISTICS (continued)
TA = -40°C to 125°C, TA = TJ, VVCC = 12 V, VBLON = 3 V, VUV = 3 V, VOV = 2 , VCL = 0 V, RMIN = 100 kΩ, RMAX = 4.99 kΩ,
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Gate Drivers
VGDHI
GD1, GD2 VOUT high
IGD1, IGD2 = -20 mA, below VCC
1.8
3.0
V
RGDHSRES
GD1, GD2 on-resistance high
IGD1, IGD2 = -20 mA
14
30
VGDLO
GD1, GD2 VOUT low
IGD1, IGD2 = 20 mA
0.08
0.20
V
RGDLSRES
GD1, GD2 on-resistance low
IGD1, IGD2 = 20 mA
4
10
TGDRISE
GD1, GD2 output rise time
CGD = 1 nF, 1 V to 9 V
25
35
ns
TGDFALL
GD1, GD2 output fall time
CGD = 1 nF, 9 V to 1 V
20
30
Under-Voltage Protection
VUVTH
Under-voltage threshold
High-to-low on UV input
2.27
2.40
2.53
V
Under-voltage threshold
VUVHY
190
240
300
mV
hysteresis
IUV
UV input bias current
VUV = 2.7 V
-0.25
0.25
µA
Over-Voltage Protection
VOVTH
Over-voltage threshold
Low-to-high on OV input
2.46
2.60
2.74
V
Over-voltage threshold
VOVHY
190
240
300
mV
hysteresis
IOV
OV input bias current
VOV = 2.3 V
-0.25
0.25
µA
Current Limit Protection
VCLTH
Current limit threshold
Low-to-high on CL input
0.90
0.95
1.00
V
Current limit threshold
VCLHY
375
475
525
mV
hysteresis
Current limit latching
VCLLTH
Low-to-high on CL input
1.75
1.90
2.05
V
threshold
ICL
CL input bias current
VCL = 2.2 V
-0.25
0.25
µA
Thermal Shutdown
Junction temperature at
tTSD
Temperature rising
135
160
185
thermal shutdown
°C
tHYS
Thermal hysteresis
25
45
Backlight On Input
RBLON
RBLON pull-down resistance
Pull down to GND
100
200
350
k
VBLON
Enable threshold
0.8
1.2
1.6
V
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): UCC25710


Similar Part No. - UCC25710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25710 TI-UCC25710_15 Datasheet
1Mb / 34P
[Old version datasheet]   LLC Half-Bridge Controller For Multi-String LED Lighting
More results

Similar Description - UCC25710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25710 TI-UCC25710_15 Datasheet
1Mb / 34P
[Old version datasheet]   LLC Half-Bridge Controller For Multi-String LED Lighting
logo
ON Semiconductor
FLS2100XS ONSEMI-FLS2100XS Datasheet
565Kb / 15P
   Half-Bridge LLC Resonant Control IC for Lighting
December 2010 Rev.1.0.0
NCL30059 ONSEMI-NCL30059 Datasheet
178Kb / 16P
   High-Voltage Half-Bridge Controller for LED Lighting Applications
February, 2017 ??Rev. P1
logo
Fairchild Semiconductor
FLS1600XS FAIRCHILD-FLS1600XS Datasheet
562Kb / 13P
   FLS-XS Series ??Half-Bridge LLC Resonant Control IC for Lighting
AN-9730 FAIRCHILD-AN-9730 Datasheet
1Mb / 17P
   LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 160W Street Lighting
AN-9729 FAIRCHILD-AN-9729 Datasheet
1Mb / 17P
   LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 100W Street Lighting
logo
Microsemi Corporation
LX1996 MICROSEMI-LX1996 Datasheet
1,018Kb / 22P
   Multi-string LED Back-light Controller
logo
ON Semiconductor
NCV78247 ONSEMI-NCV78247 Datasheet
387Kb / 23P
   Series String Pixel Controller for Automotive (Front) Lighting
September, 2017 ??Rev. 2
logo
MPS Industries, Inc.
P6503 MPSIND-P6503 Datasheet
462Kb / 1P
   HALF BRIDGE LLC RESONANT TRANSFORMER
logo
Fairchild Semiconductor
AN-4151 FAIRCHILD-AN-4151 Datasheet
1Mb / 17P
   Half-bridge LLC Resonant Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com