Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4455-LED-915-PER Datasheet(PDF) 9 Page - Silicon Laboratories

Part # 4455-LED-915-PER
Description  Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4455-LED-915-PER Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button 4455-LED-915-PER Datasheet HTML 5Page - Silicon Laboratories 4455-LED-915-PER Datasheet HTML 6Page - Silicon Laboratories 4455-LED-915-PER Datasheet HTML 7Page - Silicon Laboratories 4455-LED-915-PER Datasheet HTML 8Page - Silicon Laboratories 4455-LED-915-PER Datasheet HTML 9Page - Silicon Laboratories 4455-LED-915-PER Datasheet HTML 10Page - Silicon Laboratories 4455-LED-915-PER Datasheet HTML 11Page - Silicon Laboratories 4455-LED-915-PER Datasheet HTML 12Page - Silicon Laboratories 4455-LED-915-PER Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Si4455-2Wa yLink-DEMO
Rev. 0.1
9
Options:
PB1:

Stores new settings

Result: blinks all LED once

Next state: Ready state
2.4.1.6. Frequency Configuration Menu
The user can set the communication frequency in this menu state.
State Display:
LED2 blinks
Set the Configuration:
Set the frequency number on the switches by their frequency number:

Custom: SW1–SW4 are on

Freq. num. 1: SW1 is on, all others are off

Freq. num. 2: SW2 is on, all others are off

Freq. num. 3: SW3 is on, all others are off

Freq. num. 4: SW4 is on, all others are off
In case of wrong selection is set or the selected frequency number is not supported (e.g., no custom
frequency is stored) the default frequency of the used frequency band will be selected.
Options:
PB2:

Stores new settings

Results:
i. Blinks all LEDs once if selection is OK.
ii. Blinks LED4 and beeps buzzer once if the parameter had to be set to default because of an
unsupported selection.

Next State: Ready state
2.4.1.7. Data Rate Configuration Menu
The user can set the communication data rate in this menu state.
State Display:
LED3 blinks
Set the Configuration:
Set the data rate number on the switches by their frequency number:

Custom: SW1 – SW4 are on

Data rate num. 1: SW1 is on, all others are off

Data rate num. 2: SW2 is on, all others are off

Data rate num. 3: SW3 is on, all others are off
In case of wrong selection is set or the selected data rate number is not supported (e.g. no custom data
rate is stored) the default data rate will be selected.
Options:
PB3:

Stores new settings

Results:
i. blinks all LED once if selection is OK
ii. blinks LED4 and beeps buzzer once if parameter had to be set to default because of not
supported selection

Next state: Ready state


Similar Part No. - 4455-LED-915-PER

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
4455-BH11DP909-10 MOLEX3-4455-BH11DP909-10 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Bottom Entry, End-to-End Stackable, 0.254關m (10關") Tin (Sn), 11 Circuits
logo
Silicon Laboratories
4455-PCE10D434B SILABS-4455-PCE10D434B Datasheet
414Kb / 16P
   EZRADIO짰 TWO-WAY LINK DEVELOPMENT KIT USER?셎
4455-PCE10D868B SILABS-4455-PCE10D868B Datasheet
414Kb / 16P
   EZRADIO짰 TWO-WAY LINK DEVELOPMENT KIT USER?셎
4455-PCE10D915B SILABS-4455-PCE10D915B Datasheet
414Kb / 16P
   EZRADIO짰 TWO-WAY LINK DEVELOPMENT KIT USER?셎
More results

Similar Description - 4455-LED-915-PER

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EZR-LCDK2W-434 SILABS-EZR-LCDK2W-434 Datasheet
414Kb / 16P
   EZRADIO짰 TWO-WAY LINK DEVELOPMENT KIT USER?셎
EZR-LEDK1W-434 SILABS-EZR-LEDK1W-434 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
SI4010-RC-DEMO SILABS-SI4010-RC-DEMO Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
logo
List of Unclassifed Man...
KIT2 ETC2-KIT2 Datasheet
447Kb / 1P
   demo kit
logo
National Semiconductor ...
DS16EV51-AEVKD NSC-DS16EV51-AEVKD_14 Datasheet
400Kb / 7P
   DVI Extender Demo Kit for Dual or Single Link DVI Cables
logo
Silicon Laboratories
SI1146 SILABS-SI1146 Datasheet
197Kb / 7P
   UVIRSLIDER2EK DEMO KIT USERS GUIDE
logo
Maxim Integrated Produc...
DK101 MAXIM-DK101 Datasheet
329Kb / 13P
   Low-Cost Demo Kit Motherboard
REV: 052903
DK2000 MAXIM-DK2000 Datasheet
479Kb / 19P
   High-Performance Demo Kit Motherboard
REV: 052903
logo
Dallas Semiconductor
DS3131DK DALLAS-DS3131DK Datasheet
376Kb / 33P
   Bit-SynchronouS (BoSS) HDLC Controller Demo Kit
logo
Maxim Integrated Produc...
DS26522DK MAXIM-DS26522DK Datasheet
914Kb / 23P
   Dual T1/E1/J1 Transceiver Demo Kit
REV: 091806
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com