Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1004S050 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ADC1004S050
Description  Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1004S050 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ADC1004S050 Datasheet HTML 4Page - Integrated Device Technology ADC1004S050 Datasheet HTML 5Page - Integrated Device Technology ADC1004S050 Datasheet HTML 6Page - Integrated Device Technology ADC1004S050 Datasheet HTML 7Page - Integrated Device Technology ADC1004S050 Datasheet HTML 8Page - Integrated Device Technology ADC1004S050 Datasheet HTML 9Page - Integrated Device Technology ADC1004S050 Datasheet HTML 10Page - Integrated Device Technology ADC1004S050 Datasheet HTML 11Page - Integrated Device Technology ADC1004S050 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ADC1004S030_040_050_4
© IDT 2012. All rights reserved.
Product data sheet
Rev. 04 — 2 July 2012
8 of 18
Integrated Device Technology
ADC1004S030/040/050
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
ts(LH)
LOW to HIGH settling time
full-scale square
wave; see Figure 6
[6] -
1.5
3.0
ns
ts(HL)
HIGH to LOW settling time
-
1.5
3.0
ns
Harmonics (fclk = 40 MHz); see Figure 7 and 8
1H
first harmonic level
fi = 4.43 MHz
-
-
0
dB
2H
second harmonic level
fi = 4.43 MHz
-
75
65
dB
3H
third harmonic level
fi = 4.43 MHz
-
72
65
dB
THD
total harmonic distortion
fi = 4.43 MHz
-
64
-
dB
Signal-to-noise ratio; see Figure 7 and 8[7]
S/N
signal-to-noise ratio
full scale;
without harmonics;
fclk = 40 MHz;
fi = 4.43 MHz
55
58
-
dB
Effective bits; see Figure 7 and 8[7]
ENOB
effective number of bits
ADC1004S030TS;
fclk = 30 MHz
fi = 4.43 MHz
-
9.4
-
bit
fi = 7.5 MHz
-
9.1
-
bit
ADC1004S040TS;
fclk = 40 MHz
fi = 4.43 MHz
-
9.4
-
bit
fi = 7.5 MHz
-
9.0
-
bit
fi = 10 MHz
-
8.9
-
bit
fi = 15 MHz
-
8.1
-
bit
ADC1004S050TS;
fclk = 50 MHz
fi = 4.43 MHz
-
9.3
-
bit
fi = 7.5 MHz
-
8.9
-
bit
fi = 10 MHz
-
8.8
-
bit
fi = 15 MHz
-
8.0
-
bit
Two-tone intermodulation[8]
IM
intermodulation
suppression
fclk = 40 MHz
-
69
-
dB
Bit error rate
BER
bit error rate
fclk = 40 MHz;
fi = 4.43 MHz;
VI = 16 LSB at code
512
-
1013
-
times/samples
Differential gain[9]
Gdif
differential gain
fclk = 40 MHz;
PAL modulated ramp
-
0.8
-
%
Table 6.
Characteristics …continued
VCCA = V3 to V4 = 4.75 V to 5.25 V; VCCD = V11 to V12 and V28 to V27 = 4.75 V to 5.25 V;
VCCO = V13 to V14 = 3.0 V to 5.25 V; AGND and DGND shorted together; Tamb = 0 C to +70 C; typical values measured at
VCCA = VCCD = 5 V and VCCO = 3.3 V; CL = 15 pF and Tamb = 25 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - ADC1004S050

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1004S050 NXP-ADC1004S050 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
ADC1004S050TS NXP-ADC1004S050TS Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
More results

Similar Description - ADC1004S050

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC1003S030 NXP-ADC1003S030 Datasheet
143Kb / 20P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
Rev. 02-7 August 2008
logo
Integrated Device Techn...
ADC1003S030 IDT-ADC1003S030 Datasheet
481Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
logo
Renesas Technology Corp
ADC1003S030 RENESAS-ADC1003S030 Datasheet
485Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
2 July 2012
logo
NXP Semiconductors
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Renesas Technology Corp
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com