Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD90910RGCT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCD90910RGCT
Description  10-Rail Sequencer and System Health Monitor With 10-Fan Control
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD90910RGCT Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCD90910RGCT Datasheet HTML 4Page - Texas Instruments UCD90910RGCT Datasheet HTML 5Page - Texas Instruments UCD90910RGCT Datasheet HTML 6Page - Texas Instruments UCD90910RGCT Datasheet HTML 7Page - Texas Instruments UCD90910RGCT Datasheet HTML 8Page - Texas Instruments UCD90910RGCT Datasheet HTML 9Page - Texas Instruments UCD90910RGCT Datasheet HTML 10Page - Texas Instruments UCD90910RGCT Datasheet HTML 11Page - Texas Instruments UCD90910RGCT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
UCD90910
SLVSA81 – JULY 2010
www.ti.com
Table 1. PIN FUNCTIONS (continued)
PIN NAME
PIN NO.
I/O TYPE
DESCRIPTION
MON8
62
I
Analog input (0 V–2.5 V)
MON9
63
I
Analog input (0 V–2.5 V)
MON10
50
I
Analog input (0.2 V–2.5 V)
MON11
52
I
Analog input (0.2 V–2.5 V)
MON12
54
I
Analog input (0.2 V–2.5 V)
MON13
56
I
Analog input (0.2 V–2.5 V)
GPIO
GPIO1
11
I/O
General-purpose discrete I/O
GPIO2
12
I/O
General-purpose discrete I/O
GPIO3
13
I/O
General-purpose discrete I/O
GPIO4
14
I/O
General-purpose discrete I/O
GPIO13
25
I/O
General-purpose discrete I/O
GPIO14
29
I/O
General-purpose discrete I/O
GPIO15
30
I/O
General-purpose discrete I/O
GPIO16
33
I/O
General-purpose discrete I/O
GPIO17
34
I/O
General-purpose discrete I/O
GPIO18
35
I/O
General-purpose discrete I/O
PWM OUTPUTS
FPWM1/GPIO5
17
I/O/PWM
PWM (15.259 kHz to 125 MHz) or GPIO
FPWM2/GPIO6
18
I/O/PWM
PWM (15.259 kHz to 125 MHz) or GPIO
FPWM3/GPIO7
19
I/O/PWM
PWM (15.259 kHz to 125 MHz) or GPIO
FPWM4/GPIO8
20
I/O/PWM
PWM (15.259 kHz to 125 MHz) or GPIO
FPWM5/GPIO9
21
I/O/PWM
PWM (15.259 kHz to 125 MHz) or GPIO
FPWM6/GPIO10
22
I/O/PWM
PWM (15.259 kHz to 125 MHz) or GPIO
FPWM7/GPIO11
23
I/O/PWM
PWM (15.259 kHz to 125 MHz) or GPIO
FPWM8/GPIO12
24
I/O/PWM
PWM (15.259 kHz to 125 MHz) or GPIO
PWM1/GPI1
31
I/PWM
Fixed 10-kHz PWM output or GPI
PWM2/GPI2
32
I/PWM
Fixed 1-kHz PWM output or GPI
PWM3/GPI3
42
I/PWM
PWM (0.93 Hz to 7.8125 MHz) or GPI
PWM4/GPI4
41
I/PWM
PWM (0.93 Hz to 7.8125 MHz) or GPI
PMBus COMM INTERFACE
PMBUS_CLK
15
I/O
PMBus clock (must have pullup to 3.3 V)
PMBUS_DATA
16
I/O
PMBus data (must have pullup to 3.3 V)
PMBUS_ALERT
27
O
PMBus alert, active-low, open-drain output (must have pullup to 3.3 V)
PMBUS_CNTRL
28
I
PMBus control
PMBUS_ADDR0
61
I
PMBus analog address input. Least-significant address bit
PMBUS_ADDR1
60
I
PMBus analog address input. Most-significant address bit
JTAG
TRCK
10
O
Test return clock
TCK/GPIO19
36
I/O
Test clock or GPIO
TDO/GPIO20
37
I/O
Test data out or GPIO
TDI/GPIO21
38
I/O
Test data in (tie to VDD with 10-kΩ resistor) or GPIO
TMS/GPIO22
39
I/O
Test mode select (tie to VDD with 10-kΩ resistor) or GPIO
TRST
40
I
Test reset – tie to ground with 10-k
Ω resistor
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :UCD90910


Similar Part No. - UCD90910RGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9090 TI-UCD9090 Datasheet
1Mb / 48P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD9090 TI1-UCD9090 Datasheet
1Mb / 55P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor With ACPI Support
UCD9090-Q1 TI1-UCD9090-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   10-Rail Power-Supply Sequencer and Monitor With ACPI Support
UCD9090A TI1-UCD9090A Datasheet
1Mb / 54P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor
UCD9090ARGZR TI1-UCD9090ARGZR Datasheet
1Mb / 54P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor
More results

Similar Description - UCD90910RGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD90124 TI-UCD90124 Datasheet
2Mb / 44P
[Old version datasheet]   12-Rail Sequencer and System Health Monitor With Fan Control
UCD90124 TI-UCD90124_1 Datasheet
2Mb / 46P
[Old version datasheet]   12-Rail Sequencer and System Health Monitor With Fan Control
UCD90120 TI-UCD90120 Datasheet
2Mb / 40P
[Old version datasheet]   UCD90120 12-Channel Sequencer and System Health Monitor
UCD9090A TI1-UCD9090A Datasheet
1Mb / 54P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor
UCD9090-Q1 TI1-UCD9090-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   10-Rail Power-Supply Sequencer and Monitor With ACPI Support
UCD9090 TI1-UCD9090 Datasheet
1Mb / 55P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor With ACPI Support
UCD9090 TI-UCD9090 Datasheet
1Mb / 48P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD90124A TI1-UCD90124A Datasheet
1Mb / 51P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor with ACPI Support and Fan Control
logo
Analog Devices
AD7292 AD-AD7292 Datasheet
734Kb / 41P
   10-Bit Monitor and Control System with ADC,DACs, Temperature Sensor, and GPIOs
logo
Texas Instruments
UCD90160A TI1-UCD90160A Datasheet
2Mb / 59P
[Old version datasheet]   16-Rail Power Supply Sequencer and Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com