Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1015S Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ADC1015S
Description  Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1015S Datasheet(HTML) 2 Page - Integrated Device Technology

  ADC1015S Datasheet HTML 1Page - Integrated Device Technology ADC1015S Datasheet HTML 2Page - Integrated Device Technology ADC1015S Datasheet HTML 3Page - Integrated Device Technology ADC1015S Datasheet HTML 4Page - Integrated Device Technology ADC1015S Datasheet HTML 5Page - Integrated Device Technology ADC1015S Datasheet HTML 6Page - Integrated Device Technology ADC1015S Datasheet HTML 7Page - Integrated Device Technology ADC1015S Datasheet HTML 8Page - Integrated Device Technology ADC1015S Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
ADC1015S_SER 3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
2 of 40
Integrated Device Technology
ADC1015S series
Single 10-bit ADC; input buffer; CMOS or LVDS DDR digital outputs
3. Applications
4. Ordering information
Wireless and wired broadband
communications
Spectral analysis
Portable instrumentation
Ultrasound equipment
Imaging systems
Software defined radio
Digital predistortion loop, power
amplifier linearization
Table 1.
Ordering information
Type number
fs (Msps) Package
Name
Description
Version
ADC1015S125HN-C1 125
HVQFN40 plastic thermal enhanced very thin quad flat package;
no leads; 40 terminals; body 6
 6  0.85 mm
SOT618-6
ADC1015S105HN-C1 105
HVQFN40 plastic thermal enhanced very thin quad flat package;
no leads; 40 terminals; body 6
 6  0.85 mm
SOT618-6
ADC1015S080HN-C1 80
HVQFN40 plastic thermal enhanced very thin quad flat package;
no leads; 40 terminals; body 6
 6  0.85 mm
SOT618-6
ADC1015S065HN-C1 65
HVQFN40 plastic thermal enhanced very thin quad flat package;
no leads; 40 terminals; body 6
 6  0.85 mm
SOT618-6


Similar Part No. - ADC1015S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1015S NXP-ADC1015S Datasheet
287Kb / 39P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps Rev. 01 - 12 April 2010 Preliminary data sheet
Rev. 01-12 April 2010
logo
Renesas Technology Corp
ADC1015S RENESAS-ADC1015S Datasheet
386Kb / 40P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1015S065HN/C1 NXP-ADC1015S065HN/C1 Datasheet
287Kb / 39P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps Rev. 01 - 12 April 2010 Preliminary data sheet
Rev. 01-12 April 2010
ADC1015S080HN/C1 NXP-ADC1015S080HN/C1 Datasheet
287Kb / 39P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps Rev. 01 - 12 April 2010 Preliminary data sheet
Rev. 01-12 April 2010
ADC1015S105HN/C1 NXP-ADC1015S105HN/C1 Datasheet
287Kb / 39P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps Rev. 01 - 12 April 2010 Preliminary data sheet
Rev. 01-12 April 2010
More results

Similar Description - ADC1015S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ADC1015S RENESAS-ADC1015S Datasheet
386Kb / 40P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1010S NXP-ADC1010S Datasheet
284Kb / 36P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1010S RENESAS-ADC1010S Datasheet
390Kb / 37P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1010S IDT-ADC1010S Datasheet
386Kb / 37P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1415S NXP-ADC1415S Datasheet
288Kb / 39P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
ADC1215S NXP-ADC1215S Datasheet
287Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
logo
Integrated Device Techn...
ADC1215S IDT-ADC1215S Datasheet
383Kb / 40P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1215S RENESAS-ADC1215S Datasheet
386Kb / 40P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1415S IDT-ADC1415S Datasheet
383Kb / 40P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com