Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1113D125 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ADC1113D125
Description  Dual 11-bit ADC; serial JESD204A interface
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1113D125 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ADC1113D125 Datasheet HTML 7Page - Integrated Device Technology ADC1113D125 Datasheet HTML 8Page - Integrated Device Technology ADC1113D125 Datasheet HTML 9Page - Integrated Device Technology ADC1113D125 Datasheet HTML 10Page - Integrated Device Technology ADC1113D125 Datasheet HTML 11Page - Integrated Device Technology ADC1113D125 Datasheet HTML 12Page - Integrated Device Technology ADC1113D125 Datasheet HTML 13Page - Integrated Device Technology ADC1113D125 Datasheet HTML 14Page - Integrated Device Technology ADC1113D125 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
ADC1113D125 4
© IDT 2012. All rights reserved.
Product data sheet
Rev. 04 — 2 July 2012
11 of 39
Integrated Device Technology
ADC1113D125
Dual 11-bit ADC; serial JESD204A interface
10.4 SPI timing
[1]
Typical values measured at VDDA =3V, VDDD =1.8 V, Tamb =25 C and CL = 5 pF. Minimum and maximum
values are across the full temperature range Tamb = 40 C to +85 C at VDDA =3V, VDDD =1.8 V;
VI (INAP, INBP)  VI (INAM,INBM) = 1 dBFS; internal reference mode; 100  differential applied to serial
outputs; unless otherwise specified.
Fig 4.
Eye diagram at 2 V receiver common-mode
005aaa089
Table 8.
SPI timing characteristics[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Serial Peripheral Interface timing
tw(SCLK)
SCLK pulse width
-
40
-
ns
tw(SCLKH)
SCLK HIGH pulse
width
-16
-
ns
tw(SCLKL)
SCLK LOW pulse
width
-16
-
ns
tsu
set-up time
data to SCLK H
-
5
-
ns
CS to SCLK H
-
5
-
ns
th
hold time
data to SCLK H
-
2
-
ns
CS to SCLK H
-
2
-
ns
fclk(max)
maximum clock
frequency
-25
-
MHz
Fig 5.
SPI timing
tsu
SDIO
SCLK
R/W
W1
W0
A12
A11
D2
D1
D0
tsu
th
th
tw(SCLK)
005aaa065
CS
tw(SCLKL)
tw(SCLKH)


Similar Part No. - ADC1113D125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1113D125 NXP-ADC1113D125 Datasheet
314Kb / 41P
   Dual 11-bit ADC; serial JESD204A interface
Rev. 02-23 April 2010
ADC1113D125 NXP-ADC1113D125 Datasheet
547Kb / 41P
   Dual 11-bit ADC; serial JESD204A interface
Rev. 3-10 February 2011
logo
Renesas Technology Corp
ADC1113D125 RENESAS-ADC1113D125 Datasheet
593Kb / 39P
   Dual 11-bit ADC; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1113D125C1 NXP-ADC1113D125C1 Datasheet
547Kb / 41P
   Dual 11-bit ADC; serial JESD204A interface
Rev. 3-10 February 2011
ADC1113D125HN/C1 NXP-ADC1113D125HN/C1 Datasheet
314Kb / 41P
   Dual 11-bit ADC; serial JESD204A interface
Rev. 02-23 April 2010
More results

Similar Description - ADC1113D125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1113D125 NXP-ADC1113D125_11 Datasheet
547Kb / 41P
   Dual 11-bit ADC; serial JESD204A interface
Rev. 3-10 February 2011
logo
Renesas Technology Corp
ADC1113D125 RENESAS-ADC1113D125 Datasheet
593Kb / 39P
   Dual 11-bit ADC; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1113D125 NXP-ADC1113D125 Datasheet
314Kb / 41P
   Dual 11-bit ADC; serial JESD204A interface
Rev. 02-23 April 2010
ADC1113S125 NXP-ADC1113S125 Datasheet
659Kb / 38P
   Single 11-bit ADC; serial JESD204A interface
Rev. 1-15 March 2011
logo
Renesas Technology Corp
ADC1113S125 RENESAS-ADC1113S125 Datasheet
701Kb / 36P
   Single 11-bit ADC; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1113S125 IDT-ADC1113S125 Datasheet
698Kb / 36P
   Single 11-bit ADC; serial JESD204A interface
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
logo
Renesas Technology Corp
ADC1613D RENESAS-ADC1613D Datasheet
660Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com