Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSP01M02ZWDR Datasheet(PDF) 3 Page - Texas Instruments

Part # VSP01M02ZWDR
Description  CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VSP01M02ZWDR Datasheet(HTML) 3 Page - Texas Instruments

  VSP01M02ZWDR Datasheet HTML 1Page - Texas Instruments VSP01M02ZWDR Datasheet HTML 2Page - Texas Instruments VSP01M02ZWDR Datasheet HTML 3Page - Texas Instruments VSP01M02ZWDR Datasheet HTML 4Page - Texas Instruments VSP01M02ZWDR Datasheet HTML 5Page - Texas Instruments VSP01M02ZWDR Datasheet HTML 6Page - Texas Instruments VSP01M02ZWDR Datasheet HTML 7Page - Texas Instruments VSP01M02ZWDR Datasheet HTML 8Page - Texas Instruments VSP01M02ZWDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 91 page
background image
ELECTRICAL CHARACTERISTICS
VSP01M01
VSP01M02
www.ti.com .................................................................................................................................................................................................. SBES016 – MARCH 2009
All specifications at TA = +25°C, all power supply voltages = +3.0 V, and conversion rate = 36 MHz, unless otherwise noted.
VSP01M01ZWD,
VSP01M01GWD,
VSP01M02ZWD
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
VSP01M01 only
10
Bits
Resolution
VSP01M02 only
12
Bits
CONVERSION/CLOCK RATE
Conversion/clock rate
36
MHz
ANALOG INPUT (CCDIN)
Input signal level for full-scale out
CDS gain = 0 dB, DPGA gain = 0 dB
1000
mV
Maximum input range
CDS gain = –3 dB, DPGA gain = 0 dB
1300
mV
Input capacitance
15
pF
Input limit
–0.3
3.3
V
TRANSFER CHARACTERISTICS
Differential nonlinearity
DNL
CDS gain = 0 dB, DPGA gain = 0 dB
±0.25
LSB
Integral nonlinearity
INL
CDS gain = 0 dB, DPGA gain = 0 dB
±0.5
LSB
No missing codes
Ensured
Step response settling time
Full-scale step input
1
Pixel
Overload recovery time
Step input from 1.8 V to 0 V
2
Pixels
Data latency
9
Clocks
Grounded input capacitor, PGA gain = 0 dB
76
dB
Signal-to-noise ratio(1)
Grounded input capacitor, analog gain = +12 dB
68
dB
CCD offset correction range
–200
200
mV
INPUT CLAMP
Clamp on-resistance
400
Clamp level
1.5
V
PROGRAMMABLE ANALOG FRONT GAIN (CDS)
Minimum gain
Gain code = 111b
–3
dB
Default gain
Gain code = 000b
0
dB
Medium gain 1
Gain code = 001b
6
dB
Medium gain 2
Gain code = 010b
12
dB
Maximum gain
Gain code = 011b
18
dB
Gain control error
0.5
dB
PROGRAMMABLE DIGITAL GAIN (DPGA)
Programmable gain range
–6
26
dB
Gain step
0.03125
dB
OPTICAL BLACK CLAMP LOOP
Control DAC resolution
10
Bits
Loop time constant
40.7
µs
Programmable range of clamp level
16
78
LSB
Optical black clamp level (VSP01M01 only)
OBCLP level at code = 01000b
32
LSB
OB level program step
2
LSB
Programmable range of clamp level
64
312
LSB
Optical black clamp level (VSP01M02 only)
OBCLP level at code = 01000b
128
LSB
OB level program step
8
LSB
(1)
SNR = 20 log (full-scale voltage/rms noise).
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): VSP01M01 VSP01M02


Similar Part No. - VSP01M02ZWDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP1000 TI1-VSP1000 Datasheet
513Kb / 14P
[Old version datasheet]   Low-Power, High-Speed Buffer for CCD Sensor
VSP1000DSFR TI1-VSP1000DSFR Datasheet
513Kb / 14P
[Old version datasheet]   Low-Power, High-Speed Buffer for CCD Sensor
VSP1000DSFT TI1-VSP1000DSFT Datasheet
513Kb / 14P
[Old version datasheet]   Low-Power, High-Speed Buffer for CCD Sensor
VSP1021 TI-VSP1021 Datasheet
245Kb / 17P
[Old version datasheet]   3-V, 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
VSP1021 TI1-VSP1021 Datasheet
628Kb / 6P
[Old version datasheet]   3-V, 10-BIT,25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
More results

Similar Description - VSP01M02ZWDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP8133 TI-VSP8133 Datasheet
901Kb / 29P
[Old version datasheet]   CCD Analog Front-End with Timing Generator for Digital Cameras
VSP2560 TI1-VSP2560_14 Datasheet
1Mb / 7P
[Old version datasheet]   CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
VSP2582 TI1-VSP2582 Datasheet
780Kb / 28P
[Old version datasheet]   CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
VSP2560 TI1-VSP2560 Datasheet
670Kb / 32P
[Old version datasheet]   CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
VSP2265 TI-VSP2265 Datasheet
1Mb / 88P
[Old version datasheet]   CCD Signal Processor with Timing Generator for Digital Cameras
VSP2267 TI-VSP2267 Datasheet
1Mb / 88P
[Old version datasheet]   CCD Singnal Processor with Timing Generator for Digital cameras
VSP2264 TI-VSP2264 Datasheet
745Kb / 63P
[Old version datasheet]   CCD SIGNAL PROCESSOR WITH TIMING GENERATOR FOR DIGITAL CAMERAS
logo
Burr-Brown (TI)
VSP2080 BURR-BROWN-VSP2080 Datasheet
80Kb / 7P
   CCD SIGNAL FRONT-END PROCESSOR FOR DIGITAL CAMERAS
logo
Texas Instruments
VSP1900 TI1-VSP1900_16 Datasheet
175Kb / 12P
[Old version datasheet]   CCD VERTICAL DRIVER FOR DIGITAL CAMERAS
logo
Burr-Brown (TI)
VSP1900 BURR-BROWN-VSP1900 Datasheet
140Kb / 9P
   CCD VERTICAL DRIVER FOR DIGITAL CAMERAS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com