Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR22-5 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MCR22-5
Description  Silicon Controlled Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCR22-5 Datasheet(HTML) 2 Page - Motorola, Inc

  MCR22-5 Datasheet HTML 1Page - Motorola, Inc MCR22-5 Datasheet HTML 2Page - Motorola, Inc MCR22-5 Datasheet HTML 3Page - Motorola, Inc MCR22-5 Datasheet HTML 4Page - Motorola, Inc MCR22-5 Datasheet HTML 5Page - Motorola, Inc MCR22-5 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MCR222 thru MCR228
2
Motorola Thyristor Device Data
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
50
°C/W
Thermal Resistance, Junction to Ambient
R
θJA
160
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted. RGK = 1000 Ohms.)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak Forward or Reverse Blocking Current
(VAK = Rated VDRM or VRRM)
TC = 25°C
TC = 125°C
IDRM, IRRM
10
200
µA
µA
Forward “On” Voltage
(ITM = 1 A Peak)
VTM
1.2
1.7
Volts
Gate Trigger Current (Continuous dc)(1)
TC = 25°C
(Anode Voltage = 6 Vdc, RL = 100 Ohms)
TC = –40°C
IGT
30
200
500
µA
Gate Trigger Voltage (Continuous dc)
TC = 25°C
(Anode Voltage = 7 Vdc, RL = 100 Ohms)
TC = –40°C
(Anode Voltage = Rated VDRM, RL = 100 Ohms)
TC = 125°C
VGT
VGD
0.1
0.8
1.2
Volts
Holding Current
TC = 25°C
(Anode Voltage = 12 Vdc)
TC = –40°C
IH
2
5
10
mA
Forward Voltage Application Rate
(TC = 125°C)
dv/dt
25
V/
µs
1. RGK Current Not Included in Measurement.
dc
dc
IT(AV), AVERAGE ON-STATE CURRENT (AMPS)
1.8
0
0.2
0.4
0.6
0.8
120
1.0
0
20
40
60
80
100
140
IT(AV), AVERAGE ON-STATE CURRENT (AMP)
CURRENT DERATING
FIGURE 2 — MAXIMUM AMBIENT TEMPERATURE
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
2.0
100
1.6
20
60
140
FIGURE 1 — MAXIMUM CASE TEMPERATURE
α = CONDUCTION
ANGLE
α = 180°
α = CONDUCTION ANGLE
α = 180°


Similar Part No. - MCR22-5

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MCR22-5 DIGITRON-MCR22-5 Datasheet
290Kb / 4P
   SILICON CONTROLLED RECTIFIERS
More results

Similar Description - MCR22-5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com