Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR264-5 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCR264-5
Description  Thyristors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCR264-5 Datasheet(HTML) 1 Page - Motorola, Inc

  MCR264-5 Datasheet HTML 1Page - Motorola, Inc MCR264-5 Datasheet HTML 2Page - Motorola, Inc MCR264-5 Datasheet HTML 3Page - Motorola, Inc MCR264-5 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Thyristor Device Data
Thyristors
Silicon Controlled Rectifiers
. . . designed for back-to-back SCR output devices for solid state relays or applications
requiring high surge operation.
• Photo Glass Passivated Blocking Junctions for High Temperature Stability,
Center Gate for Uniform Parameters
• 400 Amperes Surge Capability
• Blocking Voltage to 800 Volts
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted.)
Rating
Symbol
Value
Unit
Peak Repetitive Forward and Reverse Blocking Voltage(1)
(TJ = 25 to 125°C, Gate Open)
MCR264-4
MCR264-6
MCR264-8
MCR264-10
VDRM
VRRM
200
400
600
800
Volts
Forward Current (TC = 80°C)
(All Conduction Angles)
IT(RMS)
IT(AV)
40
25
Amps
Peak Non-repetitive Surge Current – 8.3 ms
(1/2 Cycle, Sine Wave)
1.5 ms
ITSM
400
450
Amps
Forward Peak Gate Power
PGM
20
Watts
Forward Average Gate Power
PG(AV)
0.5
Watt
Forward Peak Gate Current
(300
µs, 120 PPS)
IGM
2
Amps
Operating Junction Temperature Range
TJ
–40 to +125
°C
Storage Temperature Range
Tstg
–40 to +150
°C
1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; however, positive gate
voltage shall not be applied concurrent with negative potential on the anode. Blocking voltages shall not be tested with a constant current
source such that the voltage ratings of the devices are exceeded.
These devices are rated for use in applications subject to high surge conditions. Care must be taken to insure proper heat sinking when
the device is to be used at high sustained currents.
REV 1
Order this document
by MCR264-4/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
MCR2644
thru
MCR26410
CASE 221A-04
(TO-220AB)
STYLE 3
SCRs
40 AMPERES RMS
200 thru 800 VOLTS
K
G
A


Similar Part No. - MCR264-5

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MCR264-10 DIGITRON-MCR264-10 Datasheet
231Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
MCR264-10 NJSEMI-MCR264-10 Datasheet
98Kb / 2P
   Thyristors Silicon Controlled Rectifiers
logo
Digitron Semiconductors
MCR264-12 DIGITRON-MCR264-12 Datasheet
231Kb / 3P
   SILICON CONTROLLED RECTIFIERS
MCR264-4 DIGITRON-MCR264-4 Datasheet
231Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
MCR264-4 NJSEMI-MCR264-4 Datasheet
98Kb / 2P
   Thyristors Silicon Controlled Rectifiers
More results

Similar Description - MCR264-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HBT169M ETC-HBT169M Datasheet
49Kb / 4P
   THYRISTORS
logo
NXP Semiconductors
BT151X PHILIPS-BT151X Datasheet
46Kb / 11P
   Thyristors
Rev. 04-9 June 2004
BT152B PHILIPS-BT152B Datasheet
48Kb / 6P
   Thyristors
September 1997 Rev 1.100
BT300 PHILIPS-BT300 Datasheet
44Kb / 6P
   Thyristors
September 1997 Rev 1.100
logo
Inchange Semiconductor ...
TYN610F ISC-TYN610F Datasheet
275Kb / 2P
   Thyristors
logo
NXP Semiconductors
BT151UC PHILIPS-BT151UC Datasheet
43Kb / 6P
   Thyristors
April 2004-Rev 1.000
logo
Inchange Semiconductor ...
BT151-600 ISC-BT151-600 Datasheet
54Kb / 1P
   Thyristors
MCR100-6 ISC-MCR100-6 Datasheet
42Kb / 1P
   Thyristors
logo
STMicroelectronics
TYN054 STMICROELECTRONICS-TYN054 Datasheet
105Kb / 4P
   THYRISTORS
logo
New Jersey Semi-Conduct...
BT169D NJSEMI-BT169D Datasheet
80Kb / 1P
   Thyristors
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
   THYRISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com