Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1412D Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ADC1412D
Description  Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1412D Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ADC1412D Datasheet HTML 6Page - Integrated Device Technology ADC1412D Datasheet HTML 7Page - Integrated Device Technology ADC1412D Datasheet HTML 8Page - Integrated Device Technology ADC1412D Datasheet HTML 9Page - Integrated Device Technology ADC1412D Datasheet HTML 10Page - Integrated Device Technology ADC1412D Datasheet HTML 11Page - Integrated Device Technology ADC1412D Datasheet HTML 12Page - Integrated Device Technology ADC1412D Datasheet HTML 13Page - Integrated Device Technology ADC1412D Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
10. Dynamic characteristics
10.1 Dynamic characteristics
Table 7.
Dynamic characteristics[1]
Symbol
Parameter
Conditions
ADC1412D065
ADC1412D080
ADC1412D105
ADC1412D125
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Analog signal processing
2H
second harmonic
level
fi = 3 MHz
-
87
-
-
87
-
-
86
-
-
88
-
dBc
fi = 30 MHz
-86-
-86-
-86-
-87
-
dBc
fi = 70 MHz
-85-
-85-
-84-
-85
-
dBc
fi = 170 MHz
-
82
-
-
82
-
-
81
-
-
83
-
dBc
3H
third harmonic
level
fi = 3 MHz
-
86
-
-
86
-
-
85
-
-
87
-
dBc
fi = 30 MHz
-85-
-85-
-85-
-86
-
dBc
fi = 70 MHz
-84-
-84-
-83-
-84
-
dBc
fi = 170 MHz
-
81
-
-
81
-
-
80
-
-
82
-
dBc
THD
total harmonic
distortion
fi = 3 MHz
-
83
-
-
83
-
-
82
-
-
84
-
dBc
fi = 30 MHz
-82-
-82-
-82-
-83
-
dBc
fi = 70 MHz
-81-
-81-
-80-
-81
-
dBc
fi = 170 MHz
-
78
-
-
78
-
-
77
-
-
79
-
dBc
ENOB
effective number
of bits
fi = 3 MHz
-
11.7
-
-
11.7
-
-
11.6
-
-
11.6
-
bit
fi = 30 MHz
-
11.6
-
-
11.5
-
-
11.5
-
-
11.5
-
bit
fi = 70 MHz
-
11.5
-
-
11.5
-
-
11.4
-
-
11.4
-
bit
fi = 170 MHz
-
11.4
-
-
11.4
-
-
11.3
-
-
11.3
-
bit
SNR
signal-to-noise
ratio
fi = 3 MHz
-
72.1
-
-
72.0
-
-
71.8
-
-
71.4
-
dBFS
fi = 30 MHz
-
71.3
-
-
71.2
-
-
71.2
-
-
71.1
-
dBFS
fi = 70 MHz
-
70.7
-
-
70.7
-
-
70.6
-
-
70.5
-
dBFS
fi = 170 MHz
-
70.2
-
-
70.1
-
-
70.0
-
-
69.9
-
dBFS
SFDR
spurious-free
dynamic range
fi = 3 MHz
-
86
-
-
86
-
-
85
-
-
87
-
dBc
fi = 30 MHz
-85-
-85-
-85-
-86
-
dBc
fi = 70 MHz
-84-
-84-
-83-
-84
-
dBc
fi = 170 MHz
-
81
-
-
81
-
-
80
-
-
82
-
dBc


Similar Part No. - ADC1412D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D065 NXP-ADC1412D065 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
ADC1412D065HN/C1 NXP-ADC1412D065HN/C1 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
ADC1412D065HN/C1 NXP-ADC1412D065HN/C1 Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
More results

Similar Description - ADC1412D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1410S IDT-ADC1410S Datasheet
539Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1410S RENESAS-ADC1410S Datasheet
543Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1212D PHILIPS-ADC1212D Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 2-4 March 2011
logo
Renesas Technology Corp
ADC1212D RENESAS-ADC1212D Datasheet
672Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com