Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1613D125HN-C1 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ADC1613D125HN-C1
Description  Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1613D125HN-C1 Datasheet(HTML) 5 Page - Integrated Device Technology

  ADC1613D125HN-C1 Datasheet HTML 1Page - Integrated Device Technology ADC1613D125HN-C1 Datasheet HTML 2Page - Integrated Device Technology ADC1613D125HN-C1 Datasheet HTML 3Page - Integrated Device Technology ADC1613D125HN-C1 Datasheet HTML 4Page - Integrated Device Technology ADC1613D125HN-C1 Datasheet HTML 5Page - Integrated Device Technology ADC1613D125HN-C1 Datasheet HTML 6Page - Integrated Device Technology ADC1613D125HN-C1 Datasheet HTML 7Page - Integrated Device Technology ADC1613D125HN-C1 Datasheet HTML 8Page - Integrated Device Technology ADC1613D125HN-C1 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
ADC1613D_SER 4
© IDT 2012. All rights reserved.
Product data sheet
Rev. 04 — 2 July 2012
5 of 41
Integrated Device Technology
ADC1613D series
Dual 16-bit ADC: serial JESD204A interface
INBP
14
I
channel B analog input
VDDA
15
P
analog power supply 3 V
VDDA
16
P
analog power supply 3 V
SCLK
17
I
SPI clock
SDIO
18
I/O
SPI data IO
CS
19
I
chip select
AGND
20
G
analog ground
RESET
21
I
JEDEC digital IP reset
SCRAMBLER
22
I
scrambler enable and disable
CFG0
23
I/O
Table 30 (input) or OTRA (output)[2]
CFG1
24
I/O
Table 30 (input) or OTRB (output)[2]
CFG2
25
I/O
Table 30 (input)
CFG3
26
I/O
Table 30 (input)
VDDD
27
P
digital power supply 1.8 V
DGND
28
G
digital ground
DGND
29
G
digital ground
DGND
30
G
digital ground
VDDD
31
P
digital power supply 1.8 V
CMLPB
32
O
channel B output
CMLNB
33
O
channel B complementary output
VDDD
34
P
digital power supply 1.8 V
DGND
35
G
digital ground
DGND
36
G
digital ground
VDDD
37
P
digital power supply 1.8 V
CMLNA
38
O
channel A complementary output
CMLPA
39
O
channel A output
VDDD
40
P
digital power supply 1.8 V
DGND
41
G
digital ground
DGND
42
G
digital ground
SYNCP
43
I
synchronization from FPGA
SYNCN
44
I
synchronization from FPGA
DGND
45
G
digital ground
VDDD
46
P
digital power supply 1.8 V
SWING_0
47
I
JESD204 serial buffer programmable output swing
SWING_1
48
I
JESD204 serial buffer programmable output swing
DNC
49
O
do not connect
VDDA
50
P
analog power supply 3 V
AGND
51
G
analog ground
AGND
52
G
analog ground
Table 2.
Pin description …continued
Symbol
Pin
Type [1]
Description


Similar Part No. - ADC1613D125HN-C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1613D125HN NXP-ADC1613D125HN Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
ADC1613D125HN/C1 NXP-ADC1613D125HN/C1 Datasheet
389Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
More results

Similar Description - ADC1613D125HN-C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
logo
Renesas Technology Corp
ADC1613D RENESAS-ADC1613D Datasheet
660Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D Datasheet
389Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
logo
Integrated Device Techn...
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
ADC1613S NXP-ADC1613S Datasheet
736Kb / 39P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
logo
Integrated Device Techn...
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com