Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1613S065HN-C1 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ADC1613S065HN-C1
Description  Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1613S065HN-C1 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ADC1613S065HN-C1 Datasheet HTML 2Page - Integrated Device Technology ADC1613S065HN-C1 Datasheet HTML 3Page - Integrated Device Technology ADC1613S065HN-C1 Datasheet HTML 4Page - Integrated Device Technology ADC1613S065HN-C1 Datasheet HTML 5Page - Integrated Device Technology ADC1613S065HN-C1 Datasheet HTML 6Page - Integrated Device Technology ADC1613S065HN-C1 Datasheet HTML 7Page - Integrated Device Technology ADC1613S065HN-C1 Datasheet HTML 8Page - Integrated Device Technology ADC1613S065HN-C1 Datasheet HTML 9Page - Integrated Device Technology ADC1613S065HN-C1 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
ADC1613S_SER 3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
6 of 37
Integrated Device Technology
ADC1613S series
Single 16-bit ADC; serial JESD204A interface
9. Static characteristics
Table 5.
Static characteristics [1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDDA
analog supply voltage
2.85
3.0
3.4
V
VDDD(1V8)
digital supply voltage
(1.8 V)
1.65
1.8
1.95
V
IDDA
analog supply current
fclk = 125 Msps;
fi =70MHz
-185
-
mA
IDDD(1V8)
digital supply current
(1.8 V)
fclk = 125 Msps;
fi =70MHz
-75
-
mA
Ptot
total power dissipation
fclk = 125 Msps
-
690
-
mW
fclk = 105 Msps
-
625
-
mW
fclk =80Msps
-
550
-
mW
fclk =65Msps
-
495
-
mW
P
power dissipation
Power-down mode
-
30
-
mW
Standby mode
-
150
-
mW
Digital inputs
Clock inputs: pins CLKP and CLKM (AC-coupled)
Low-Voltage Positive Emitter-Coupled Logic (LVPECL)
Vi(clk)dif
differential clock input
voltage
peak-to-peak
-
1.6
-
V
Sine
Vi(clk)dif
differential clock input
voltage
peak
0.8
3.0
-
V
Low Voltage Complementary Metal Oxide Semiconductor (LVCMOS)
VIL
LOW-level input voltage
-
-
0.3VDDA
V
VIH
HIGH-level input voltage
0.7VDDA
--
V
SPI: pins CS, SDIO, and SCLK
VIL
LOW-level input voltage
0
-
0.3VDDA
V
VIH
HIGH-level input voltage
0.7VDDA
-VDDA
V
IIL
LOW-level input current
10
-
+10
A
IIH
HIGH-level input current
50
-
+50
A
CI
input capacitance
-
4
-
pF
Analog inputs: pins INP and INM
II
input current
track mode
5-
+5
A
RI
input resistance
track mode
-
15
-
CI
input capacitance
track mode
-
5
-
pF
VI(cm)
common-mode input
voltage
track mode
1.1
1.5
2
V
Bi
input bandwidth
-
600
-
MHz
VI(dif)
differential input voltage peak-to-peak
1
-
2
V


Similar Part No. - ADC1613S065HN-C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1613S065HN NXP-ADC1613S065HN Datasheet
736Kb / 39P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
More results

Similar Description - ADC1613S065HN-C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1613S NXP-ADC1613S Datasheet
736Kb / 39P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
logo
Integrated Device Techn...
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
logo
Renesas Technology Corp
ADC1613D RENESAS-ADC1613D Datasheet
660Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D Datasheet
389Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
ADC1413S NXP-ADC1413S Datasheet
805Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 2-8 June 2011
logo
Renesas Technology Corp
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1413S IDT-ADC1413S Datasheet
769Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213S NXP-ADC1213S Datasheet
666Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 1-14 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com