Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S34ML01G104TFI010 Datasheet(PDF) 11 Page - SPANSION

Part # S34ML01G104TFI010
Description  Spansion짰 SLC NAND Flash Memory for Embedded
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S34ML01G104TFI010 Datasheet(HTML) 11 Page - SPANSION

Back Button S34ML01G104TFI010 Datasheet HTML 7Page - SPANSION S34ML01G104TFI010 Datasheet HTML 8Page - SPANSION S34ML01G104TFI010 Datasheet HTML 9Page - SPANSION S34ML01G104TFI010 Datasheet HTML 10Page - SPANSION S34ML01G104TFI010 Datasheet HTML 11Page - SPANSION S34ML01G104TFI010 Datasheet HTML 12Page - SPANSION S34ML01G104TFI010 Datasheet HTML 13Page - SPANSION S34ML01G104TFI010 Datasheet HTML 14Page - SPANSION S34ML01G104TFI010 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
September 6, 2012 S34ML01G1_04G1_10
Spansion
®
SLC NAND Flash Memory for Embedded
11
Da ta
Shee t
(Prelim i nar y )
1.2
Connection Diagram
Figure 1.2 48-Pin TSOP1 Contact x8, x16 Devices
Note:
1. These pins should be connected to power supply or ground (as designated) following the ONFI specification, however they might not be
bonded internally.
Figure 1.3 63-BGA Contact, x8 Device (Balls Down, Top View)
Note:
1. These pins should be connected to power supply or ground (as designated) following the ONFI specification, however they might not be
bonded internally.
NC
NC
NC
NC
NC
NC
R/B#
RE#
CE#
NC
NC
VCC
VSS
NC
NC
CLE
ALE
WE#
WP#
NC
NC
NC
NC
NC
VSS (1)
NC
NC
NC
I/O7
I/O6
I/O5
I/O4
NC
VCC (1)
NC
VCC
VSS
NC
VCC (1)
NC
I/O3
I/O2
I/O1
I/O0
NC
NC
NC
VSS (1)
12
13
37
36
25
48
1
24
NAND Flash
TSOP1
x8
x8
NC
NC
NC
NC
NC
NC
R/B#
RE#
CE#
NC
NC
VCC
VSS
NC
NC
CLE
ALE
WE#
WP#
NC
NC
NC
NC
NC
x16
x16
VSS
I/O15
I/O14
I/O13
I/O7
I/O6
I/O5
I/O4
I/O12
VCC
NC
VCC
VSS
NC
VCC
I/011
I/O3
I/O2
I/O1
I/O0
I/O10
I/O9
I/O8
VSS
F3
F4
F5
F6
F7
F8
E3
E4
E5
E6
E7
E8
D3
D4
D5
D6
D7
D8
C3
C4
C5
C6
C7
C8
RB#
WE#
CE#
VSS
ALE
WP#
NC
NC
NC
CLE
RE#
VCC (1)
NC
NC
NC
NC
NC
NC
G3
G4
G5
G6
G7
G8
NC
VSS (1)
NC
NC
NC
NC
H3
H4
H5
H6
H7
H8
Vcc
NC
NC
NC
I/O0
NC
B9
A9
NC
NC
A2
NC
NC
NC
NC
NC
VCC (1)
NC
B10
A10
NC
NC
B1
A1
NC
NC
J3
J4
J5
J6
J7
J8
I/O7
I/O5
VCC
NC
I/O1
NC
K3
K4
K5
K6
K7
K8
VSS
I/O6
I/O4
I/O3
I/O2
VSS
L9
NC
L2
NC
L10
NC
L1
NC
M9
NC
M2
NC
M10
NC
M1
NC


Similar Part No. - S34ML01G104TFI010

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S34ML01G1 CYPRESS-S34ML01G1 Datasheet
1Mb / 71P
   1 Gb/2 Gb/4 Gb, 3 V, SLC NAND Flash for Embedded
More results

Similar Description - S34ML01G104TFI010

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58NVG2S0FTA00 TOSHIBA-TC58NVG2S0FTA00 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
logo
Cypress Semiconductor
S34MS01G2 CYPRESS-S34MS01G2 Datasheet
2Mb / 74P
   1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
logo
STMicroelectronics
UM1653 STMICROELECTRONICS-UM1653 Datasheet
1Mb / 45P
   STM32 Advanced NAND Flash Driver for SLC NAND
logo
Cypress Semiconductor
S34ML01G2 CYPRESS-S34ML01G2 Datasheet
7Mb / 76P
   1 Gb, 2 Gb, 4 Gb, 3 V, 4-bit ECC, SLC NAND Flash Memory for Embedded
S34ML01G1 CYPRESS-S34ML01G1 Datasheet
1Mb / 71P
   1 Gb/2 Gb/4 Gb, 3 V, SLC NAND Flash for Embedded
S34MS01G1 CYPRESS-S34MS01G1 Datasheet
1Mb / 71P
   1-bit ECC, x8 and x16 I/O, 1.8V VCC SLC NAND Flash for Embedded
logo
Eon Silicon Solution In...
EN27LN51208 EON-EN27LN51208 Datasheet
2Mb / 46P
   512 Megabit (64 M x 8) SLC, 3.3 V NAND Flash Memory
logo
Winbond
W25M02GW WINBOND-W25M02GW Datasheet
2Mb / 68P
   1.8V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH
logo
OKI electronic componet...
ML54051 OKI-ML54051 Datasheet
283Kb / 37P
   NAND Flash Memory Controller
logo
Elite Semiconductor Mem...
F50L512M41A ESMT-F50L512M41A Datasheet
700Kb / 36P
   SPI-NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com