Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S34ML04G104BHI010 Datasheet(PDF) 10 Page - SPANSION

Part # S34ML04G104BHI010
Description  Spansion짰 SLC NAND Flash Memory for Embedded
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S34ML04G104BHI010 Datasheet(HTML) 10 Page - SPANSION

Back Button S34ML04G104BHI010 Datasheet HTML 6Page - SPANSION S34ML04G104BHI010 Datasheet HTML 7Page - SPANSION S34ML04G104BHI010 Datasheet HTML 8Page - SPANSION S34ML04G104BHI010 Datasheet HTML 9Page - SPANSION S34ML04G104BHI010 Datasheet HTML 10Page - SPANSION S34ML04G104BHI010 Datasheet HTML 11Page - SPANSION S34ML04G104BHI010 Datasheet HTML 12Page - SPANSION S34ML04G104BHI010 Datasheet HTML 13Page - SPANSION S34ML04G104BHI010 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
10
Spansion
®
SLC NAND Flash Memory for Embedded
S34ML01G1_04G1_10 September 6, 2012
Data
Sheet
(Pre limin ar y)
The devices come with the following security features:
 OTP (one time programmable) area, which is a restricted access area where sensitive data/code can be
stored permanently.
 Serial number (unique identifier), which allows the devices to be uniquely identified.
 Read ID2 extension.
These security features are subject to an NDA (non-disclosure agreement) and are, therefore, not described
in the data sheet. For more details about them, contact your nearest Spansion sales office.
1.1
Logic Diagram
Figure 1.1 Logic Diagram
Device
Density (bits)
Number of Planes
Number of Blocks
per Plane
EDC Support
Main
Spare
S34ML01G1
128M x 8
64M x 16
4M x 8
2M x 16
1
1024
No
S34ML02G1
256M x 8
128M x 16
8M x 8
4M x 16
2
1024
Yes
S34ML04G1
512M x 8
256M x 16
16M x 8
8M x 16
2
2048
Yes
Table 1.1 Signal Names
I/O7 - I/O0 (x8)
Data Input / Outputs
I/O8 - I/O15 (x16)
CLE
Command Latch Enable
ALE
Address Latch Enable
CE#
Chip Enable
RE#
Read Enable
WE#
Write Enable
WP#
Write Protect
R/B#
Read/Busy
VCC
Power Supply
VSS
Ground
NC
Not Connected
VCC
VSS
WP#
CLE
ALE
RE#
WE#
CE#
I/O0~I/O7
R/B#


Similar Part No. - S34ML04G104BHI010

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S34ML04G1 CYPRESS-S34ML04G1 Datasheet
1Mb / 71P
   1 Gb/2 Gb/4 Gb, 3 V, SLC NAND Flash for Embedded
More results

Similar Description - S34ML04G104BHI010

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58NVG2S0FTA00 TOSHIBA-TC58NVG2S0FTA00 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
logo
Cypress Semiconductor
S34MS01G2 CYPRESS-S34MS01G2 Datasheet
2Mb / 74P
   1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
logo
STMicroelectronics
UM1653 STMICROELECTRONICS-UM1653 Datasheet
1Mb / 45P
   STM32 Advanced NAND Flash Driver for SLC NAND
logo
Cypress Semiconductor
S34ML01G2 CYPRESS-S34ML01G2 Datasheet
7Mb / 76P
   1 Gb, 2 Gb, 4 Gb, 3 V, 4-bit ECC, SLC NAND Flash Memory for Embedded
S34ML01G1 CYPRESS-S34ML01G1 Datasheet
1Mb / 71P
   1 Gb/2 Gb/4 Gb, 3 V, SLC NAND Flash for Embedded
S34MS01G1 CYPRESS-S34MS01G1 Datasheet
1Mb / 71P
   1-bit ECC, x8 and x16 I/O, 1.8V VCC SLC NAND Flash for Embedded
logo
Eon Silicon Solution In...
EN27LN51208 EON-EN27LN51208 Datasheet
2Mb / 46P
   512 Megabit (64 M x 8) SLC, 3.3 V NAND Flash Memory
logo
Winbond
W25M02GW WINBOND-W25M02GW Datasheet
2Mb / 68P
   1.8V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH
logo
OKI electronic componet...
ML54051 OKI-ML54051 Datasheet
283Kb / 37P
   NAND Flash Memory Controller
logo
Elite Semiconductor Mem...
F50L512M41A ESMT-F50L512M41A Datasheet
700Kb / 36P
   SPI-NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com