Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51916EVM-746 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS51916EVM-746
Description  Using the TPS51916EVM-746 Complete DDR2, DDR3
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51916EVM-746 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS51916EVM-746 Datasheet HTML 6Page - Texas Instruments TPS51916EVM-746 Datasheet HTML 7Page - Texas Instruments TPS51916EVM-746 Datasheet HTML 8Page - Texas Instruments TPS51916EVM-746 Datasheet HTML 9Page - Texas Instruments TPS51916EVM-746 Datasheet HTML 10Page - Texas Instruments TPS51916EVM-746 Datasheet HTML 11Page - Texas Instruments TPS51916EVM-746 Datasheet HTML 12Page - Texas Instruments TPS51916EVM-746 Datasheet HTML 13Page - Texas Instruments TPS51916EVM-746 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
1.48
1.49
1.5
1.51
1.52
0
2
4
6
8
10
12
14
16
18
20
I
- Output Current - A
O
12 Vin
20 Vin
8 Vin
8
9
10
11
12
13
14
V - Input Voltage - V
I
I
= 0 A
O
1.494
1.496
1.498
1.5
1.502
1.504
1.506
I
= 20 A
O
Performance Data and Typical Characteristic Curves
www.ti.com
7.2
DDR3 VDDQ Load Regulation
Figure 5. DDR3 VDDQ Load Regulation
7.3
DDR3 VDDQ Line Regulation
Figure 6. DDR3 VDDQ Line Regulation
10
Using the TPS51916EVM-746 Complete DDR2, DDR3, DDR3L, and DDR4
SLUU526
– August 2011
Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Reference


Similar Part No. - TPS51916EVM-746

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51916RUKR TI1-TPS51916RUKR Datasheet
959Kb / 33P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51916RUKR TI1-TPS51916RUKR Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
TPS51916RUKT TI1-TPS51916RUKT Datasheet
959Kb / 33P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51916RUKT TI1-TPS51916RUKT Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
More results

Similar Description - TPS51916EVM-746

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17000A MAXIM-MAX17000A_13 Datasheet
755Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 3; 4/13
MAX17000 MAXIM-MAX17000_11 Datasheet
757Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 2/11
MAX17000A MAXIM-MAX17000A_10 Datasheet
804Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 11/10
MAX17000A MAXIM-MAX17000A Datasheet
750Kb / 31P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 0; 10/08
MAX17000 MAXIM-MAX17000_13 Datasheet
802Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 4/13
MAX17000A MAXIM-MAX17000A_08 Datasheet
691Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 12/08
logo
Texas Instruments
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
logo
Xilinx, Inc
WP484 XILINX-WP484 Datasheet
974Kb / 12P
   DDR2/DDR3 Low-Cost PCB Design
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
   Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com