Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP7M9101-PCB900 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TQP7M9101-PCB900
Description  쩌W High Linearity Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP7M9101-PCB900 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TQP7M9101-PCB900 Datasheet HTML 1Page - TriQuint Semiconductor TQP7M9101-PCB900 Datasheet HTML 2Page - TriQuint Semiconductor TQP7M9101-PCB900 Datasheet HTML 3Page - TriQuint Semiconductor TQP7M9101-PCB900 Datasheet HTML 4Page - TriQuint Semiconductor TQP7M9101-PCB900 Datasheet HTML 5Page - TriQuint Semiconductor TQP7M9101-PCB900 Datasheet HTML 6Page - TriQuint Semiconductor TQP7M9101-PCB900 Datasheet HTML 7Page - TriQuint Semiconductor TQP7M9101-PCB900 Datasheet HTML 8Page - TriQuint Semiconductor TQP7M9101-PCB900 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TQP7M9101
¼W High Linearity Amplifier
Device Characterization Data
‐10
0
10
20
30
40
0
123
Advanced Data Sheet: Rev D 09/19/11
-
3 of 3 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
4
Frequency (GHz)
Gain vs Frequency
Maximum Stable Gain (GMAX)
Insertion Gain (S21)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-1 -0.75-0.5-0.25 0 0.25 0.5 0.75 1
Input Smith Chart
0.4 GHz
4 GHz
Output Smith Chart
0.4 GHz
4 GHz
Note: The gain for the unmatched device in a 50 ohm system is shown as the trace labeled “Insertion Gain (S21)”. In a circuit tuned
for a particular frequency band, it is expected that actual gain will be higher, up to the Maximum Stable Gain (GMAX).
S-Parameter Data
Vcc = +5 V, Icc = 87 mA, T = +25°C, unmatched 50 Ohm system, reference plane at device leads
Freq
(MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
400
-3.74
-154.94
16.08
172.65
-30.84
32.65
-4.47
155.03
600
-2.43
-174.00
16.93
152.42
-28.85
13.25
-6.02
149.89
800
-2.00
175.84
16.72
137.72
-28.64
3.42
-6.63
147.55
1000
-1.81
167.43
16.29
123.90
-28.38
-4.74
-7.05
144.48
1200
-1.71
160.50
15.71
112.48
-28.45
-10.23
-7.29
142.81
1400
-1.68
155.82
15.15
102.29
-28.29
-15.72
-7.67
139.67
1600
-1.66
149.16
14.58
91.96
-28.34
-19.66
-7.92
136.04
1800
-1.65
143.36
13.98
82.32
-28.40
-25.64
-8.05
132.86
2000
-1.56
137.28
13.45
72.43
-28.25
-30.76
-8.05
129.68
2200
-1.60
131.41
12.80
64.37
-28.52
-35.06
-7.96
125.67
2400
-1.43
126.29
12.14
56.45
-28.43
-39.47
-7.47
122.90
2600
-1.41
122.01
11.52
48.81
-28.73
-42.87
-7.49
122.21
2800
-1.43
117.57
10.99
41.39
-28.68
-47.17
-7.71
119.34
3000
-1.45
114.12
10.53
34.73
-28.78
-49.96
-7.92
116.57
3200
-1.36
109.38
10.15
27.42
-28.85
-52.90
-7.87
114.37
3400
-1.40
103.72
9.69
19.90
-29.00
-59.40
-7.85
106.77
3600
-1.32
98.51
8.99
12.40
-29.04
-63.10
-7.32
100.14
3800
-1.19
93.06
8.49
5.24
-29.04
-68.03
-6.75
96.77
4000
-1.11
89.37
8.02
-0.57
-29.02
-70.86
-6.53
95.94


Similar Part No. - TQP7M9101-PCB900

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP7M9101-PCB900 TRIQUINT-TQP7M9101-PCB900 Datasheet
759Kb / 20P
   W High Linearity Amplifier
More results

Similar Description - TQP7M9101-PCB900

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMG15241H NXP-MMG15241H Datasheet
666Kb / 18P
   High Linearity Amplifier
Rev. 2, 9/2014
MMG20271H9 NXP-MMG20271H9 Datasheet
784Kb / 18P
   High Linearity Amplifier
Rev. 1, 9/2014
logo
Qorvo, Inc
RFCA8828 QORVO-RFCA8828 Datasheet
2Mb / 16P
   High Linearity, Push-Pull Amplifier High Linearity, Push-Pull Amplifier
logo
RF Micro Devices
RF3315 RFMD-RF3315_06 Datasheet
223Kb / 12P
   BROADBAND HIGH LINEARITY AMPLIFIER
logo
TriQuint Semiconductor
AH202 TRIQUINT-AH202_15 Datasheet
390Kb / 7P
   1W High Linearity Amplifier
TQP7M9103 TRIQUINT-TQP7M9103_15 Datasheet
469Kb / 16P
   1W High Linearity Amplifier
logo
RF Micro Devices
RF3315 RFMD-RF3315_1 Datasheet
380Kb / 14P
   BROADBAND HIGH LINEARITY AMPLIFIER
RF3223 RFMD-RF3223_1 Datasheet
284Kb / 10P
   HIGH LINEARITY/DRIVER AMPLIFIER
logo
RFHIC
AP205A RFHIC-AP205A_14 Datasheet
266Kb / 8P
   High Linearity Drive Amplifier
logo
TriQuint Semiconductor
TQP7M9103 TRIQUINT-TQP7M9103 Datasheet
589Kb / 14P
   1W High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com