Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0603FR-0718KL Datasheet(PDF) 8 Page - Texas Instruments

Part # RC0603FR-0718KL
Description  TAS5612L-TAS5614LDDVEVM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RC0603FR-0718KL Datasheet(HTML) 8 Page - Texas Instruments

Back Button RC0603FR-0718KL Datasheet HTML 4Page - Texas Instruments RC0603FR-0718KL Datasheet HTML 5Page - Texas Instruments RC0603FR-0718KL Datasheet HTML 6Page - Texas Instruments RC0603FR-0718KL Datasheet HTML 7Page - Texas Instruments RC0603FR-0718KL Datasheet HTML 8Page - Texas Instruments RC0603FR-0718KL Datasheet HTML 9Page - Texas Instruments RC0603FR-0718KL Datasheet HTML 10Page - Texas Instruments RC0603FR-0718KL Datasheet HTML 11Page - Texas Instruments RC0603FR-0718KL Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
GND
PVDD
(+12 to
+36 Vdc)
+ LEFT SPEAKER OUTPUTS –
+ RIGHT SPEAKER OUTPUTS –
HEATSINK
LEFT CHANNEL
OUTPUT FILTERS
RIGHT CHANNEL
OUTPUT FILTERS
INPUT SIGNAL & CONTROL
INTERFACE (J1)
TAS5538
TAS5612L
TAS5614L
MODE
PINS
S1
Reset
LED
STATUS
LEDs
RESET
NORMAL
PBTL – BTL
Quick Setup Guide
www.ti.com
2.5
Output Configuration BTL and PBTL
When changing mode from BTL to PBTL, make sure that the AMP_RESET switch is set to RESET before
changing shunts on Mode headers M3, D and C.
- For BTL mode place a shunt on pins 1 and 2 of each header, at the positions marked BTL.
- For PBTL mode place a shunt on pins 3 and 2 of each header, at the positions marked PBTL.
In PBTL mode the load must be connected according to Figure 5:
Figure 5. PBTL Mode Configuration
8
TAS5612L-TAS5614LDDVEVM
SLAU375 – May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - RC0603FR-0718KL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC0603FR-0718KL TI1-RC0603FR-0718KL Datasheet
3Mb / 33P
[Old version datasheet]   TAS5622-TAS5624DDVEVM
logo
Dialog Semiconductor
RC0603FR-0718KL DIALOG-RC0603FR-0718KL Datasheet
488Kb / 7P
   Evaluation Board for 15W Single-Output Switch-Mode Power Supply
logo
Infineon Technologies A...
RC0603FR-0718KL INFINEON-RC0603FR-0718KL Datasheet
2Mb / 47P
   iMOTION™ Modular Application Design Kit
Revision 1.4 2020-07-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com