Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

06032U5R6BAT2A Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 06032U5R6BAT2A
Description  쩌W High Linearity Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

06032U5R6BAT2A Datasheet(HTML) 1 Page - TriQuint Semiconductor

  06032U5R6BAT2A Datasheet HTML 1Page - TriQuint Semiconductor 06032U5R6BAT2A Datasheet HTML 2Page - TriQuint Semiconductor 06032U5R6BAT2A Datasheet HTML 3Page - TriQuint Semiconductor 06032U5R6BAT2A Datasheet HTML 4Page - TriQuint Semiconductor 06032U5R6BAT2A Datasheet HTML 5Page - TriQuint Semiconductor 06032U5R6BAT2A Datasheet HTML 6Page - TriQuint Semiconductor 06032U5R6BAT2A Datasheet HTML 7Page - TriQuint Semiconductor 06032U5R6BAT2A Datasheet HTML 8Page - TriQuint Semiconductor 06032U5R6BAT2A Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TQP7M9101
¼W High Linearity Amplifier
Applications
Repeaters
Mobile Infrastructure
CDMA / WCDMA / LTE
General Purpose Wireless
3-pin SOT-89 Package
Product Features
Functional Block Diagram
400-4000 MHz
+25 dBm P1dB
+39.5 dBm Output IP3
17.5 dB Gain @ 2140 MHz
+5V Single Supply, 87 mA Current
No output matching required
Internal RF overdrive protection
Internal DC overvoltage protection
On chip ESD protection
SOT-89 Package
RF IN
GND
RF OUT
GND
1
2
3
4
General Description
Pin Configuration
The TQP7M9101 is a high-linearity driver amplifier in a
standard
SOT-89
surface
mount
package.
This
InGaP/GaAs HBT delivers high performance across a
broad range of frequencies with +40 dBm OIP3 and +25
dBm P1dB while only consuming 87 mA quiescent
current. All devices are 100% RF and DC tested.
The TQP7M9101 incorporates on-chip features that
differentiate it from other products in the market. The RF
output is internally matched in to 50 ohms. Only input
matching is required for optimal performance in specific
frequency bands making the component easy for design
engineers to implement in their systems. The amplifier
integrates an on-chip DC over-voltage and RF over-drive
protection. This protects the amplifier from electrical DC
voltage surges and high input RF input power levels that
may occur in a system. On-chip ESD protection allows
the amplifier to have a very robust Class 2 HBM ESD
rating.
The TQP7M9101 is targeted for use as a driver amplifier
in wireless infrastructure where high linearity, medium
power, and high efficiency are required. The device an
excellent candidate for transceiver line cards in current
and next generation multi-carrier 3G / 4G base stations.
Ordering Information
Part No.
Description
TQP7M9101
0.25 W High Linearity Amplifier
TQP7M9101-PCB900
TQP7M9101 869-960 MHz EVB
TQP7M9101-PCB2140 TQP7M9101 2.11-2.17 GHz EVB
Standard T/R size = 1000 pieces on a 7” reel.
Pin #
Symbol
1
RF Input
3
RF Output / Vcc
2, 4
Ground
Advanced Data Sheet: Rev D 09/19/11
-
1 of 1 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®


Similar Part No. - 06032U5R6BAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06032U100BA2A AVX-06032U100BA2A Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
06032U100BA4A AVX-06032U100BA4A Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
06032U100BA9A AVX-06032U100BA9A Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
06032U100BAT2A AVX-06032U100BAT2A Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
06032U100BAT2A AVX-06032U100BAT2A Datasheet
156Kb / 6P
   RF/Microwave C0G Capacitors
More results

Similar Description - 06032U5R6BAT2A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMG15241H NXP-MMG15241H Datasheet
666Kb / 18P
   High Linearity Amplifier
Rev. 2, 9/2014
MMG20271H9 NXP-MMG20271H9 Datasheet
784Kb / 18P
   High Linearity Amplifier
Rev. 1, 9/2014
logo
Qorvo, Inc
RFCA8828 QORVO-RFCA8828 Datasheet
2Mb / 16P
   High Linearity, Push-Pull Amplifier High Linearity, Push-Pull Amplifier
logo
RF Micro Devices
RF3315 RFMD-RF3315_06 Datasheet
223Kb / 12P
   BROADBAND HIGH LINEARITY AMPLIFIER
logo
TriQuint Semiconductor
AH202 TRIQUINT-AH202_15 Datasheet
390Kb / 7P
   1W High Linearity Amplifier
TQP7M9103 TRIQUINT-TQP7M9103_15 Datasheet
469Kb / 16P
   1W High Linearity Amplifier
logo
RF Micro Devices
RF3315 RFMD-RF3315_1 Datasheet
380Kb / 14P
   BROADBAND HIGH LINEARITY AMPLIFIER
RF3223 RFMD-RF3223_1 Datasheet
284Kb / 10P
   HIGH LINEARITY/DRIVER AMPLIFIER
logo
RFHIC
AP205A RFHIC-AP205A_14 Datasheet
266Kb / 8P
   High Linearity Drive Amplifier
logo
TriQuint Semiconductor
TQP7M9103 TRIQUINT-TQP7M9103 Datasheet
589Kb / 14P
   1W High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com