Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBL2016T101MR Datasheet(PDF) 10 Page - Taiyo Yuden (U.S.A.), Inc

Part # CBL2016T101MR
Description  WIRE-WOUND CHIP POWER INDUCTORS (CB SERIES)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CBL2016T101MR Datasheet(HTML) 10 Page - Taiyo Yuden (U.S.A.), Inc

Back Button CBL2016T101MR Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc CBL2016T101MR Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc CBL2016T101MR Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc CBL2016T101MR Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc CBL2016T101MR Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc CBL2016T101MR Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc CBL2016T101MR Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc CBL2016T101MR Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc CBL2016T101MR Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
12
wound0103_reli-PRP5
wound0103_reli_e-01
RELIABILITY DATA
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
20.High temperature life test
LB, LBC, LBR, LBMF Series
CB, CBC, CBL, CBMF Series
Inductance change:Within±10%
No significant abnormality in appearance.
LBM Series
LEM Series
Inductance change :Within±10%
Q→ R12~4R7:30 min.
5R6~330:25 min.
390~820:20 min.
101:15 min.
【Test Methods and Remarks】
Temperature:85±2℃
Duration:1000 hrs
Recovery:At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.
LEM:Recovery
At least 1 hr of recovery under the standard condition after the test, followed by the measurement within 2 hrs.
21.Loading at high temperature life test
LB, LBC, LBR, LBMF Series
Inductance change:Within±10%
No significant abnormality in appearance.
CB, CBC, CBL, CBMF Series
LBM, LEM Series
【Test Methods and Remarks】
Temperature:85±2℃
Duration:1000 hrs
Applied current:Rated current
Recovery:At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.
22.Low temperature life test
LB, LBC, LBR, LBMF Series
Inductance change:Within±10%
No significant abnormality in appearance.
CB, CBC, CBL, CBMF Series
LBM Series
LEM Series
Inductance change :Within±10%
Q→ R12~4R7:30 min.
5R6~330:25 min.
390~820:20 min.
101:15 min.
【Test Methods and Remarks】
Temperature:-40±2℃
Duration:1000 hrs
Recovery:At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.
LEM:Recovery
At least 1 hr of recovery under the standard condition after the test, followed by the measurement within 2 hrs.
23.Standard condition
LB, LBC, LBR, LBMF Series
Standard test conditions
Unless specified, Ambient temperature is 20±15℃ and the Relative humidity is 65±
20%. If there is any doubt about the test results, further measurement shall be had
within the following limits:
Ambient Temperature: 20±2℃
Relative humidity: 65±5%
Inductance value is based on our standard measurement systems.
CB, CBC, CBL, CBMF Series
LBM, LEM Series


Similar Part No. - CBL2016T101MR

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CBL2012T100M TAIYO-YUDEN-CBL2012T100M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
CBL2012T100M TAIYO-YUDEN-CBL2012T100M Datasheet
283Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CBL]
CBL2012T100M TAIYO-YUDEN-CBL2012T100M Datasheet
362Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
logo
Kemet Corporation
CBL2012T100M-K KEMET-CBL2012T100M-K Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
logo
Taiyo Yuden (U.S.A.), I...
CBL2012T1R0M TAIYO-YUDEN-CBL2012T1R0M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
More results

Similar Description - CBL2016T101MR

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CB2518T471K TAIYO-YUDEN-CB2518T471K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T680K TAIYO-YUDEN-CB2518T680K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T100KR TAIYO-YUDEN-CB2012T100KR_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T3R3M TAIYO-YUDEN-CB2016T3R3M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T4R7M TAIYO-YUDEN-CB2016T4R7M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T1R0M TAIYO-YUDEN-CB2518T1R0M Datasheet
290Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T150K TAIYO-YUDEN-CB2518T150K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T100K TAIYO-YUDEN-CB2016T100K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T1R5M TAIYO-YUDEN-CB2518T1R5M Datasheet
290Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T150K TAIYO-YUDEN-CB2012T150K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T220M TAIYO-YUDEN-CB2012T220M_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com