Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHP5N50D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIHP5N50D
Description  D Series Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHP5N50D Datasheet(HTML) 2 Page - Vishay Siliconix

  SIHP5N50D Datasheet HTML 1Page - Vishay Siliconix SIHP5N50D Datasheet HTML 2Page - Vishay Siliconix SIHP5N50D Datasheet HTML 3Page - Vishay Siliconix SIHP5N50D Datasheet HTML 4Page - Vishay Siliconix SIHP5N50D Datasheet HTML 5Page - Vishay Siliconix SIHP5N50D Datasheet HTML 6Page - Vishay Siliconix SIHP5N50D Datasheet HTML 7Page - Vishay Siliconix SIHP5N50D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SiHP5N50D
www.vishay.com
Vishay Siliconix
S12-0690-Rev. A, 02-Apr-12
2
Document Number: 91489
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature.
b. Coss(er) is a fixed capacitance that gives the same energy as Coss while VDS is rising from 0 % to 80 % VDSS.
c. Coss(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 % to 80 % VDSS.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-62
°C/W
Maximum Junction-to-Case (Drain)
RthJC
-1.2
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
500
-
-
V
VDS Temperature Coefficient
V
DS/TJ
Reference to 25 °C, ID = 250 μA
-
0.58
-
V/°C
Gate-Source Threshold Voltage (N)
VGS(th)
VDS = VGS, ID = 250 μA
3
-
5
V
Gate-Source Leakage
IGSS
VGS = ± 30 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 500 V, VGS = 0 V
-
-
1
μA
VDS = 400 V, VGS = 0 V, TJ = 125 °C
-
-
10
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 2.5 A
-
1.2
1.5
Forward Transconductancea
gfs
VDS = 20 V, ID = 2.5 A
-
1.8
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 100 V,
f = 1 MHz
-
325
-
pF
Output Capacitance
Coss
-34
-
Reverse Transfer Capacitance
Crss
-6
-
Effective Output Capacitance, Energy
Relatedb
Co(er)
VDS = 0 V to 400 V, VGS = 0 V
-31
-
Effective Output Capacitance, Time
Relatedc
Co(tr)
-41
-
Total Gate Charge
Qg
VGS = 10 V
ID = 2.5 A, VDS = 400 V
-10
20
nC
Gate-Source Charge
Qgs
-3
-
Gate-Drain Charge
Qgd
-5
-
Turn-On Delay Time
td(on)
VDD = 400 V, ID = 2.5 A
Rg = 9.1 , VGS = 10 V
-12
24
ns
Rise Time
tr
-11
22
Turn-Off Delay Time
td(off)
-14
28
Fall Time
tf
-11
22
Gate Input Resistance
Rg
f = 1 MHz, open drain
-
1.7
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
P - N junction diode
--
5
A
Pulsed Diode Forward Current
ISM
--
20
Diode Forward Voltage
VSD
TJ = 25 °C, IS = 4 A, VGS = 0 V
-
-
1.2
V
Reverse Recovery Time
trr
TJ = 25 °C, IF = IS = 2.5 A,
dI/dt = 100 A/μs, VR = 20 V
-
320
-
ns
Reverse Recovery Charge
Qrr
-1.2
-
μC
Reverse Recovery Current
IRRM
-8
-
A
S
D
G


Similar Part No. - SIHP5N50D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SIHP5N50D ISC-SIHP5N50D Datasheet
327Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
SIHP5N50D VISHAY-SIHP5N50D Datasheet
298Kb / 8P
   D Series Power MOSFET
08-Feb-17
SIHP5N50D VISHAY-SIHP5N50D_V01 Datasheet
298Kb / 8P
   D Series Power MOSFET
08-Feb-17
More results

Similar Description - SIHP5N50D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHP14N50D VISHAY-SIHP14N50D Datasheet
165Kb / 9P
   D Series Power MOSFET
Rev. A, 21-May-12
SIHB8N50D VISHAY-SIHB8N50D Datasheet
155Kb / 7P
   D Series Power MOSFET
Rev. A, 21-Jan-13
SIHB10N40D VISHAY-SIHB10N40D_V01 Datasheet
157Kb / 7P
   D Series Power MOSFET
01-Jan-2022
SIHF6N40D VISHAY-SIHF6N40D_V01 Datasheet
182Kb / 9P
   D Series Power MOSFET
01-Jan-2022
SIHP17N60D VISHAY-SIHP17N60D_V01 Datasheet
178Kb / 8P
   D Series Power MOSFET
01-Jan-2022
SIHU3N50DA VISHAY-SIHU3N50DA Datasheet
203Kb / 10P
   D Series Power MOSFET
01-Jan-2022
SIHS36N50D VISHAY-SIHS36N50D Datasheet
174Kb / 8P
   D Series Power MOSFET
Rev. A, 18-Jun-12
SIHF18N50D VISHAY-SIHF18N50D Datasheet
179Kb / 8P
   D Series Power MOSFET
Rev. B, 15-Aug-16
SIHU3N50D VISHAY-SIHU3N50D Datasheet
187Kb / 8P
   D Series Power MOSFET
Rev. A, 02-Apr-12
SIHU5N50D VISHAY-SIHU5N50D Datasheet
187Kb / 8P
   D Series Power MOSFET
Rev. A, 02-Apr-12
IRFP460B VISHAY-IRFP460B Datasheet
186Kb / 8P
   D Series Power MOSFET
Rev. B, 16-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com