Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHU3N50D Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIHU3N50D
Description  D Series Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHU3N50D Datasheet(HTML) 7 Page - Vishay Siliconix

  SIHU3N50D Datasheet HTML 1Page - Vishay Siliconix SIHU3N50D Datasheet HTML 2Page - Vishay Siliconix SIHU3N50D Datasheet HTML 3Page - Vishay Siliconix SIHU3N50D Datasheet HTML 4Page - Vishay Siliconix SIHU3N50D Datasheet HTML 5Page - Vishay Siliconix SIHU3N50D Datasheet HTML 6Page - Vishay Siliconix SIHU3N50D Datasheet HTML 7Page - Vishay Siliconix SIHU3N50D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 91362
www.vishay.com
Revision: 15-Sep-08
1
Package Information
Vishay Siliconix
TO-251AA (HIGH VOLTAGE)
Notes
1. Dimensioning and tolerancing per ASME Y14.5M-1994.
2. Dimension are shown in inches and millimeters.
3. Dimension D and E do not include mold flash. Mold flash shall not exceed 0.13 mm (0.005") per side. These dimensions are measured at the
outermost extremes of the plastic body.
4. Thermal pad contour optional with dimensions b4, L2, E1 and D1.
5. Lead dimension uncontrolled in L3.
6. Dimension b1, b3 and c1 apply to base metal only.
7. Outline conforms to JEDEC outline TO-251AA.
Base
metal
Plating
b1, b3
(b, b2)
c1
(c)
Section B - B and C - C
A
c2
c
Lead tip
5
5
(Datum A)
Thermal PAD
E1
4
D1
View A - A
A1
A
A
C
Seating
plane
C
C
B
B
θ1
θ2
B
4
4
4
3
5
L1
L
L3
3 x b2
3 x b
3
b4
E
2 x e
0.010
C
B
M
A
0.25
0.010
B
A
0.25
L2
A
C
M
MILLIMETERS
INCHES
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
DIM.
MIN.
MAX.
MIN.
MAX.
A
2.18
2.39
0.086
0.094
D1
5.21
-
0.205
-
A1
0.89
1.14
0.035
0.045
E
6.35
6.73
0.250
0.265
b
0.64
0.89
0.025
0.035
E1
4.32
-
0.170
-
b1
0.65
0.79
0.026
0.031
e
2.29 BSC
2.29 BSC
b2
0.76
1.14
0.030
0.045
L
8.89
9.65
0.350
0.380
b3
0.76
1.04
0.030
0.041
L1
1.91
2.29
0.075
0.090
b4
4.95
5.46
0.195
0.215
L2
0.89
1.27
0.035
0.050
c
0.46
0.61
0.018
0.024
L3
1.14
1.52
0.045
0.060
c1
0.41
0.56
0.016
0.022
θ1
0'
15'
0'
15'
c2
0.46
0.86
0.018
0.034
θ2
25'
35'
25'
35'
D
5.97
6.22
0.235
0.245
ECN: S-82111-Rev. A, 15-Sep-08
DWG: 5968


Similar Part No. - SIHU3N50D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHU3N50D VISHAY-SIHU3N50D Datasheet
212Kb / 10P
   D Series Power MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SIHU3N50D-E3 VBSEMI-SIHU3N50D-E3 Datasheet
1Mb / 9P
   N-Channel 650V (D-S)Power MOSFET
logo
Vishay Siliconix
SIHU3N50DA VISHAY-SIHU3N50DA Datasheet
203Kb / 10P
   D Series Power MOSFET
01-Jan-2022
SIHU3N50D VISHAY-SIHU3N50D_V01 Datasheet
212Kb / 10P
   D Series Power MOSFET
01-Jan-2022
More results

Similar Description - SIHU3N50D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHP14N50D VISHAY-SIHP14N50D Datasheet
165Kb / 9P
   D Series Power MOSFET
Rev. A, 21-May-12
SIHB8N50D VISHAY-SIHB8N50D Datasheet
155Kb / 7P
   D Series Power MOSFET
Rev. A, 21-Jan-13
SIHB10N40D VISHAY-SIHB10N40D_V01 Datasheet
157Kb / 7P
   D Series Power MOSFET
01-Jan-2022
SIHF6N40D VISHAY-SIHF6N40D_V01 Datasheet
182Kb / 9P
   D Series Power MOSFET
01-Jan-2022
SIHP17N60D VISHAY-SIHP17N60D_V01 Datasheet
178Kb / 8P
   D Series Power MOSFET
01-Jan-2022
SIHU3N50DA VISHAY-SIHU3N50DA Datasheet
203Kb / 10P
   D Series Power MOSFET
01-Jan-2022
SIHS36N50D VISHAY-SIHS36N50D Datasheet
174Kb / 8P
   D Series Power MOSFET
Rev. A, 18-Jun-12
SIHF18N50D VISHAY-SIHF18N50D Datasheet
179Kb / 8P
   D Series Power MOSFET
Rev. B, 15-Aug-16
SIHU5N50D VISHAY-SIHU5N50D Datasheet
187Kb / 8P
   D Series Power MOSFET
Rev. A, 02-Apr-12
IRFP460B VISHAY-IRFP460B Datasheet
186Kb / 8P
   D Series Power MOSFET
Rev. B, 16-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com