Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLWR9900 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLWR9900
Description  TELUX LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLWR9900 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLWR9900 Datasheet HTML 1Page - Vishay Siliconix TLWR9900 Datasheet HTML 2Page - Vishay Siliconix TLWR9900 Datasheet HTML 3Page - Vishay Siliconix TLWR9900 Datasheet HTML 4Page - Vishay Siliconix TLWR9900 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 83213
For technical questions, contact: LED@vishay.com
www.vishay.com
Rev. 2.0, 15-Dec-10
3
TLWR9900
TELUX LED
Vishay Semiconductors
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Forward Current vs. Pulse Length
Fig. 3 - Rel. Luminous Intensity vs. Angular Displacement
Fig. 4 - Percentage Total Luminous Flux vs.
Total Included Angle for 90 ° emission angle
Fig. 5 - Thermal Resistance Junction Ambient vs.
Cathode Padsize
0
20
40
60
80
100
0
20
40
60
80
100
120
Tamb - Ambient Temperature (°C)
15983
R
thJA = 200 K/W
red
0.00
0.02
0.04
0.06
0.08
0.10
0.12
tp - Pulse Length (ms)
10-5
10-4
10-3
10-2
10-1
100
101
102
0.005
0.05
0.5
16731
16200
0.4
0.2
0
0.6
0.9
30°
10°
20°
40°
50°
60°
70°
80°
1.0
0.8
0.7
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
Total Included Angle (Degrees)
16201
160
170
180
190
200
210
220
230
0
50
100
150
200
250
300
Cathode Padsize (mm2)
16009
Padsize 8 mm
2
per anode pin


Similar Part No. - TLWR9900

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWR9900 VISHAY-TLWR9900 Datasheet
238Kb / 5P
   Utilizing one of the world’s brightest (AS) AllnGaP technologies, non diffused LED
Rev. 1.6, 31-Aug-04
TLWR9900 VISHAY-TLWR9900 Datasheet
2Mb / 4P
   LEDs for Automotive and Outdoor Applications
TLWR9900 VISHAY-TLWR9900 Datasheet
219Kb / 5P
   TELUX LED
13-Jun-16
TLWR9900 VISHAY-TLWR9900_V01 Datasheet
219Kb / 5P
   TELUX LED
13-Jun-16
More results

Similar Description - TLWR9900

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWW8600 VISHAY-TLWW8600 Datasheet
172Kb / 6P
   TELUX LED
Rev. A2, 22-Apr-03
TLWR8900 VISHAY-TLWR8900 Datasheet
228Kb / 8P
   TELUX LED
Rev. 2.2, 15-Dec-10
VLWB9600 VISHAY-VLWB9600 Datasheet
291Kb / 7P
   TELUX LED
Rev. 1.3, 15-Dec-10
VLWR9630 VISHAY-VLWR9630 Datasheet
299Kb / 7P
   TELUX LED
Rev. 1.5, 14-Jun-12
VLWY9930 VISHAY-VLWY9930 Datasheet
292Kb / 7P
   TELUX LED
Rev. 1.4, 14-Jun-12
VLWB9900 VISHAY-VLWB9900_V01 Datasheet
322Kb / 7P
   TELUX LED
01-Jan-2022
TLWY7900 VISHAY-TLWY7900_V02 Datasheet
303Kb / 9P
   TELUX LED
01-Jan-2023
TLWY8900 VISHAY-TLWY8900_V02 Datasheet
330Kb / 9P
   TELUX LED
01-Jan-2023
VLWW9900 VISHAY-VLWW9900 Datasheet
295Kb / 8P
   TELUX LED
Rev. 1.5, 15-Dec-10
TLWB VISHAY-TLWB Datasheet
280Kb / 14P
   TELUX LED
Rev. 1.8, 14-Jan-05
TLWR9600 VISHAY-TLWR9600_V01 Datasheet
220Kb / 5P
   TELUX LED
13-Jun-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com