Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLWTG9600 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLWTG9600
Description  TELUX LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLWTG9600 Datasheet(HTML) 1 Page - Vishay Siliconix

  VLWTG9600 Datasheet HTML 1Page - Vishay Siliconix VLWTG9600 Datasheet HTML 2Page - Vishay Siliconix VLWTG9600 Datasheet HTML 3Page - Vishay Siliconix VLWTG9600 Datasheet HTML 4Page - Vishay Siliconix VLWTG9600 Datasheet HTML 5Page - Vishay Siliconix VLWTG9600 Datasheet HTML 6Page - Vishay Siliconix VLWTG9600 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 81269
For technical questions, contact: LED@vishay.com
www.vishay.com
Rev. 1.4, 15-Dec-10
1
TELUX LED
VLWTG9600
Vishay Semiconductors
DESCRIPTION
The VLWTG9600 is a clear, non diffused LED for
applications where high luminous flux is required.
It is designed in an industry standard 7.62 mm square
package utilizing highly developed InGaN technology.
The supreme heat dissipation of VLWTG9600 allows
applications at high ambient temperatures.
All packing units are binned for luminous flux, forward
voltage and color to achieve the most homogenous light
appearance in application.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: TELUX
• Product series: power
• Angle of half intensity: ± 30°
FEATURES
• High luminous flux
• Supreme heat dissipation: RthJP is 90 K/W
• High operating temperature:
Tamb = - 40 °C to + 110 °C
• Packed in tubes for automatic insertion
• Luminous flux and color categorized for each
tube
• Small mechanical tolerances allow precise
usage of external reflectors or lightguides
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Compatible with wave solder processes according to
CECC 00802 and J-STD-020
• ESD-withstand voltage: up to 1 kV according to
JESD22-A114-B
• AEC-Q101 qualified
APPLICATIONS
• Exterior lighting
• Replaces small incandescent lamps
• Traffic signals and signs
19232
PARTS TABLE
PART
COLOR
LUMINOUS FLUX
(mlm)
at IF
(mA)
WAVELENGTH
(nm)
FORWARD VOLTAGE
(V)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VLWTG9600
True green
2000
2500
-
50
509
523
535
-
3.9
4.7
InGaN on SiC
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified) VLWTG9600
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
IR = 10 μA
VR
5V
DC forward current
Tamb
≤ 50 °C
IF
50
mA
Surge forward current
tp
≤ 10 μs
IFSM
0.1
A
Power dissipation
PV
230
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 110
°C
Storage temperature range
Tstg
- 55 to + 110
°C
Soldering temperature
t
≤ 5 s, 1.5 mm from body preheat
temperature 100 °C/30 s
Tsd
260
°C
Thermal resistance junction/ambient
With cathode heatsink of 70 mm2
RthJA
200
K/W
Thermal resistance junction/pin
RthJP
90
K/W
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902


Similar Part No. - VLWTG9600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLWTG9600 VISHAY-VLWTG9600 Datasheet
2Mb / 4P
   LEDs for Automotive and Outdoor Applications
More results

Similar Description - VLWTG9600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWW8600 VISHAY-TLWW8600 Datasheet
172Kb / 6P
   TELUX LED
Rev. A2, 22-Apr-03
TLWR8900 VISHAY-TLWR8900 Datasheet
228Kb / 8P
   TELUX LED
Rev. 2.2, 15-Dec-10
VLWB9600 VISHAY-VLWB9600 Datasheet
291Kb / 7P
   TELUX LED
Rev. 1.3, 15-Dec-10
VLWR9630 VISHAY-VLWR9630 Datasheet
299Kb / 7P
   TELUX LED
Rev. 1.5, 14-Jun-12
VLWY9930 VISHAY-VLWY9930 Datasheet
292Kb / 7P
   TELUX LED
Rev. 1.4, 14-Jun-12
VLWB9900 VISHAY-VLWB9900_V01 Datasheet
322Kb / 7P
   TELUX LED
01-Jan-2022
TLWY7900 VISHAY-TLWY7900_V02 Datasheet
303Kb / 9P
   TELUX LED
01-Jan-2023
TLWY8900 VISHAY-TLWY8900_V02 Datasheet
330Kb / 9P
   TELUX LED
01-Jan-2023
VLWW9900 VISHAY-VLWW9900 Datasheet
295Kb / 8P
   TELUX LED
Rev. 1.5, 15-Dec-10
TLWB VISHAY-TLWB Datasheet
280Kb / 14P
   TELUX LED
Rev. 1.8, 14-Jan-05
TLWR9600 VISHAY-TLWR9600_V01 Datasheet
220Kb / 5P
   TELUX LED
13-Jun-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com