Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSOP38336 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VSOP38336
Description  Preamplifier Circuit for IR Remote Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSOP38336 Datasheet(HTML) 5 Page - Vishay Siliconix

  VSOP38336 Datasheet HTML 1Page - Vishay Siliconix VSOP38336 Datasheet HTML 2Page - Vishay Siliconix VSOP38336 Datasheet HTML 3Page - Vishay Siliconix VSOP38336 Datasheet HTML 4Page - Vishay Siliconix VSOP38336 Datasheet HTML 5Page - Vishay Siliconix VSOP38336 Datasheet HTML 6Page - Vishay Siliconix VSOP38336 Datasheet HTML 7Page - Vishay Siliconix VSOP38336 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VSOP383..
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 12-Mar-12
5
Document Number: 82443
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VISHAY LEAD (PB)-FREE REFLOW SOLDER PROFILE
TAPING VERSION VSOP DIMENSIONS in millimeters
0
50
100
150
200
250
300
0
50
100
150
200
250
300
t (s)
255 °C
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 20 s
max. Ramp Up 3 °C/s
max. Ramp Down 6 °C/s
max. 2 cycles allowed
19800


Similar Part No. - VSOP38336

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSOP38336 VISHAY-VSOP38336 Datasheet
242Kb / 9P
   Preamplifier Circuit for IR Remote Control
Rev. 1.1, 17-May-16
More results

Similar Description - VSOP38336

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSOP584 VISHAY-VSOP584 Datasheet
224Kb / 8P
   Preamplifier Circuit for IR Remote Control
Rev. 1.2, 11-Jan-12
VSOP98260 VISHAY-VSOP98260_V01 Datasheet
249Kb / 8P
   Preamplifier Circuit for IR Remote Control
01-Jan-2023
VSOP38336 VISHAY-VSOP38336 Datasheet
242Kb / 9P
   Preamplifier Circuit for IR Remote Control
Rev. 1.1, 17-May-16
VSOP98260 VISHAY-VSOP98260_16 Datasheet
232Kb / 8P
   Preamplifier Circuit for IR Remote Control
Rev. 1.9, 17-May-16
VSOP383 VISHAY-VSOP383_V01 Datasheet
253Kb / 9P
   Preamplifier Circuit for IR Remote Control
01-Jan-2023
logo
TEMIC Semiconductors
U2535B TEMIC-U2535B Datasheet
71Kb / 6P
   Preamplifier for IR Remote Control
logo
Analog Intergrations Co...
AIC1863 AIC-AIC1863 Datasheet
112Kb / 8P
   IR Preamplifier for Remote Control System
logo
Silicon Standard Corp.
SS6863 SSC-SS6863 Datasheet
270Kb / 6P
   IR Preamplifier for Remote Control Systems
logo
NTE Electronics
NTE15004 NTE-NTE15004 Datasheet
21Kb / 2P
   Integrated Circuit Remote Control Preamplifier
logo
AUK corp
SL2055 AUK-SL2055 Datasheet
220Kb / 8P
   PREAMPLIFIER FOR REMOTE CONTROL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com