Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLWTG9900 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLWTG9900
Description  LEDs for Automotive and Outdoor Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLWTG9900 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLWTG9900 Datasheet HTML 1Page - Vishay Siliconix VLWTG9900 Datasheet HTML 2Page - Vishay Siliconix VLWTG9900 Datasheet HTML 3Page - Vishay Siliconix VLWTG9900 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TELUX LEDS
High-performance Vishay TELUX™ LEDs
feature a full color range of devices with a
wide viewing angle and high luminous flux.
TELUX LEDs are especially designed for
rough applications that require a high
luminous intensity. These include automotive
applications such as brake lights, taillights,
and turn signals, as well as outdoor
applications such as traffic signals, message
panels, and warning lights.
TELUX LEDs are offered in red, yellow, true
green, blue, and white versions, and with
a choice of 30°, 45°, and 55° angles of half
intensity or oval emission characteristics
with 25° x 68° and 40° x 90° angles of half
intensity.
With their excellent luminous flux
performance and extended operating
temperature range for AlInGaP from –40 °C
to +110 °C, TELUX LEDs are the premier
solution for all exterior automotive and
outdoor LED applications.
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO
SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VMN-PL2112-1206
2/4
PRODUCT LITERATURE
OPTOELECTRONICS
ON
AND TEC
1 9 6 2 - 2 0 1 2
VI SH AY I N TE R TE C H N O L OGY, I NC .


Similar Part No. - VLWTG9900

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLWTG9900 VISHAY-VLWTG9900 Datasheet
301Kb / 7P
   TELUX LED
Rev. 1.4, 15-Dec-10
VLWTG9900 VISHAY-VLWTG9900 Datasheet
340Kb / 8P
   TELUX LED
01-Jan-2022
VLWTG9900 VISHAY-VLWTG9900_V01 Datasheet
340Kb / 8P
   TELUX LED
01-Jan-2022
More results

Similar Description - VLWTG9900

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA250.A.LBI.001 TAOGLAS-MA250.A.LBI.001 Datasheet
13Mb / 62P
   Ideal for IoT and Automotive Applications
MA252.A.LB.001 TAOGLAS-MA252.A.LB.001 Datasheet
7Mb / 39P
   Ideal for IoT and Automotive Applications
logo
PHOENIX CONTACT
2230001 PHOENIX-2230001 Datasheet
58Kb / 2P
   Suitable for outdoor/indoor applications
logo
Lumileds Lighting Compa...
DS101 LUMILEDS-DS101 Datasheet
1Mb / 19P
   High flux for outdoor applications
logo
PHOENIX CONTACT
2230009 PHOENIX-2230009 Datasheet
57Kb / 2P
   Suitable for outdoor/indoor applications
2230005 PHOENIX-2230005 Datasheet
58Kb / 2P
   Suitable for outdoor/indoor applications
logo
Lumileds Lighting Compa...
PB101 LUMILEDS-PB101 Datasheet
1Mb / 2P
   High flux for outdoor applications
logo
PHOENIX CONTACT
2230002 PHOENIX-2230002 Datasheet
58Kb / 2P
   Suitable for outdoor/indoor applications
logo
Dialog Semiconductor
DA9063L DIALOG-DA9063L Datasheet
2Mb / 173P
   System PMIC for Mobile and Automotive Applications
logo
Renesas Technology Corp
DA9063L RENESAS-DA9063L Datasheet
2Mb / 207P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com